Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Q67100-H5088 Datasheet(PDF) 11 Page - Siemens Semiconductor Group

Part # Q67100-H5088
Description  Picture Processor
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

Q67100-H5088 Datasheet(HTML) 11 Page - Siemens Semiconductor Group

Back Button Q67100-H5088 Datasheet HTML 7Page - Siemens Semiconductor Group Q67100-H5088 Datasheet HTML 8Page - Siemens Semiconductor Group Q67100-H5088 Datasheet HTML 9Page - Siemens Semiconductor Group Q67100-H5088 Datasheet HTML 10Page - Siemens Semiconductor Group Q67100-H5088 Datasheet HTML 11Page - Siemens Semiconductor Group Q67100-H5088 Datasheet HTML 12Page - Siemens Semiconductor Group Q67100-H5088 Datasheet HTML 13Page - Siemens Semiconductor Group Q67100-H5088 Datasheet HTML 14Page - Siemens Semiconductor Group Q67100-H5088 Datasheet HTML 15Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
SDA 9290-5
Semiconductor Group
269
50
SDA
I2C Bus data
input/output
I2C Bus data input/output
51
VS1
Vertical sync input
(50 Hz)
Vertical sync input; determines vertical position of TV
picture for 50-Hz or 60-Hz field frequency
52
V
DD
Positive supply
voltage (+ 5 V)
Positive supply voltage (+ 5 V)
53
FSBQ
Selection of output
format
Switching of data output format:
Low level for 4:1:1 format; high level for 4:2:2 format
54
FSI
Selection of input
format
Switching of data input format: Low level for 4:1:1 format;
high level for 4:2:2 format
55
CLKEN
Connect test pin 2
Has to be grounded (0 V) in normal mode
56
SPEN
Connect test pin 2
Has to be grounded (0 V) in normal mode
57-59
N.C.
Reserved
No connections possible or meaningful
60
V
SS
Ground
Ground (0 V)
61-68
YQ7 …
YQ0
Data outputs
Push-pull outputs for directly driving TV-SAM inputs for
4:1:1 and 4:2:2 modes; (8-bit luminance)
Absolute Maximum Ratings
(all voltages are referred to
V
SS)
Parameter
Symbol
Limit Values
Unit
Remarks
min.
max.
Ambient temperature
T
A
070
°C
Storage temperature
T
stg
– 40
125
°C
Total power dissipation
P
tot
2.5
W
Supply voltage
V
DD
– 0.3
6
V
Input/output voltage
V
I/Q
– 0.3
6
V
Thermal resistance system-air
R
th SA
25
K/W
with heat sink
Operating Range
Supply voltage
V
DD
4.5
5.5
V
Supply current
I
DD
450
mA
Ambient temperature
T
A
070
°C
Pin Definitions and Functions (cont’d)
Pin
No.
Symbol
Function
Description


Similar Part No. - Q67100-H5088

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
Q67100-H5001 SIEMENS-Q67100-H5001 Datasheet
1,019Kb / 12P
   NONVOLATILE MEMORY 2-Kbit EEPROM WITH I2C BUS
Q67100-H5025 SIEMENS-Q67100-H5025 Datasheet
331Kb / 16P
   PLL WITH I2C BUS FOR AM/FM RECEIVERS
Q67100-H5026 SIEMENS-Q67100-H5026 Datasheet
331Kb / 16P
   PLL WITH I2C BUS FOR AM/FM RECEIVERS
Q67100-H5069 SIEMENS-Q67100-H5069 Datasheet
567Kb / 31P
   Triple 8-Bit Analog-to-Digital-Converter
Q67100-H5090 SIEMENS-Q67100-H5090 Datasheet
147Kb / 10P
   Nonvolatile Memory 1-Kbit E2PROM
More results

Similar Description - Q67100-H5088

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SDA9088 SIEMENS-SDA9088 Datasheet
487Kb / 28P
   Picture-in-Picture Processor
SDA9290-6 SIEMENS-SDA9290-6 Datasheet
237Kb / 28P
   Picture Processor
logo
Zoran Corporation
PEP-1 ZORAN-PEP-1 Datasheet
217Kb / 2P
   Picture Enhancement Processor
logo
Siemens Semiconductor G...
SDA9188-3X SIEMENS-SDA9188-3X Datasheet
462Kb / 31P
   Picture-in-Picture Processor with On-Chip PLL
logo
NXP Semiconductors
TDA9170 PHILIPS-TDA9170 Datasheet
321Kb / 22P
   YUV picture improvement processor based on histogram modification
October 1994
logo
Mitsubishi Electric Sem...
M65669SP MITSUBISHI-M65669SP Datasheet
154Kb / 15P
   PICTURE-IN-PICTURE SIGNAL PROCESSING
logo
Renesas Technology Corp
M65667FP RENESAS-M65667FP Datasheet
240Kb / 13P
   Picture-in-Picture Signal Processing
M65665DSP RENESAS-M65665DSP Datasheet
304Kb / 18P
   PICTURE-IN-PICTURE SIGNAL PROCESSING
logo
Mitsubishi Electric Sem...
M65667SP MITSUBISHI-M65667SP Datasheet
53Kb / 8P
   PICTURE-IN-PICTURE SIGNAL PROCESSING
M65664FP MITSUBISHI-M65664FP Datasheet
128Kb / 14P
   PICTURE-IN-PICTURE SIGNAL PROCESSING
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com