Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SDA5275 Datasheet(PDF) 9 Page - Siemens Semiconductor Group

Part # SDA5275
Description  ICs for Consumer Electronics MEGATEXT and MEGATEXT PLUS ICs
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

SDA5275 Datasheet(HTML) 9 Page - Siemens Semiconductor Group

Back Button SDA5275 Datasheet HTML 5Page - Siemens Semiconductor Group SDA5275 Datasheet HTML 6Page - Siemens Semiconductor Group SDA5275 Datasheet HTML 7Page - Siemens Semiconductor Group SDA5275 Datasheet HTML 8Page - Siemens Semiconductor Group SDA5275 Datasheet HTML 9Page - Siemens Semiconductor Group SDA5275 Datasheet HTML 10Page - Siemens Semiconductor Group SDA5275 Datasheet HTML 11Page - Siemens Semiconductor Group SDA5275 Datasheet HTML 12Page - Siemens Semiconductor Group SDA5275 Datasheet HTML 13Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
SDA 5273 / 75
SDA 5273-2 / 75-2
Semiconductor Group
9
1997-09-01
1.2
Pin Definitions and Functions
Pin No.
P-LCC-68-1
Symbol
Function
1
INTQ
Interrupt request output to ext. controller
2
CLK-IO
System clock input/output
3
TCSQ/FLD
Composite sync output/ field output
4
VS/VCS
Vertical sync input/output
5
HS
Horizontal sync input/output
6
XOUT
20.5-MHz crystal oscillator output
7
XIN
20.5-MHz crystal oscillator input
8
GPO
General purpose output
9
TM
Testpin, leave open or connect
V
SS
10
CVBS
CVBS-video signal input
11
V
DD1
+ 5 V digital supply
12
V
DDA
+ 5 V analog supply
13
V
SSA1
Analog ground
14
N.C.
Not connected
15
N.C.
Not connected
16
V
DD2
+ 5 V digital supply
17
RES
Chip reset
18
N.C.
Not connected
19
N.C.
Not connected
20
N.C.
Not connected
21
V
DD3
+ 5 V digital supply
22
N.C.
Not connected
23
V
REF
+ 3 V reference voltage input
24
N.C.
Not connected
25
V
DD4
+ 5 V digital supply
26
A8
External DRAM-address
27
A7
External DRAM-address
28
A6
External DRAM-address
29
A5
External DRAM-address
30
A4
External DRAM-address
31
A3
External DRAM-address
32
A2
External DRAM-address


Similar Part No. - SDA5275

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SDA5231-2 SIEMENS-SDA5231-2 Datasheet
426Kb / 18P
   Data Silcer for Teletext
SDA5231-5 SIEMENS-SDA5231-5 Datasheet
554Kb / 18P
   Data Silcer for Teletext
logo
STMicroelectronics
SDA5243 STMICROELECTRONICS-SDA5243 Datasheet
1Mb / 20P
   COMPUTER-CONTROLLED TELETEXT DECODER
SDA5243/H STMICROELECTRONICS-SDA5243/H Datasheet
1Mb / 20P
   COMPUTER-CONTROLLED TELETEXT DECODER
SDA5243H STMICROELECTRONICS-SDA5243H Datasheet
1Mb / 20P
   COMPUTER-CONTROLLED TELETEXT DECODER
More results

Similar Description - SDA5275

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SDA9280 SIEMENS-SDA9280 Datasheet
249Kb / 43P
   ICs for Consumer Electronics
SDA525X-2 SIEMENS-SDA525X-2 Datasheet
147Kb / 23P
   ICs for Consumer Electronics
SDA9270 SIEMENS-SDA9270 Datasheet
599Kb / 33P
   ICs for Consumer Electronics
logo
Infineon Technologies A...
TDA16846 INFINEON-TDA16846 Datasheet
351Kb / 28P
   ICs for Consumer Electronics
2000-01-14
PEB20320 INFINEON-PEB20320 Datasheet
2Mb / 252P
   ICs for Communications
Version 3.4 01.2000
PEB20550 INFINEON-PEB20550 Datasheet
1Mb / 407P
   ICs for Communications
Versions 1.3 01.96
PEB20570 INFINEON-PEB20570 Datasheet
3Mb / 291P
   ICs for Communications
Version 2.1 2003-08
PXB4340E INFINEON-PXB4340E Datasheet
2Mb / 185P
   ICs for Communications
Version 1.1 04.2000
logo
Siemens Semiconductor G...
TUA4306 SIEMENS-TUA4306 Datasheet
309Kb / 33P
   ICs for Communications
PMB2333 SIEMENS-PMB2333 Datasheet
1Mb / 69P
   ICs for Communications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com