Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI4924DY Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SI4924DY
Description  Asymetrical Dual N-Channel 30-V (D-S) MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI4924DY Datasheet(HTML) 1 Page - Vishay Siliconix

  SI4924DY Datasheet HTML 1Page - Vishay Siliconix SI4924DY Datasheet HTML 2Page - Vishay Siliconix SI4924DY Datasheet HTML 3Page - Vishay Siliconix SI4924DY Datasheet HTML 4Page - Vishay Siliconix SI4924DY Datasheet HTML 5Page - Vishay Siliconix SI4924DY Datasheet HTML 6Page - Vishay Siliconix SI4924DY Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Si4924DY
Vishay Siliconix
Document Number: 71163
S-03950—Rev. B, 26-May-03
www.vishay.com
1
Asymetrical Dual N-Channel 30-V (D-S) MOSFET
PRODUCT SUMMARY
VDS (V)
rDS(on) (W)
ID (A)
Channel 1
0.022 @ VGS = 10 V
6.3
Channel-1
30
0.030 @ VGS = 4.5 V
5.4
Channel 2
30
0.0105 @ VGS = 10 V
11.5
Channel-2
0.0145 @ VGS = 4.5 V
10
S1
D1
G1
D2
S2
D2
G2
D2
SO-8
5
6
7
8
Top View
2
3
4
1
G2
S2
G1
S1
D1
D2
D2 D2
N-Channel 2
MOSFET
N-Channel 1
MOSFET
Ordering Information: Si4924DY
Si4924DY-T1 (with Tape and Reel)
ABSOLUTE MAXIMUM RATINGS (TA = 25_C UNLESS OTHERWISE NOTED)
Channel-1
Channel-2
Parameter
Symbol
10 secs
Steady State
10 secs
Steady State
Unit
Drain-Source Voltage
VDS
30
V
Gate-Source Voltage
VGS
"20
V
Continuous Drain Current (TJ = 150_C)a
TA = 25_C
ID
6.3
5.3
11.5
8.6
Continuous Drain Current (TJ = 150_C)a
TA = 70_C
ID
5.4
4.2
9.5
6.9
A
Pulsed Drain Current
IDM
30
40
A
Continuous Source Current (Diode Conduction)a
IS
1.3
0.9
2.2
1.15
Maximum Power Dissipationa
TA = 25_C
PD
1.4
1.0
2.4
1.25
W
Maximum Power Dissipationa
TA = 70_C
PD
0.9
0.64
1.5
0.80
W
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to 150
_C
THERMAL RESISTANCE RATINGS
Channel-1
Channel-2
Parameter
Symbol
Typ
Max
Typ
Max
Unit
Mi
J
ti
t A bi
ta
t
v 10 sec
R
72
90
43
53
Maximum Junction-to-Ambienta
Steady-State
RthJA
100
125
82
100
_C/W
Maximum Junction-to-Foot (Drain)
Steady-State
RthJC
51
63
25
30
C/W
Notes
a.
Surface Mounted on 1” x 1” FR4 Board.


Similar Part No. - SI4924DY

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SI4920DY FAIRCHILD-SI4920DY Datasheet
217Kb / 5P
   Dual N-Channel, Logic Level, PowerTrench MOSFET
logo
Vishay Siliconix
SI4920DY VISHAY-SI4920DY Datasheet
215Kb / 3P
   Dual N-Channel 30-V (D-S) MOSFET
18-May-04
SI4920DY VISHAY-SI4920DY Datasheet
84Kb / 5P
   Dual N-Channel 30-V (D-S) MOSFET
01-Jan-2022
SI4920DY-T1 VISHAY-SI4920DY-T1 Datasheet
225Kb / 8P
   Dual N-Channel 30-V (D-S) MOSFET
Rev. E, 04-May-09
SI4920DY-T1-E3 VISHAY-SI4920DY-T1-E3 Datasheet
225Kb / 8P
   Dual N-Channel 30-V (D-S) MOSFET
Rev. E, 04-May-09
More results

Similar Description - SI4924DY

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI7212DN VISHAY-SI7212DN Datasheet
94Kb / 6P
   Dual N-Channel 30-V (D-S) MOSFET
Rev. B, 13-Jun-05
logo
DinTek Semiconductor Co...
DTM4936 DINTEK-DTM4936 Datasheet
294Kb / 9P
   Dual N-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI4932DY VISHAY-SI4932DY Datasheet
111Kb / 7P
   Dual N-Channel 30-V (D-S) MOSFET
Rev. A, 22-Dec-08
SIZ340DT VISHAY-SIZ340DT Datasheet
372Kb / 14P
   Dual N-Channel 30 V (D-S) MOSFET
Rev. B, 24-Mar-14
logo
Analog Power
AM6926NH ANALOGPOWER-AM6926NH Datasheet
398Kb / 5P
   Dual N-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI4276DY-T1-E3 VISHAY-SI4276DY-T1-E3 Datasheet
232Kb / 14P
   Dual N-Channel 30 V (D-S) MOSFET
Rev. A, 11-Apr-11
SI4276DY VISHAY-SI4276DY Datasheet
304Kb / 15P
   Dual N-Channel 30 V (D-S) MOSFET
Rev. A, 31-May-10
SI5906DU VISHAY-SI5906DU Datasheet
164Kb / 10P
   Dual N-Channel 30-V (D-S) MOSFET
Rev. A, 20-Jul-09
SI7212DN VISHAY-SI7212DN_09 Datasheet
549Kb / 12P
   Dual N-Channel 30-V (D-S) MOSFET
Rev. F, 14-Sep-09
logo
Analog Power
AM4934N ANALOGPOWER-AM4934N Datasheet
95Kb / 3P
   Dual N-Channel 30-V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com