Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SL1454 Datasheet(PDF) 8 Page - Zarlink Semiconductor Inc

Part # SL1454
Description  WIDEBAND LINEAR FM DETECTOR FOR SATELLITE TV
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

SL1454 Datasheet(HTML) 8 Page - Zarlink Semiconductor Inc

  SL1454 Datasheet HTML 1Page - Zarlink Semiconductor Inc SL1454 Datasheet HTML 2Page - Zarlink Semiconductor Inc SL1454 Datasheet HTML 3Page - Zarlink Semiconductor Inc SL1454 Datasheet HTML 4Page - Zarlink Semiconductor Inc SL1454 Datasheet HTML 5Page - Zarlink Semiconductor Inc SL1454 Datasheet HTML 6Page - Zarlink Semiconductor Inc SL1454 Datasheet HTML 7Page - Zarlink Semiconductor Inc SL1454 Datasheet HTML 8Page - Zarlink Semiconductor Inc SL1454 Datasheet HTML 9Page - Zarlink Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
6
SL1454
HEADQUARTERS OPERATIONS
GEC PLESSEY SEMICONDUCTORS
Cheney Manor, Swindon,
Wiltshire SN2 2QW, United Kingdom.
Tel: (0793) 518000
Fax: (0793) 518411
GEC PLESSEY SEMICONDUCTORS
P.O. Box 660017
1500 Green Hills Road,
Scotts Valley, CA95067-0017
United States of America.
Tel (408) 438 2900
Fax: (408) 438 5576
CUSTOMER SERVICE CENTRES
q FRANCE & BENELUX Les Ulis Cedex Tel: (1) 64 46 23 45 Tx: 602858F
Fax : (1) 64 46 06 07
q GERMANY Munich Tel: (089) 3609 06-0 Tx: 523980 Fax : (089) 3609 06-55
q ITALY Milan Tel: (02) 66040867 Fax: (02) 66040993
q JAPAN Tokyo Tel: (03) 3296-0281 Fax: (03) 3296-0228
q NORTH AMERICA Integrated Circuits and Microwave Products, Scotts Valley, USA
Tel: (408) 438 2900 Fax: (408) 438 7023.
Hybrid Products, Farmingdale, USA Tel (516) 293 8686 Fax: (516) 293 0061.
q SOUTH EAST ASIA Singapore Tel: (65) 3827708 Fax: (65) 3828872
q SWEDEN Stockholm Tel: 4687029770 Fax: 4686404736
q UK, EIRE, DENMARK, FINLAND & NORWAY
Swindon Tel: (0793) 518510 Tx: 444410 Fax : (0793) 518582
These are supported by Agents and Distributors in major countries world-wide.
© GEC Plessey Semiconductors 1993 Publication No. DS2039 Issue No. 2.1 September 1993
This publication is issued to provide information only which (unless agreed by the Company in writing) may not be used, applied or reproduced for any purpose nor form part of any order or contract nor to be regarded
as a representation relating to the products or services concerned. No warranty or guarantee express or implied is made regarding the capability, performance or suitability of any product or service. The Company
reserves the right to alter without prior knowledge the specification, design or price of any product or service. Information concerning possible methods of use is provided as a guide only and does not constitute
any guarantee that such methods of use will be satisfactory in a specific piece of equipment. It is the user's responsibility to fully determine the performance and suitability of any equipment using such information
and to ensure that any publication or data used is up to date and has not been superseded. These products are not suitable for use in any medical products whose failure to perform may result in significant injury
or death to the user. All products and materials are sold and services provided subject to the Company's conditions of sale, which are available on request.
PACKAGE DETAILS
Dimensions are shown thus: mm (in)
0·51 (0·02)
MIN
8 LEADS AT
2·54 (0·10) NOM. SPACING
0·38/0·61
(0·015/0·24)
10·16 (0·40)
MAX
8-LEAD PLASTIC DIL – DP8
1
8
3·05 (0·120)
MIN
PIN 1 REF
NOTCH
0·23/0·41
(0·009/0·016)
7·62 (0·3)
NOM CTRS
7·11 (0·28)
MAX
5·08/(0·20)
MAX
This package outline diagram is for
guidance only. Please contact your
GPS Customer Service Centre for
further information.
1·14/1·65
(0·045/0·107)


Similar Part No. - SL1454

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
SL1451 ZARLINK-SL1451 Datasheet
70Kb / 5P
   WIDEBAND PLL FM DETECTOR FOR SATELLITE TV
SL1451NADP ZARLINK-SL1451NADP Datasheet
70Kb / 5P
   WIDEBAND PLL FM DETECTOR FOR SATELLITE TV
SL1452 ZARLINK-SL1452 Datasheet
147Kb / 8P
   WIDEBAND LINEAR FM DETECTOR FOR SATELLITE TV
SL1452NADP ZARLINK-SL1452NADP Datasheet
147Kb / 8P
   WIDEBAND LINEAR FM DETECTOR FOR SATELLITE TV
SL1452NAMP ZARLINK-SL1452NAMP Datasheet
147Kb / 8P
   WIDEBAND LINEAR FM DETECTOR FOR SATELLITE TV
More results

Similar Description - SL1454

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
SL1452 ZARLINK-SL1452 Datasheet
147Kb / 8P
   WIDEBAND LINEAR FM DETECTOR FOR SATELLITE TV
SL1451 ZARLINK-SL1451 Datasheet
70Kb / 5P
   WIDEBAND PLL FM DETECTOR FOR SATELLITE TV
logo
NXP Semiconductors
TDA8012M PHILIPS-TDA8012M Datasheet
94Kb / 16P
   Low power PLL FM demodulator for satellite TV receivers
1996 Mar 26
TDA8012AM PHILIPS-TDA8012AM Datasheet
99Kb / 16P
   Low power PLL FM demodulator for satellite TV receivers
1997 May 26
logo
NTE Electronics
NTE712 NTE-NTE712 Datasheet
25Kb / 3P
   Integrated Circuit TV/FM Sound IF Detector
logo
Panasonic Semiconductor
AN5215 PANASONIC-AN5215 Datasheet
155Kb / 2P
   TV Sound-IF Amplifier, FM Detector IC
AN5220 PANASONIC-AN5220 Datasheet
114Kb / 3P
   TV SOUND IF AMPLIFIER FM DETECTOR CIRCUITS
logo
M/A-COM Technology Solu...
MAAL-009053 MA-COM-MAAL-009053 Datasheet
939Kb / 9P
   Satellite TV Amplifier
logo
NTE Electronics
NTE1162 NTE-NTE1162 Datasheet
22Kb / 2P
   Integrated Circuit TV Sound IF Amp & FM Detector
logo
M/A-COM Technology Solu...
MAAL-011119 MA-COM-MAAL-011119 Datasheet
953Kb / 8P
   Satellite TV Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com