Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSM6N05FU Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # SSM6N05FU
Description  TOSHIBA Field Effect Transistor Silicon N Channel MOS Type
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

SSM6N05FU Datasheet(HTML) 4 Page - Toshiba Semiconductor

  SSM6N05FU Datasheet HTML 1Page - Toshiba Semiconductor SSM6N05FU Datasheet HTML 2Page - Toshiba Semiconductor SSM6N05FU Datasheet HTML 3Page - Toshiba Semiconductor SSM6N05FU Datasheet HTML 4Page - Toshiba Semiconductor SSM6N05FU Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
SSM6N05FU
2002-01-17
4
(Q1, Q2 common)
Drain-Source voltage VDS (V)
IDR – VDS
Drain-Source voltage VDS (V)
C – VDS
Drain current ID (mA)
t – ID
Ambient temperature Ta (°C)
PD* – Ta
0
0
-0.2
-0.4
-0.6
-0.8
-1.0
-1.2
-1.4
200
400
600
800
1000
Common Source
VGS = 0
Ta
= 25°C
IDR
G
D
S
1
0.1
0.3
1
3
10
30
3
5
10
30
50
100
Common Source
VGS = 0
f
= 1 MHz
Ta
= 25°C
Ciss
Coss
Crss
10
1
3
10
30
100
300
30
50
100
300
500
1000
Common Source
VDD = 3 V
VGS = 0~2.5 V
Ta
= 25°C
toff
tf
ton
tr
*: Total rating
0
0
20
40
60
80
100
120
140
160
100
200
300
400
Mounted on FR4 board.
(25.4 mm
´ 25.4 mm ´ 1.6 t
Cu Pad: 0.32 mm
2
´ 6)


Similar Part No. - SSM6N05FU

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
SSM6N05FU TOSHIBA-SSM6N05FU Datasheet
153Kb / 5P
   High Speed Switching Applications
SSM6N05FU TOSHIBA-SSM6N05FU_07 Datasheet
153Kb / 5P
   High Speed Switching Applications
More results

Similar Description - SSM6N05FU

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
K15A50D TOSHIBA-K15A50D Datasheet
256Kb / 6P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (MOS)
HN1K04FU TOSHIBA-HN1K04FU Datasheet
124Kb / 5P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type
SSM3K17FU TOSHIBA-SSM3K17FU Datasheet
234Kb / 5P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type
SSM6N04FU TOSHIBA-SSM6N04FU Datasheet
175Kb / 5P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type
TK8A60DA TOSHIBA-TK8A60DA Datasheet
266Kb / 6P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type
SSM3K35CT TOSHIBA-SSM3K35CT Datasheet
215Kb / 5P
   TOSHIBA Field-Effect Transistor Silicon N-Channel MOS Type
SSM3K44FS TOSHIBA-SSM3K44FS Datasheet
171Kb / 5P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type
SSM3K44MFV TOSHIBA-SSM3K44MFV Datasheet
204Kb / 5P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type
SSM3K116TU TOSHIBA-SSM3K116TU_14 Datasheet
166Kb / 5P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type
SSM6K202FE TOSHIBA-SSM6K202FE_14 Datasheet
194Kb / 5P
   TOSHIBA Field-Effect Transistor Silicon N-Channel MOS Type
2SK3759 TOSHIBA-2SK3759 Datasheet
91Kb / 6P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type ( -MOS??
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com