Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC55W800FT Datasheet(PDF) 11 Page - Toshiba Semiconductor

Part # TC55W800FT
Description  524,288-WORD BY 16-BIT/1,048,576-WORD BY 8-BIT FULL CMOS STATIC RAM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC55W800FT Datasheet(HTML) 11 Page - Toshiba Semiconductor

Back Button TC55W800FT Datasheet HTML 5Page - Toshiba Semiconductor TC55W800FT Datasheet HTML 6Page - Toshiba Semiconductor TC55W800FT Datasheet HTML 7Page - Toshiba Semiconductor TC55W800FT Datasheet HTML 8Page - Toshiba Semiconductor TC55W800FT Datasheet HTML 9Page - Toshiba Semiconductor TC55W800FT Datasheet HTML 10Page - Toshiba Semiconductor TC55W800FT Datasheet HTML 11Page - Toshiba Semiconductor TC55W800FT Datasheet HTML 12Page - Toshiba Semiconductor TC55W800FT Datasheet HTML 13Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
TC55W800FT-55,-70
2001-10-03
11/13
DATA RETENTION CHARACTERISTICS (Ta
==== ----40° to 85°C)
SYMBOL
PARAMETER
MIN
TYP
MAX
UNIT
VDH
Data Retention Supply Voltage
1.5
¾
3.3
V
VDH = 3.3 V Ta = -40~85°C
¾
¾
10
Ta
= -40~40°C
¾
¾
1
IDDS2
Standby Current
VDH = 3.0 V
Ta
= -40~85°C
¾
¾
5
mA
tCDR
Chip Deselect to Data Retention Mode Time
0
¾
¾
ns
tR
Recovery Time
tRC
(See Note)
¾
¾
ns
Note:
Read cycle time
CONTROLLED DATA RETENTION MODE
(See Note 1)
CE2 CONTROLLED DATA RETENTION MODE
(See Note 3)
Note:
(1)
In CE1 controlled data retention mode, minimum standby current mode is entered when CE2 £ 0.2 V or
CE2 ³ VDD - 0.2 V.
(2)
When CE1 is operating at the VIH level, the operating current is given by IDDS1 during the transition
of VDD from 2.3 to 2.2V.
(3)
In CE2 controlled data retention mode, minimum standby current mode is entered when CE2 £ 0.2 V.
CE1
VDD
2.3 V
GND
VIH
DATA RETENTION MODE
tR
(See Note 2)
(See Note 2)
tCDR
VDD - 0.2 V
1
CE
VDD
VDD
VDD
2.3 V
GND
VIL
DATA RETENTION MODE
tR
tCDR
0.2 V
VIH
CE2
VDD


Similar Part No. - TC55W800FT

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC55W800XB7 TOSHIBA-TC55W800XB7 Datasheet
200Kb / 12P
   524,288-WORD BY 16-BIT FULL CMOS STATIC RAM
TC55W800XB8 TOSHIBA-TC55W800XB8 Datasheet
200Kb / 12P
   524,288-WORD BY 16-BIT FULL CMOS STATIC RAM
More results

Similar Description - TC55W800FT

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC55W1600FT TOSHIBA-TC55W1600FT Datasheet
202Kb / 13P
   1,048,576-WORD BY 16-BIT/2,097,152-WORD BY 8-BIT FULL CMOS STATIC RAM
TC55VBM416AFTN55 TOSHIBA-TC55VBM416AFTN55 Datasheet
204Kb / 14P
   1,048,576-WORD BY 16-BIT/2,097,152-WORD BY 8-BIT FULL CMOS STATIC RAM
TC55W800XB7 TOSHIBA-TC55W800XB7 Datasheet
200Kb / 12P
   524,288-WORD BY 16-BIT FULL CMOS STATIC RAM
TC55VCM416BTGN55 TOSHIBA-TC55VCM416BTGN55 Datasheet
238Kb / 18P
   1,048,576-WORD BY 16-BIT FULL CMOS STATIC RAM
TC55VEM416AXBN55 TOSHIBA-TC55VEM416AXBN55 Datasheet
208Kb / 14P
   1,048,576-WORD BY 16-BIT FULL CMOS STATIC RAM
TC55V040AFT-55 TOSHIBA-TC55V040AFT-55 Datasheet
105Kb / 11P
   524,288-WORD BY 8-BIT FULL CMOS STATIC RAM
TC55VCM208ASTN40 TOSHIBA-TC55VCM208ASTN40 Datasheet
111Kb / 12P
   524,288-WORD BY 8-BIT FULL CMOS STATIC RAM
TC55V4000ST-70 TOSHIBA-TC55V4000ST-70 Datasheet
169Kb / 10P
   524,288-WORD BY 8-BIT STATIC RAM
TC55NEM208AFPV TOSHIBA-TC55NEM208AFPV Datasheet
120Kb / 11P
   524,288-WORD BY 8-BIT STATIC RAM
TC551402J TOSHIBA-TC551402J Datasheet
343Kb / 7P
   4,194,304 WORD BY 1-BIT/1,048,576 WORD BY 4 BIT CMOS STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com