Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMCJ33A Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # SMCJ33A
Description  1500 Watt Transient Voltage Suppressors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

SMCJ33A Datasheet(HTML) 2 Page - Fairchild Semiconductor

  SMCJ33A Datasheet HTML 1Page - Fairchild Semiconductor SMCJ33A Datasheet HTML 2Page - Fairchild Semiconductor SMCJ33A Datasheet HTML 3Page - Fairchild Semiconductor SMCJ33A Datasheet HTML 4Page - Fairchild Semiconductor SMCJ33A Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SMCJ5.0(C)A-SMCJ170(C)A, Rev. B1
Transient Voltage Supressors
(continued)
Electrical Characteristics
T
A
= 25°C unless otherwise noted
Uni-directional
Bi-directional (C)
Device
Part
Marking
Reverse
Stand-off Voltage
VRWM (V)
Breakdown Voltage
VBR (V)
min
max
Test
Current
IT (mA)
Max Clamping
Voltage @IPPM
VC (V)
Max Peak Pulse
Surge Current
IPPM (A)
Max Reverse
Leakage VRWM
IR (uA)*
SMCJ5.0(C)A
GDE(BDE)
5.0
6.40
7.0
10
9.2
163.0
1000
SMCJ6.0(C)A
GDG(BDG)
6.0
6.67
7.37
10
10.3
145.6
1000
SMCJ6.5(C)A
GDK(BDK)
6.5
7.22
7.98
10
11.2
133.9
500
SMCJ7.0(C)A
GDM(BDM)
7.0
7.78
8.60
10
12.0
125.0
200
SMCJ7.5(C)A
GDP(BDP)
7.5
8.33
9.21
1
12.9
116.3
100
SMCJ8.0(C)A
GDR(BDR)
8.0
8.89
9.83
1
13.6
110.3
50
SMCJ8.5(C)A
GDT(BDT)
8.5
9.44
10.4
1
14.4
104.2
20
SMCJ9.0(C)A
GDV(BDV)
9.0
10.0
11.1
1
15.4
97.4
10
SMCJ10(C)A
GDX(BDX)
10
11.1
12.3
1
17.0
88.2
5
SMCJ11(C)A
GDZ(BDZ)
11
12.2
13.5
1
18.2
82.4
5
SMCJ12(C)A
GEE(BEE)
12
13.3
14.7
1
19.9
75.3
5
SMCJ13(C)A
GEG(BEG)
13
14.4
15.9
1
21.5
69.8
5
SMCJ14(C)A
GEK(BEK)
14
15.6
17.2
1
23.2
64.7
5
SMCJ15(C)A
GEM(BEM)
15
16.7
18.5
1
24.4
61.5
5
SMCJ16(C)A
GEP(BEP)
16
17.8
19.7
1
26.0
57.7
5
SMCJ17(C)A
GER(BER)
17
18.9
20.9
1
27.6
54.3
5
SMCJ18(C)A
GET(BET)
18
20.0
22.1
1
29.2
51.4
5
SMCJ20(C)A
GEV(BEV)
20
22.2
24.5
1
32.4
46.3
5
SMCJ22(C)A
GEX(BEX)
22
24.4
26.9
1
35.5
42.3
5
SMCJ24(C)A
GEZ(BEZ)
24
26.7
29.5
1
38.9
38.6
5
SMCJ26(C)A
GFE(BFE)
26
28.9
31.9
1
42.1
35.6
5
SMCJ28(C)A
GFG(BFG)
28
31.1
34.4
1
45.4
33.0
5
SMCJ30(C)A
GFK(BFK)
30
33.3
36.8
1
48.4
31.0
5
SMCJ33(C)A
GFM(BFM)
33
36.7
40.6
1
53.3
28.1
5
SMCJ36(C)A
GFP(BFP)
36
40.0
44.2
1
58.1
25.8
5
SMCJ40(C)A
GFR(BFR)
40
44.4
49.1
1
64.5
23.3
5
SMCJ43(C)A
GFT(BFT)
43
47.8
52.8
1
69.4
21.6
5
SMCJ45(C)A
GFV(BFV)
45
50.0
55.3
1
72.7
20.6
5
SMCJ48(C)A
GFX(BFX)
48
53.3
58.9
1
77.4
19.4
5
SMCJ51(C)A
GFZ(BFZ)
51
56.7
62.7
1
82.4
18.2
5
SMCJ54(C)A
GGE(BGE)
54
60.0
66.3
1
87.1
17.2
5
SMCJ58(C)A
GGG(BGG)
58
64.4
71.2
1
93.6
16.0
5
SMCJ60(C)A
GGK(BGK)
60
66.7
73.7
1
96.8
15.5
5
SMCJ64(C)A
GGM(BGM)
64
71.1
78.6
1
103.0
14.6
5
SMCJ70(C)A
GGP(BGP)
70
77.8
86.0
1
113.0
13.3
5
SMCJ75(C)A
GGR(BGR)
75
83.3
92.1
1
121.0
12.4
5
SMCJ78(C)A
GGT(BGT)
78
86.7
95.8
1
126.0
11.9
5
SMCJ85(C)A
GGV(BGV)
85
94.4
104.0
1
137.0
10.9
5
SMCJ90(C)A
GGX(BGX)
90
100.0
111.1
1
146.0
10.3
5
SMCJ100(C)A
GGZ(BGZ)
100
111.0
123.0
1
162.0
9.3
5
SMCJ110(C)A
GHE(BHE)
110
122.0
135.0
1
177.0
8.5
5
SMCJ120(C)A
GHG(BHG)
120
133.0
147.0
1
193.0
7.8
5
SMCJ130(C)A
GHK(BHK)
130
144.0
159.0
1
209.0
7.2
5
SMCJ150(C)A
GHM(BHM)
150
167.0
185.0
1
243.0
6.2
5
SMCJ160(C)A
GHP(BHP)
160
178.0
197.0
1
259.0
5.8
5
SMCJ170(C)A
GHR(BHR)
170
189.0
209.0
1
275.0
5.5
5
* For bidirectional parts with V
RWM<10V, the IR max limit is doubled.


Similar Part No. - SMCJ33A

ManufacturerPart #DatasheetDescription
logo
Dc Components
SMCJ33A DCCOM-SMCJ33A Datasheet
1Mb / 4P
   TECHNICAL SPECIFICATIONS OF SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Microsemi Corporation
SMCJ33A MICROSEMI-SMCJ33A Datasheet
205Kb / 4P
   SURFACE MOUNT 1500 Watt Transient Voltage Suppressor
logo
Yangzhou yangjie electr...
SMCJ33A YANGJIE-SMCJ33A Datasheet
198Kb / 5P
   Transient Voltage Suppressor Diodes
logo
SHIKUES Electronics
SMCJ33A SKTECHNOLGY-SMCJ33A Datasheet
1Mb / 4P
   Rating to 200C VBR
logo
Taiwan Semiconductor Co...
SMCJ33A TSC-SMCJ33A Datasheet
465Kb / 5P
   1500 Watts Surface Mount Transient Voltage Suppressor
More results

Similar Description - SMCJ33A

ManufacturerPart #DatasheetDescription
logo
Littelfuse
15KE68 LITTELFUSE-15KE68 Datasheet
92Kb / 3P
   1500 WATT AXIAL TRANSIENT VOLTAGE SUPPRESSORS
logo
ON Semiconductor
1N6267A ONSEMI-1N6267A_05 Datasheet
78Kb / 8P
   1500 Watt Mosorb Zener Transient Voltage Suppressors
July, 2005 ??Rev. 7
1.5KE18CARL4 ONSEMI-1.5KE18CARL4 Datasheet
211Kb / 7P
   1500 Watt Mosorb??Zener Transient Voltage Suppressors
August, 2006 ??Rev. 3
logo
Goodwork Semiconductor ...
1.5KE GWSEMI-1.5KE Datasheet
178Kb / 4P
   1500 WATT PEAK POWER TRANSIENT VOLTAGE SUPPRESSORS
logo
ON Semiconductor
15KE68CA ONSEMI-15KE68CA Datasheet
58Kb / 8P
   1500 Watt Mosorb Zener Transient Voltage Suppressors
February, 2002 ??Rev. 2
logo
Bytes
15KE BYTES-15KE Datasheet
304Kb / 4P
   1500 WATT PEAK POWER TRANSIENT VOLTAGE SUPPRESSORS
logo
UNIOHM CORPORATION
1.5KE UNIOHM-1.5KE Datasheet
87Kb / 4P
   1500 WATT PEAK POWER TRANSIENT VOLTAGE SUPPRESSORS
logo
ON Semiconductor
1.5SMC6.8AT3G ONSEMI-1.5SMC6.8AT3G Datasheet
175Kb / 7P
   1500 Watt Peak Power Zener Transient Voltage Suppressors
February, 2012 ??Rev. 10
15SMC68AT3 ONSEMI-15SMC68AT3 Datasheet
82Kb / 8P
   1500 Watt Peak Power Zener Transient Voltage Suppressors
April, 2004 ??Rev. 5
1SMC5.0AT3G ONSEMI-1SMC5.0AT3G Datasheet
174Kb / 7P
   1500 Watt Peak Power Zener Transient Voltage Suppressors
February, 2012 ??Rev. 8
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com