Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

U2894B-AFSG3 Datasheet(PDF) 5 Page - TEMIC Semiconductors

Part # U2894B-AFSG3
Description  Modulation PLL for GSM, DCS and PCS Systems
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

U2894B-AFSG3 Datasheet(HTML) 5 Page - TEMIC Semiconductors

  U2894B-AFSG3 Datasheet HTML 1Page - TEMIC Semiconductors U2894B-AFSG3 Datasheet HTML 2Page - TEMIC Semiconductors U2894B-AFSG3 Datasheet HTML 3Page - TEMIC Semiconductors U2894B-AFSG3 Datasheet HTML 4Page - TEMIC Semiconductors U2894B-AFSG3 Datasheet HTML 5Page - TEMIC Semiconductors U2894B-AFSG3 Datasheet HTML 6Page - TEMIC Semiconductors U2894B-AFSG3 Datasheet HTML 7Page - TEMIC Semiconductors U2894B-AFSG3 Datasheet HTML 8Page - TEMIC Semiconductors U2894B-AFSG3 Datasheet HTML 9Page - TEMIC Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
U2894B
Rev. A4, 30-Sep-98
5 (16)
Electrical Characteristics (continued)
Tamb = 25°C, VS = 2.7 to 5.5 V
Parameters
Test Conditions / Pin
Symbol
Min.
Typ.
Max.
Unit
Mixer (1900 MHz)
RF input level
0.5 to 2 GHz
P19RF
–23
–17
dBm
LO-spurious at
RF/NRF ports
@ P19MIXLO = –10 dBm
@ P19RF = –15 dBm
SP19RF
–40
dBm
MIXLO input level
0.05 to 2 GHz
P19MIXLO
–22
–12
dBm
MIXO (100
W load)
Output level 6)
@ P19MIXLO = –17 dBm
P19MIXO
55
mVrms
Carrier suppression
@ P19MIXLO = –17 dBm
CS19MIXO
–20
dBc
Charge-pump output CPO (VVSP = 5 V; VCPO = 2.5 V)
Pump-current pulse
CPC open for DC
| ICPO |
0.7
1
1.3
mA
pp
RCPC = 2.2 kΩ 7)
| ICPO 2 |
1.4
2
2.6
mA
PCPC = 680 Ω 7)
| ICPO_4 |
3
4
5
mA
TK pump current
Tk_| ICPC |
15
%/100
°K
Mismatch source / sink
current
(ICPOSI – ICPOSO)/ICPOSI
ICPOSO = Isourc
ICPOSI = Isink
MICPO
0.1
Sensivity to VSP
|
DI
CPO
I
CPO
|| D
VSP
VSP
|
SICPO
0.1
VCPO voltage range
VCPO
0.5
VVSP–0.6
V
Charge-pump control input CPC
Compensation capacitor
CCPC
500
pF
Short circuit current 8)
CPC grounded
| ICPCK |
1.6
mA
Mode control
Sink current
VMC = VS
IMC
60
mA
Power-up input PU (power-up for all functions, except mixer)
Settling time
Output power within 10%
of steady state values
SPU
5
10
ms
High level
Active
VPUH
2.4
V
Low level
Standby
VPUL
0
0.4
V
High-level current
Active, VPUH = 2.7 V
IPUH
0.26
mA
Low-level current
Standby, VPUL = 0.4 V
IPUL
–1
20
mA
Power-up input PUMIX (power-up for mixer only)
Settling time
Output power within 10%
of steady state values
tsetl
5
10
ms
High level
Active
VPUMIXH
2.4
VS2
V
Low level
Standby
VPUMIXL
0
0.4
V
High-level current
Active, VPUMIXH = 2.7 V
IPUMIXH
0.26
mA
Low-level current
Standby,
VPUMIXL = 0.4 V
IPUMIXL
–1
20
mA
6)
– 1 dB compression point (CP – 1)
7)
RCPC: external resistor to GND for charge–pump current control
8)
See figure 7.


Similar Part No. - U2894B-AFSG3

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
U2891B TEMIC-U2891B Datasheet
64Kb / 6P
   2.5 GHz Quadrature Up-Converter
U2891B-AFS TEMIC-U2891B-AFS Datasheet
64Kb / 6P
   2.5 GHz Quadrature Up-Converter
U2891B-AFSG3 TEMIC-U2891B-AFSG3 Datasheet
64Kb / 6P
   2.5 GHz Quadrature Up-Converter
U2893B TEMIC-U2893B Datasheet
294Kb / 14P
   Modulation PLL for GSM, DCS and PCS Systems
logo
List of Unclassifed Man...
U2895B ETC-U2895B Datasheet
803Kb / 16P
   Modulation PLL for GSM, DCS and PCS Systems
More results

Similar Description - U2894B-AFSG3

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
U2893B TEMIC-U2893B Datasheet
294Kb / 14P
   Modulation PLL for GSM, DCS and PCS Systems
logo
List of Unclassifed Man...
U2895B ETC-U2895B Datasheet
803Kb / 16P
   Modulation PLL for GSM, DCS and PCS Systems
logo
TEMIC Semiconductors
U2896B TEMIC-U2896B Datasheet
581Kb / 13P
   Modulation PLL for GSM, DCS and PCS Systems
logo
NXP Semiconductors
CGY2014ATW PHILIPS-CGY2014ATW Datasheet
73Kb / 12P
   GSM/DCS/PCS power amplifier
2000 Nov 28
logo
STMicroelectronics
STB7003 STMICROELECTRONICS-STB7003 Datasheet
221Kb / 9P
   TRI-BAND GSM/DCS/PCS LNA
logo
TriQuint Semiconductor
854823 TRIQUINT-854823_15 Datasheet
41Kb / 1P
   86.6 MHz Bandpass Filter for GSM / DCS / PCS Applications
logo
RF Micro Devices
RF3108 RFMD-RF3108 Datasheet
195Kb / 10P
   TRIPLE-BAND GSM/DCS/PCS POWER AMP MODULE
logo
NXP Semiconductors
UAA3535HL PHILIPS-UAA3535HL Datasheet
118Kb / 24P
   Low power GSM/DCS/PCS multi-band transceiver
2000 Feb 17
logo
RF Micro Devices
RF3108 RFMD-RF3108_06 Datasheet
220Kb / 10P
   TRIPLE-BAND GSM/DCS/PCS POWER AMP MODULE
RF3110 RFMD-RF3110 Datasheet
198Kb / 12P
   TRIPLE-BAND GSM/DCS/PCS POWER AMP MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com