Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

10MQ100NTRPBF Datasheet(PDF) 1 Page - International Rectifier

Part # 10MQ100NTRPBF
Description  SCHOTTKY RECTIFIER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

10MQ100NTRPBF Datasheet(HTML) 1 Page - International Rectifier

  10MQ100NTRPBF Datasheet HTML 1Page - International Rectifier 10MQ100NTRPBF Datasheet HTML 2Page - International Rectifier 10MQ100NTRPBF Datasheet HTML 3Page - International Rectifier 10MQ100NTRPBF Datasheet HTML 4Page - International Rectifier 10MQ100NTRPBF Datasheet HTML 5Page - International Rectifier 10MQ100NTRPBF Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
SCHOTTKY RECTIFIER
2.1 Amp
10MQ100N
Bulletin PD-20520 rev. M 0
7/04
1
Major Ratings and Characteristics
I
F
DC
2.1
A
V
RRM
100
V
I
FSM @ tp = 5 µs sine
120
A
V
F
@1.5Apk, T
J=125°C
0.68
V
T
J
range
- 55 to 150
°C
Characteristics
10MQ100N Units
The 10MQ100N surface mount Schottky rectifier has been de-
signed for applications requiring low forward drop and very small
foot prints on PC boards. Typical applications are in disk drives,
switchingpowersupplies,converters,free-wheelingdiodes,battery
charging, and reverse battery protection.
Small foot print, surface mountable
Low forward voltage drop
High frequency operation
Guard ring for enhanced ruggedness and long term
reliability
Description/ Features
www.irf.com
Case Styles
10MQ100N
SMA
IF(AV) = 2.1Amp
VR = 100V


Similar Part No. - 10MQ100NTRPBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
10MQ100NTRPBF VISHAY-10MQ100NTRPBF Datasheet
98Kb / 5P
   Schottky Rectifier, 2.1 A
Revision: 16-Apr-08
10MQ100NTRPBF VISHAY-10MQ100NTRPBF Datasheet
111Kb / 6P
   Schottky Rectifier, 2.1 A
Revision: 03-Mar-10
More results

Similar Description - 10MQ100NTRPBF

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SED120LB100 SSDI-SED120LB100_1 Datasheet
98Kb / 2P
   Schottky Rectifier
logo
Yangzhou yangjie electr...
SS22A YANGJIE-SS22A Datasheet
168Kb / 2P
   Schottky Rectifier
logo
International Rectifier
MBRB1035PBF IRF-MBRB1035PBF Datasheet
201Kb / 7P
   SCHOTTKY RECTIFIER
logo
Sirectifier Semiconduct...
MBR3060CT SIRECTIFIER-MBR3060CT Datasheet
133Kb / 2P
   SCHOTTKY RECTIFIER
logo
International Rectifier
153CNQ100 IRF-153CNQ100 Datasheet
64Kb / 4P
   SCHOTTKY RECTIFIER
30CLJQ100 IRF-30CLJQ100 Datasheet
51Kb / 4P
   SCHOTTKY RECTIFIER
30LJQ150 IRF-30LJQ150 Datasheet
51Kb / 4P
   SCHOTTKY RECTIFIER
logo
Fairchild Semiconductor
FMKA130L FAIRCHILD-FMKA130L Datasheet
63Kb / 2P
   Schottky Rectifier
logo
International Rectifier
160CNQ IRF-160CNQ Datasheet
89Kb / 5P
   SCHOTTKY RECTIFIER
logo
Sensitron
SHD125044P SENSITRON-SHD125044P Datasheet
84Kb / 3P
   SCHOTTKY RECTIFIER
163CMQ SENSITRON-163CMQ Datasheet
143Kb / 4P
   SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com