Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8GBU06 Datasheet(PDF) 2 Page - International Rectifier

Part # 8GBU06
Description  8.0 Amps Single Phase Full Wave
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

8GBU06 Datasheet(HTML) 2 Page - International Rectifier

  8GBU06 Datasheet HTML 1Page - International Rectifier 8GBU06 Datasheet HTML 2Page - International Rectifier 8GBU06 Datasheet HTML 3Page - International Rectifier 8GBU06 Datasheet HTML 4Page - International Rectifier 8GBU06 Datasheet HTML 5Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
8GBU Series
2
Bulletin I2719 rev. F 11/02
www.irf.com
I
O
Maximum DC output current
8.0
A
T
C = 100°C, Resistive & inductive load
6.4
TC = 100°C, Capacitive load
I
FSM
Maximum peak, one-cycle
200
t = 10ms
non-repetitive surge current,
following any rated load condition
210
t = 8.3ms
T
J
= 150°C
and with rated VRRM reapplied
I
2t
Maximum I
2t for fusing,
200
A
2s
t = 10ms
initial T
J
= T
J
max
184
t = 8.3ms
V
FM
Maximum peak forward voltage
1.0
V
T
J
= 25 oC, I
FM
= 8A
per diode
IRM
Typical peak reverse leakage
5.0
µA
T
J
= 25 oC, 100% VRRM
curren t per diode
400
TJ = 150
oC, 100% VRRM
VRRM
Maximum repetitive peak
50 to 1200
V
reverse voltage range
Forward Conduction
Voltage V
RRM
, max repetitive V
RSM
, max non-repetitive V
RMS
, max RMS
I
RRM
max.
I
RRM
max.
Type number
Code
peak rev. voltage
peak rev. voltage
voltage
@ rated V
RRM
@ rated V
RRM
T
J
= T
J
max.
T
J
= T
J
max.
T
J
= T
J
max.
T
J
= 25°C
T
J
= 150°C
V
V
V
V
µA
µA
8GBU
005
50
80
35
5
400
01
100
150
70
5
400
02
200
300
140
5
400
04
400
500
280
5
400
06
600
725
420
5
400
08
800
900
560
5
400
10
1000
1100
700
5
400
12
1200
1300
850
5
400
ELECTRICAL SPECIFICATIONS
Voltage Ratings
Parameters
8GBU
Unit
Conditions
Thermal and Mechanical Specifications
Note (1): Bridge mounted on Aluminun heat sink of dim 82x82x3.0mm, use silicon thermal compound heat
transfer and bolt down using 3mm screw
T
J
Operating and storage
-55 to 150
oC
Tstg
temperature range
R
thJC
Max. thermal resistance
2.2
°C/ W
DC rated current through bridge (1)
junction to case
R
thJA
Thermal resistance,
21
°C/ W
DC rated current through bridge (1)
junction to ambient
W
Approximateweight
4 (0.14)
g (oz)
T
Mounting Torque
1.0
Nm
Bridge to Heatsink
9.0
Lb.in
Parameters
8GBU
Unit
Conditions


Similar Part No. - 8GBU06

ManufacturerPart #DatasheetDescription
logo
ADL Embedded Solutions
8GBDDR3L-1600 ADL-8GBDDR3L-1600 Datasheet
907Kb / 2P
   Intel 3800 Series SoC Processors
8GBDDR3L-1600-EX ADL-8GBDDR3L-1600-EX Datasheet
907Kb / 2P
   Intel 3800 Series SoC Processors
More results

Similar Description - 8GBU06

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR25XB06H IRF-IR25XB06H Datasheet
93Kb / 4P
   25.0 Amps Single Phase Full Wave
4GBU IRF-4GBU Datasheet
101Kb / 5P
   4.0 Amps Single Phase Full Wave
6GBU IRF-6GBU Datasheet
103Kb / 5P
   6.0 Amps Single Phase Full Wave
4GBL IRF-4GBL Datasheet
99Kb / 5P
   4.0 Amps Single Phase Full Wave Bridge Rectifier
logo
ON Semiconductor
LB11961V ONSEMI-LB11961V Datasheet
76Kb / 7P
   Single-Phase Full-Wave
May, 2013
logo
Taiwan Semiconductor Co...
KBU801 TSC-KBU801_09 Datasheet
167Kb / 2P
   Single Phase 8.0 AMPS. Bridge Rectifiers
KBU401 TSC-KBU401_09 Datasheet
167Kb / 2P
   Single Phase 8.0 AMPS. Bridge Rectifiers
KBU801 TSC-KBU801_10 Datasheet
499Kb / 2P
   Single Phase 8.0 AMPS. Bridge Rectifiers
logo
ON Semiconductor
LV8063FA-BH ONSEMI-LV8063FA-BH Datasheet
208Kb / 8P
   Single-Phase Full-Wave Driver
May, 2013
logo
Rohm
BD6961F ROHM-BD6961F_14 Datasheet
605Kb / 17P
   Standard Single-phase Full wave
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com