Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

30BF80 Datasheet(PDF) 2 Page - International Rectifier

Part # 30BF80
Description  SURFACE MOUNTABLE ULTRAFAST RECOVERY DIODE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

30BF80 Datasheet(HTML) 2 Page - International Rectifier

  30BF80 Datasheet HTML 1Page - International Rectifier 30BF80 Datasheet HTML 2Page - International Rectifier 30BF80 Datasheet HTML 3Page - International Rectifier 30BF80 Datasheet HTML 4Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
30BF.. Series
PD-20713 07/99
V
RRM
, maximum
V
DC
, maximum
I
RRM
Part Number
peak reverse voltage
blocking voltage
100°C
VV
µA
30BF10
100
100
500
30BF20
200
200
30BF40
400
400
30BF60
600
600
30BF80
800
800
I
F(AV)
Maximum Average Forward Current
3
A
@ T
L
= 75° C
I
FSM
PeakForwardSurgeCurrent
100
A
8.3ms single half sine wavesuperimposed
on rated load (JEDEC Method)T
A
= 55° C
V
FM
Max. Instantaneous ForwardVoltage
1.0
1.4
1.7
V
@ 3A
I
RM
MaximumDCReverseCurrent
10
µA
T
A
= 25° C
at Rated DC Blocking Voltage
500
T
A
= 100° C
t
rr
Reverse Recovery Time
50
50
100
ns
I
F
= 0.5A, I
R
= 1.0A, I
rr
= 0.25A
C
J
Typical Junction Capacitance
75
75
50
pf
@ 1.0MHz applied reverse voltageof4.0V
Voltage Ratings
Maximum Ratings and Electrical Characteristics
Parameters
30BF..
Units
Conditions
10 to 20
40
60 to 80
Ratings at 25°C ambient temperature unless otherwise specified.
Resistive or inductive load.
For capacitive load, derate current by 20%.
R
thJ
Maximum Thermal Resistance
15
°C/W 8.0mm2(.013mm thick) land areas
T
J
OperatingTemperatureRange
- 50 to 150
°C
T
stg
StorageTemperatureRange
- 50 to 150
°C
wt
ApproximateWeight
0.21(0.007)
g(oz)
Case Style
DO-214AB
JEDEC molded plastic
Mechanical Specifications
Parameters
30BF..
Units
Conditions


Similar Part No. - 30BF80

ManufacturerPart #DatasheetDescription
logo
Zibo Seno Electronic En...
30BF80 ZSELEC-30BF80 Datasheet
162Kb / 2P
   3.0A SURFACE MOUNT ULTRAFAST DIODE
More results

Similar Description - 30BF80

ManufacturerPart #DatasheetDescription
logo
International Rectifier
10BF10 IRF-10BF10 Datasheet
38Kb / 4P
   SURFACE MOUNTABLE ULTRAFAST RECOVERY DIODE
8EWF06SPBF IRF-8EWF06SPBF Datasheet
259Kb / 8P
   SURFACE MOUNTABLE FAST SOFT RECOVERY DIODE
8EWF IRF-8EWF Datasheet
162Kb / 8P
   SURFACE MOUNTABLE FAST SOFT RECOVERY DIODE
8EWF12S IRF-8EWF12S Datasheet
238Kb / 8P
   SURFACE MOUNTABLE FAST SOFT RECOVERY DIODE
8EWF10S IRF-8EWF10S Datasheet
153Kb / 8P
   SURFACE MOUNTABLE FAST SOFT RECOVERY DIODE
8EWF06S IRF-8EWF06S Datasheet
172Kb / 9P
   SURFACE MOUNTABLE FAST SOFT RECOVERY DIODE
20ETF IRF-20ETF Datasheet
211Kb / 8P
   SURFACE MOUNTABLE FAST SOFT RECOVERY RECTIFIER DIODE
20ETF06SPBF IRF-20ETF06SPBF Datasheet
331Kb / 8P
   SURFACE MOUNTABLE FAST SOFT RECOVERY RECTIFIER DIODE
logo
Vishay Siliconix
VS-8EWF02S-M3 VISHAY-VS-8EWF02S-M3 Datasheet
228Kb / 8P
   Surface Mountable Fast Soft Recovery Diode, 8A
Revision: 04-Apr-11
VS-8EWF10S-M3 VISHAY-VS-8EWF10S-M3 Datasheet
191Kb / 7P
   Surface Mountable Fast Soft Recovery Diode, 8A
Revision: 17-Nov-11
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com