Electronic Components Datasheet Search |
|
TLV2463IDGS Datasheet(PDF) 8 Page - Texas Instruments |
|
|
TLV2463IDGS Datasheet(HTML) 8 Page - Texas Instruments |
8 / 56 page TLV2460, TLV2461, TLV2462, TLV2463, TLV2464, TLV2465, TLV246xA FAMILY OF LOW-POWER RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN SLOS220I – JULY 1998 – REVISED MARCH 2001 8 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 electrical characteristics at specified free-air temperature, VDD = 3 V (unless otherwise noted) (continued) PARAMETER TEST CONDITIONS TA† MIN TYP MAX UNIT ci(c) Common-mode input capacitance f = 10 kHz 25 °C 7 pF zo Closed-loop output impedance f = 100 kHz, AV = 10 25 °C 33 Ω V 0 2Vt 3 2 V 25 °C 66 80 CMRR Common-mode rejection ratio VICR = –0.2 V to 3.2 V, RS =50 Ω TLV246xC Full range 64 dB RS = 50 Ω TLV246xI/Q/M Full range 60 VDD = 2.7 V to 6 V, VIC = VDD /2, 25 °C 80 85 kSVR Supply voltage rejection ratio DD , No load IC DD , Full range 75 dB kSVR yg j ( ∆VDD /∆VIO) VDD = 3 V to 5 V, VIC = VDD /2, 25 °C 85 95 dB DD , No load IC DD , Full range 80 IDD Supply current (per channels) VO =1 5V No load 25 °C 0.5 0.575 mA IDD Supply current (per channels) VO = 1.5 V, No load Full range 0.9 mA IDD(SHDN) Supply current in shutdown SHDN < 0.7 V, 25 °C 0.3 µA IDD(SHDN) y (TLV2460, TLV2463, TLV2465) , Per channel in shutdown Full range 2.5 µA † Full range is 0 °C to 70°C for the C suffix, –40°C to 125°C for the I and Q suffixes, and –55°C to 125°C for the M suffix. operating characteristics at specified free-air temperature, VDD = 3 V (unless otherwise noted) PARAMETER TEST CONDITIONS TA† MIN TYP MAX UNIT VO(PP) =2V CL = 160 pF 25 °C 1 1.6 SR Slew rate at unity gain VO(PP) = 2 V, RL = 10 kΩ CL = 160 pF, Full range 0.8 V/ µs V Equivalent input noise voltage f = 100 Hz 25 °C 16 nV/ √Hz Vn Equivalent input noise voltage f = 1 kHz 25 °C 11 nV/ √Hz In Equivalent input noise current f = 1 kHz 25 °C 0.13 pA / √Hz T t l h i di t ti l V2 V AV = 1 0.006% THD + N Total harmonic distortion plus noise VO(PP) = 2 V, RL =10kΩ f=1kHz AV = 10 25 °C 0.02% noise RL = 10 kΩ, f = 1 kHz AV = 100 0.08% Both channels 7.6 t(on) Amplifier turnon time AV = 1, RL = 10 kΩ Channel 1 only, Channel 2 on 25 °C 7.65 µs Both channels 333 t(off) Amplifier turnoff time AV = 1, RL = 10 kΩ Channel 1 only, Channel 2 on 25 °C 328 ns () Channel 2 only, Channel 1 on 329 Gain-bandwidth product f = 10 kHz, CL = 160 pF RL = 10 kΩ, 25 °C 5.2 MHz V(STEP)PP = 2 V, AV 1CL 10 pF 0.1% 1.47 t Settling time AV = –1, CL = 10 pF, RL = 10 kΩ 0.01% 25 °C 1.78 µs ts Settling time V(STEP)PP = 2 V, AV 1CL 56 pF 0.1% 25 °C 1.77 µs AV = –1, CL = 56 pF, RL = 10 kΩ 0.01% 1.98 φm Phase margin at unity gain RL =10kΩ CL = 160 pF 25 °C 44 ° Gain margin RL = 10 kΩ, CL = 160 pF 25 °C 7 dB † Full range is 0 °C to 70°C for the C suffix, –40°C to 125°C for the I and Q suffixes, and –55°C to 125°C for the M suffix. |
Similar Part No. - TLV2463IDGS |
|
Similar Description - TLV2463IDGS |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |