Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS8-08IO2 Datasheet(PDF) 2 Page - IXYS Corporation

Part # CS8-08IO2
Description  Phase Control Thyristors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CS8-08IO2 Datasheet(HTML) 2 Page - IXYS Corporation

  CS8-08IO2 Datasheet HTML 1Page - IXYS Corporation CS8-08IO2 Datasheet HTML 2Page - IXYS Corporation CS8-08IO2 Datasheet HTML 3Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
© 2000 IXYS All rights reserved
2 - 3
CS 8
0.0
0.5
1.0
1.5
2.0
0
10
20
30
40
50
10-2
10-1
100
101
10-1
100
101
102
0
255075
0
1
2
3
4
I
T
t
gd
V
G
V
I
G
t
V
T
A
ms
mA
AV
Symbol
Test Conditions
Characteristic Values
I
R, ID
T
VJ = TVJM; VR = VRRM; VD = VDRM
£
3mA
V
T
I
T
= 33 A; T
VJ = 25°C
£
1.6
V
V
T0
For power-loss calculations only (T
VJ = 125°C)
1.0
V
r
T
18
m
W
V
GT
V
D = 6 V;
T
VJ = 25°C
£
2.5
V
T
VJ = -40°C
£
3.5
V
I
GT
V
D = 6 V;
T
VJ = 25°C
£
30
mA
T
VJ = -40°C
£
50
mA
V
GD
T
VJ = TVJM;VD = 2/3 VDRM
£
0.2
V
I
GD
£
1mA
I
L
T
VJ = 25°C; tP = 10 ms
£
100
mA
I
G = 0.09 A; diG/dt = 0.09 A/ms
I
H
T
VJ = 25°C; VD = 6 V; RGK = ¥
£
80
mA
t
gd
T
VJ = 25°C; VD = 1/2 VDRM
£
2
ms
I
G = 0.09 A; diG/dt = 0.09 A/ms
t
q
T
VJ = TVJM; IT = 16 A, tP = 300 ms; di/dt = -20 A/ms
typ.
60
ms
V
R = 100 V; dv/dt = 20 V/ms; VD = 2/3 VDRM
R
thJC
DC current
1.5
K/W
R
thJH
DC current
2.5
K/W
d
S
Creepage distance on surface
1.55
mm
d
A
Strike distance through air
1.55
mm
a
Max. acceleration, 50 Hz
50
m/s2
Accessories:
Nut M5 DIN 439/SW8
Lock washer A5 DIN 128
Fig. 1 Gate voltage and gate current
Triggering:
A = no; B = possible; C = safe
Fig. 2 Gate controlled delay time t
gd
Fig. 3 On-state characteristics
B
B
C
B
lim.
typ.
typ.
lim.
T
VJ= 125°C
T
VJ=
25°C
I
GD: TVJ=
25°C
I
GD: TVJ=125°C
A


Similar Part No. - CS8-08IO2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CS8-08IO2 ETC1-CS8-08IO2 Datasheet
244Kb / 2P
   Netzthyristoren Phase control thyristors
More results

Similar Description - CS8-08IO2

ManufacturerPart #DatasheetDescription
logo
International Rectifier
ST730C08L0 IRF-ST730C08L0 Datasheet
82Kb / 8P
   PHASE CONTROL THYRISTORS
ST1200C12K0 IRF-ST1200C12K0 Datasheet
87Kb / 7P
   PHASE CONTROL THYRISTORS
110RKI IRF-110RKI Datasheet
136Kb / 8P
   PHASE CONTROL THYRISTORS
logo
Vishay Siliconix
ST300C08C0L VISHAY-ST300C08C0L Datasheet
238Kb / 9P
   Phase Control Thyristors
Revision: 25-Nov-13
VS-180RKI40 VISHAY-VS-180RKI40 Datasheet
194Kb / 9P
   Phase Control Thyristors
Revision: 11-Mar-14
VS-ST780CL VISHAY-VS-ST780CL Datasheet
237Kb / 9P
   Phase Control Thyristors
Revision: 15-Apr-14
logo
AEGIS SEMICONDUTORES LT...
A5N:1000.22H AEGIS-A5N:1000.22H Datasheet
333Kb / 4P
   Phase Control Thyristors
A5N:1400.16 AEGIS-A5N:1400.16 Datasheet
319Kb / 4P
   Phase Control Thyristors
logo
IXYS Corporation
CS300-12IO3 IXYS-CS300-12IO3 Datasheet
66Kb / 3P
   Phase Control Thyristors
CS1011-18IO1 IXYS-CS1011-18IO1 Datasheet
28Kb / 2P
   Phase Control Thyristors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com