Electronic Components Datasheet Search |
|
TLC085AIPWPRG4 Datasheet(PDF) 4 Page - Texas Instruments |
|
TLC085AIPWPRG4 Datasheet(HTML) 4 Page - Texas Instruments |
4 / 52 page TLC080, TLC081, TLC082, TLC083, TLC084, TLC085, TLC08xA FAMILY OF WIDEBANDWIDTH HIGHOUTPUT DRIVE SINGLE SUPPLY OPERATIONAL AMPLIFIERS SLOS254D − JUNE 1999 − REVISED FEBRUARY 2004 4 WWW.TI.COM absolute maximum ratings over operating free-air temperature range (unless otherwise noted)† Supply voltage, VDD (see Note 1) 17 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Differential input voltage range, VID ±VDD . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Continuous total power dissipation See Dissipation Rating Table . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Operating free-air temperature range, TA: C suffix 0 °C to 70°C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . I suffix −40 °C to 125°C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Maximum junction temperature, TJ 150 °C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Storage temperature range, Tstg −65 °C to 150°C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds 260 °C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . † Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. NOTE 1: All voltage values, except differential voltages, are with respect to GND . DISSIPATION RATING TABLE PACKAGE θJC ( °C/W) θJA ( °C/W) TA ≤ 25°C POWER RATING D (8) 38.3 176 710 mW D (14) 26.9 122.3 1022 mW D (16) 25.7 114.7 1090 mW DGN (8) 4.7 52.7 2.37 W DGQ (10) 4.7 52.3 2.39 W N (14, 16) 32 78 1600 mW P (8) 41 104 1200 mW PWP (20) 1.40 26.1 4.79 W recommended operating conditions MIN MAX UNIT Supply voltage, VDD Single supply 4.5 16 V Supply voltage, VDD Split supply ±2.25 ±8 V Common-mode input voltage, VICR GND VDD−2 V Shutdown on/off voltage level‡ VIH 2 V Shutdown on/off voltage level‡ VIL 0.8 V Operating free-air temperature, TA C-suffix 0 70 °C Operating free-air temperature, TA I-suffix −40 125 °C ‡ Relative to the voltage on the GND terminal of the device. |
Similar Part No. - TLC085AIPWPRG4 |
|
Similar Description - TLC085AIPWPRG4 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |