Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EMIF10-1K010F1 Datasheet(PDF) 11 Page - STMicroelectronics

Part # EMIF10-1K010F1
Description  EMI FILTER INCLUDING ESD PROTECTION
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EMIF10-1K010F1 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button EMIF10-1K010F1 Datasheet HTML 5Page - STMicroelectronics EMIF10-1K010F1 Datasheet HTML 6Page - STMicroelectronics EMIF10-1K010F1 Datasheet HTML 7Page - STMicroelectronics EMIF10-1K010F1 Datasheet HTML 8Page - STMicroelectronics EMIF10-1K010F1 Datasheet HTML 9Page - STMicroelectronics EMIF10-1K010F1 Datasheet HTML 10Page - STMicroelectronics EMIF10-1K010F1 Datasheet HTML 11Page - STMicroelectronics EMIF10-1K010F1 Datasheet HTML 12Page - STMicroelectronics EMIF10-1K010F1 Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
EMIF10-1K010F1
11/13
1
10
100
1,000
-50
-40
-30
-20
-10
0
S21 (dB)
measure
Spice
frequency (MHz)
Fig. A15: Comparison between PSpice simulation
and measured frequency response.
5 - Aplac model
Oi
Ii
Rseries
MODEL = demif10
MODEL = demif10
sub
Port15
50
Port16
Rgnd
Rgnd
Lgnd
O1
Ls
cap_line
50pH
50m
Rs
Lgnd
50
Ii
Rgnd
Lgnd
Ls
cap_line
50pH
50m
Rs
Rgnd
Lgnd
Fig. A16: Aplac model of one EMIF10 cell.
sub
Csubump Rsubump
GND
I/O
Rsub
+
Fig. A17: Aplac model of bump connections.
Lbump
Rbump
Lhole
Rhole
GND1
cap_hole
+
Fig. A18: Aplac model of ground connections.


Similar Part No. - EMIF10-1K010F1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
EMIF10-1K010F2 STMICROELECTRONICS-EMIF10-1K010F2 Datasheet
76Kb / 7P
   EMI FILTER INCLUDING ESD PROTECTION
EMIF10-1K010F2 STMICROELECTRONICS-EMIF10-1K010F2 Datasheet
183Kb / 8P
   10-line IPAD?? EMI filter including ESD protection
EMIF10-1K010F2 STMICROELECTRONICS-EMIF10-1K010F2_08 Datasheet
183Kb / 8P
   10-line IPAD?? EMI filter including ESD protection
More results

Similar Description - EMIF10-1K010F1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
EMIF08-2005QEJ STMICROELECTRONICS-EMIF08-2005QEJ Datasheet
32Kb / 4P
   EMI FILTER INCLUDING ESD PROTECTION
EMIF01-10018W5 STMICROELECTRONICS-EMIF01-10018W5 Datasheet
150Kb / 10P
   EMI FILTER INCLUDING ESD PROTECTION
EMIF09-02726SX STMICROELECTRONICS-EMIF09-02726SX Datasheet
156Kb / 12P
   EMI FILTER INCLUDING ESD PROTECTION
EMIF08-2005QEJ STMICROELECTRONICS-EMIF08-2005QEJ_05 Datasheet
51Kb / 6P
   EMI FILTER INCLUDING ESD PROTECTION
EMIF04-2005QCF STMICROELECTRONICS-EMIF04-2005QCF_05 Datasheet
54Kb / 6P
   EMI FILTER INCLUDING ESD PROTECTION
EMIF01-10005W5 STMICROELECTRONICS-EMIF01-10005W5 Datasheet
159Kb / 10P
   EMI FILTER INCLUDING ESD PROTECTION
EMIF10-COM01F2 STMICROELECTRONICS-EMIF10-COM01F2 Datasheet
114Kb / 7P
   EMI FILTER INCLUDING ESD PROTECTION
EMIF04-2005QCF STMICROELECTRONICS-EMIF04-2005QCF Datasheet
33Kb / 4P
   EMI FILTER INCLUDING ESD PROTECTION
EMIF10-COM01C2 STMICROELECTRONICS-EMIF10-COM01C2 Datasheet
199Kb / 7P
   EMI Filter including ESD protection
EMIF10-1K010F2 STMICROELECTRONICS-EMIF10-1K010F2 Datasheet
76Kb / 7P
   EMI FILTER INCLUDING ESD PROTECTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com