Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSCH5531 Datasheet(PDF) 1 Page - Advanced Semiconductor

Part # HSCH5531
Description  BEAM LEAD SCHOTTKY DIODE
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASI [Advanced Semiconductor]
Direct Link  http://www.advancedsemiconductor.com
Logo ASI - Advanced Semiconductor

HSCH5531 Datasheet(HTML) 1 Page - Advanced Semiconductor

  HSCH5531 Datasheet HTML 1Page - Advanced Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
A D V A N C E D S E M I C O N D U C T O R, I N C.
REV. A
7525 ETHEL AVENUE
• NORTH HOLLYWOOD, CA 91605 • (818) 982-1202 • FAX (818) 765-3004
1/1
Specifications are subject to change without notice.
CHARACTERISTICS TC = 25 °C
NONE
SYMBOL
TEST CONDITIONS
MINIMUM
TYPICAL
MAXIMUM
UNITS
VBR
IR = 10
µA
4.0
V
VF
IF = 1.0 mA
375
mV
∆∆∆∆V
F
IF = 1.0 mA
10
mV
IR
VR = 1.0 V
100
nA
RD
IF = 5.0 mA
20
∆∆∆∆R
D
IF = 5.0 mA
3.0
CT
VR = 0 V
f = 1.0 MHz
0.10
pF
∆∆∆∆C
T
VR = 0 V
f = 1.0 MHz
0.02
pF
TSS
γγγγ
RV
Zero Bias, Zero Bias,
f = 10 GHz
PIN = -30 dBm
RL = 10 M
Video Badwidth = 2.0 MHz
-46
17
1.4
dBm
mV/µW
M
BEAM LEAD SCHOTTKY DIODE
HSCH5531
DESCRIPTION:
The
ASI HSCH5531 is a Low Barrier
Beam Lead Schottky Diode Designed
for K-Band Mixer Applications.
MAXIMUM RATINGS
IF
25 mA
VR
4.0 V
PDISS
150 mW @ TA = 25 °C
TJ
-65 °C to +175 °C
TSTG
-65 °C to +200 °C
PACKAGE STYLE 711


Similar Part No. - HSCH5531

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
HSCH-2A HIROSE-HSCH-2A Datasheet
759Kb / 21P
   SC Type Fiber Optic Connectors
HSCH-2A-D HIROSE-HSCH-2A-D Datasheet
759Kb / 21P
   SC Type Fiber Optic Connectors
HSCH-2A-D2 HIROSE-HSCH-2A-D2 Datasheet
759Kb / 21P
   SC Type Fiber Optic Connectors
HSCH-2A1 HIROSE-HSCH-2A1 Datasheet
759Kb / 21P
   SC Type Fiber Optic Connectors
HSCH-2A1-D HIROSE-HSCH-2A1-D Datasheet
759Kb / 21P
   SC Type Fiber Optic Connectors
More results

Similar Description - HSCH5531

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor
HSCH-5315 ASI-HSCH-5315 Datasheet
20Kb / 1P
   BATCH MATCHED BEAM LEAD SCHOTTKY DIODE
logo
AVAGO TECHNOLOGIES LIMI...
HPND-4005 AVAGO-HPND-4005 Datasheet
127Kb / 4P
   Beam Lead PIN Diode
logo
Agilent(Hewlett-Packard...
HPND-4005 HP-HPND-4005 Datasheet
40Kb / 4P
   Beam Lead PIN Diode
logo
Broadcom Corporation.
HPND-4005 BOARDCOM-HPND-4005 Datasheet
127Kb / 4P
   Beam Lead PIN Diode
logo
AVAGO TECHNOLOGIES LIMI...
HSCH-5531 AVAGO-HSCH-5531 Datasheet
160Kb / 6P
   Beam Lead Schottky Diode Pairs for Mixers and Detectors
HSCH-55XX AVAGO-HSCH-55XX Datasheet
200Kb / 6P
   Beam Lead Schottky Diode Pairs for Mixers and Detectors
logo
M/A-COM Technology Solu...
MA4E2037_V3 MA-COM-MA4E2037_V3 Datasheet
69Kb / 4P
   GaAs Beam Lead Schottky Diodes
MA4E2037 MA-COM-MA4E2037 Datasheet
69Kb / 4P
   GaAs Beam Lead Schottky Diodes
MPND4005-X MA-COM-MPND4005-X Datasheet
502Kb / 3P
   Planar Beam Lead PIN Diode
logo
Skyworks Solutions Inc.
DSG9500-000 SKYWORKS-DSG9500-000 Datasheet
89Kb / 5P
   Planar Beam Lead PIN Diode
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com