Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2648 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2648
Description  Two-Phase, Synchronous Step-Down 3-Channel Switching Regulator Controller
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2648 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LM2648 Datasheet HTML 1Page - National Semiconductor (TI) LM2648 Datasheet HTML 2Page - National Semiconductor (TI) LM2648 Datasheet HTML 3Page - National Semiconductor (TI) LM2648 Datasheet HTML 4Page - National Semiconductor (TI) LM2648 Datasheet HTML 5Page - National Semiconductor (TI) LM2648 Datasheet HTML 6Page - National Semiconductor (TI) LM2648 Datasheet HTML 7Page - National Semiconductor (TI) LM2648 Datasheet HTML 8Page - National Semiconductor (TI) LM2648 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Voltages from the indicated pins to SGND/PGND:
VIN, ILIMx, KS3a, KS3b
−0.3V to 20V
SWx, RSNSx
−0.3V to (VIN +
0.3)V
FB1, FB2, FB3x, VDDx,ON/UVLO
−0.3V to 7V
COMPx, FAULT_DELAY, SSx
−0.3V to (VLIN5 +
0.3)V
CBOOT1 to SW1, CBOOT2 to SW2,
CBOOT3x to SW3x
−0.3V to 7V
LDRV1, LDRV2, LDRV3x
−0.3V to
(VDD+0.3)V
HDRV1 to SW1, HDRV2 to SW2,
HDRV3x to SW3x
−0.3V
HDRV1 to CBOOT1, HDRV2 to
CBOOT2, HDRV3x to CBOOT3x
0.3V
Power Dissipation (T
A = 25˚C),
(Note 2)
1.3W
Ambient Storage Temperature
Range
−65˚C to +150˚C
Soldering Dwell Time, Temperature
(Note 3)
Infrared
Vapor Phase
10-20sec, 240˚C
75sec, 219˚C
ESD Rating (Note 4)
2kV
Operating Ratings(Note 1)
VIN (VIN and VLIN5 separate)
5.5V to 18V
VIN (VIN tied to VLIN5)
4.5V to 5.5V
Junction Temperature
0˚C to +125˚C
Electrical Characteristics
Unless otherwise specified, V
IN = 12V, SGND = PGND = 0V, VLIN5 = VDD1 = VDD2 = VDD3x. Limits appearing in boldface
type apply over the full operating junction temperature range. Specifications appearing in plain type are measured using low
duty cycle pulse testing with T
A = 25˚C (Note 5), (Note 6). Min/Max limits are guaranteed by design, test, or statistical analysis.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
System
∆V
OUT/VOUT
Load Regulation
VIN = 12V, V
comp1, 2 = 1Vto3V,
V
comp3 = 0.5V to 1.5V
.04
%
∆V
OUT/VOUT
Line Regulation
5.5V
≤ VIN ≤ 18V, V
compx =1.25V
.04
%
V
FB1,VFB2
Feedback Voltage
5.5V
≤ VIN ≤ 18V
1.218
1.239
1.260
V
V
FB3
Feedback Voltage
5.5V
≤ VIN ≤ 18V
1.220
1.241
1.262
V
I
VIN
Input Supply Current
V
ON/UVLO > 2.25V (not switching)
5.5V
≤ VIN ≤ 18V
1.66
2.2
mA
Standby
1.5V < V
ON/UVLO < 1.7V
Shutdown (Note 7)
V
ON/UVLO =0V
45
120
µA
VLIN5
VLIN5 Output Voltage
IVLIN5 = 0 to 50mA,
7V
≤ VIN ≤ 18V
4.65
5.0
5.35
V
Current Limit
V
Clos1, 2, 3
Current Limit
Comparator Offset
(V
ILIMX-VRSNSX)
0
±7.0
mV
V
CLx1, 2, 3
Current Limit Sink
Current
R
ILIM = 1.238/20µA
18.2
20
21.8
µA
V
RILIM
ILIM Reference Voltage
1.238
V
Soft Start
I
ss1/2_SC
Soft-Start Source
Current
V
ss =1V
0.5
2.05
3.8
µA
I
ss3_SC
Soft-Start Source
Current
V
ss =1V
0.5
2.05
3.8
µA
I
ss1/2_SK
Soft-Start Sink Current
V
ss1/2, 3 = 1V, ON/UVLO = 1.6V
2
4.9
9
µA
I
ss3_SK
Soft-Start Sink Current
V
ss1/2, 3 = 1V, ON/UVLO = 1.6V
2
5.0
9
µA
I
SC_TD12-3
Delay Timer Source
Current
V
TD = 1.5V
6.2
9.8
13.2
µA
www.national.com
4


Similar Part No. - LM2648

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM26480 NSC-LM26480 Datasheet
2Mb / 30P
   Externally Programmable Dual High-Current Step-Down DC/DC and Dual Linear Regulators
LM26480 NSC-LM26480 Datasheet
2Mb / 30P
   Externally Programmable Dual High-Current Step-Down DC/DC and Dual Linear Regulators
logo
Texas Instruments
LM26480 TI-LM26480 Datasheet
6Mb / 37P
[Old version datasheet]   Compatible with Advanced Applications Processors and FPGAs, 2 LDOs for Powering Internal Processor Functions and I/Os
LM26480-Q1 TI1-LM26480-Q1 Datasheet
6Mb / 39P
[Old version datasheet]   LM26480-Q1 Externally Programmable Dual High-Current Step-Down DC-DC and Dual Linear Regulators
LM26480QSQ-AA/NOPB TI1-LM26480QSQ-AA/NOPB Datasheet
6Mb / 37P
[Old version datasheet]   LM26480 Externally Programmable Dual High-Current Step-Down DC/DC and Dual Linear Regulators
More results

Similar Description - LM2648

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2642 TI1-LM2642 Datasheet
1Mb / 31P
[Old version datasheet]   Two-Phase Synchronous Step-Down Switching Controller
logo
National Semiconductor ...
LM2642 NSC-LM2642 Datasheet
643Kb / 20P
   Two-Phase Synchronous Step-Down Switching Controller
logo
Texas Instruments
LM2642MTCX TI-LM2642MTCX Datasheet
1Mb / 31P
[Old version datasheet]   LM2642 Two-Phase Synchronous Step-Down Switching Controller
logo
Linear Technology
LTC3851-1 LINER-LTC3851-1_15 Datasheet
362Kb / 28P
   Synchronous Step-Down Switching Regulator Controller
LTC3851 LINER-LTC3851 Datasheet
320Kb / 28P
   Synchronous Step-Down Switching Regulator Controller
LTC3851A-1 LINER-LTC3851A-1_15 Datasheet
436Kb / 30P
   Synchronous Step-Down Switching Regulator Controller
LTC3851A LINER-LTC3851A_15 Datasheet
440Kb / 30P
   Synchronous Step-Down Switching Regulator Controller
LTC3851 LINER-LTC3851_15 Datasheet
335Kb / 28P
   Synchronous Step-Down Switching Regulator Controller
LTC3851-1 LINER-LTC3851-1 Datasheet
342Kb / 28P
   Synchronous Step-Down Switching Regulator Controller
logo
Rohm
BD9610AMUV ROHM-BD9610AMUV Datasheet
1Mb / 30P
   60V Synchronous Step-down Switching Regulator(Controller type)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com