Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4782EUE Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX4782EUE
Description  High-Speed, Low-Voltage, 0.7OHM CMOS Analog Switches/Multiplexers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4782EUE Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX4782EUE Datasheet HTML 1Page - Maxim Integrated Products MAX4782EUE Datasheet HTML 2Page - Maxim Integrated Products MAX4782EUE Datasheet HTML 3Page - Maxim Integrated Products MAX4782EUE Datasheet HTML 4Page - Maxim Integrated Products MAX4782EUE Datasheet HTML 5Page - Maxim Integrated Products MAX4782EUE Datasheet HTML 6Page - Maxim Integrated Products MAX4782EUE Datasheet HTML 7Page - Maxim Integrated Products MAX4782EUE Datasheet HTML 8Page - Maxim Integrated Products MAX4782EUE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
High-Speed, Low-Voltage, 0.7
Ω CMOS Analog
Switches/Multiplexers
4
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS—Single +1.8V Supply
(VCC = +1.8V, GND = 0, VIH = 1V, VIL = 0.4V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.) (Notes 2, 3)
PARAMETER
SYMBOL
CONDITIONS
TA
MIN
TYP
MAX
UNITS
ANALOG SWITCH
Analog Signal Range
VX_, VY_,
VZ_, VX,
VY, VZ
0VCC
V
+25°C
1.6
2.5
On-Resistance (Note 4)
RON
VCC = 1.8V; IX_, IY_, IZ_ = 10mA;
VX, VY, VZ = 1.0V
TMIN to TMAX
3.5
+25°C
0.3
0.4
On-Resistance Match Between
Channels (Notes 4, 5)
∆RON
VCC = 1.8V; IX_, IY_, IZ_ = 10mA;
VX, VY, VZ = 1.0V
TMIN to TMAX
0.6
SWITCH DYNAMIC CHARACTERISTICS
+25°C
17
30
Turn-On Time
tON
VX_, VY_, VZ_ = 1.0V; RL = 50
Ω;
CL = 35pF; Figure 1
TMIN to TMAX
32
ns
+25°C
8
20
Turn-Off Time
tOFF
VX_, VY_, VZ_ = 1.0V; RL = 50
Ω;
CL = 35pF; Figure 1
TMIN to TMAX
22
ns
+25°C
17
30
Address Transition Time
tTRANS
VX_, VY_, VZ_ = 1.0V; RL = 50
Ω;
CL = 35pF; Figure 2
TMIN to TMAX
32
ns
+25°C
26
Break-Before-Make Time
(Note 7)
tBBM
VX_, VY_, VZ_ = 1V; RL = 50
Ω;
CL = 35pF; Figure 3
TMIN to TMAX
1
ns
Charge Injection
Q
VGEN = 0, RGEN = 0, CL = 1nF,
Figure 4
+25°C
-40
pC
DIGITAL I/O
Input Logic High
VIH
TMIN to TMAX
1V
Input Logic Low
VIL
TMIN to TMAX
0.4
V
Input Leakage Current
IIN_VA, VB, VC = VENABLE = 0 or 3.6V TMIN to TMAX
-1
0.000
+1
µA
POWER SUPPLY
Power-Supply Range
VCC
1.6
3.6
V
Positive Supply Current
ICC
VCC = 3.6V; VA, VB, VC,
VENABLE = 0 or 3.6V
1µA
Note 2: The algebraic convention is used in this data sheet; the most negative value is shown in the minimum column.
Note 3: Devices are tested at maximum hot temperature and are guaranteed by design and correlation at TA = +25°C and -40°C
specifications.
Note 4: RON and
∆RON matching specifications for thin QFN-packaged parts are guaranteed by design.
Note 5:
∆RON = RON(MAX) - RON(MIN).
Note 6: Flatness is defined as the difference between the maximum and minimum value of on-resistance as measured over the
specified analog signal ranges.
Note 7: Guaranteed by design; not production tested.
Note 8: Off-isolation = 20log10(VCOM_ / VNO), VCOM_ = output, VNO = input to off switch.
Note 9: Between any two channels.


Similar Part No. - MAX4782EUE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX478 MAXIM-MAX478 Datasheet
256Kb / 12P
   17關A Max, Dual/Quad, Single-Supply, Precision Op Amps
Rev. 1; 11/98
MAX478-MAX479 MAXIM-MAX478-MAX479 Datasheet
256Kb / 12P
   17關A Max, Dual/Quad, Single-Supply, Precision Op Amps
Rev. 1; 11/98
MAX4780 MAXIM-MAX4780 Datasheet
349Kb / 13P
   0.7 M Low-Voltage, Quad 2:1 Analog Multiplexers
Rev 3; 12/04
MAX4780 MAXIM-MAX4780 Datasheet
155Kb / 11P
   0.7Ω, Low-Voltage, Quad 2:1 Analog Multiplexers
Rev 4; 3/09
MAX4780ETE MAXIM-MAX4780ETE Datasheet
349Kb / 13P
   0.7 M Low-Voltage, Quad 2:1 Analog Multiplexers
Rev 3; 12/04
More results

Similar Description - MAX4782EUE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4617 MAXIM-MAX4617 Datasheet
179Kb / 16P
   High-Speed, Low-Voltage, CMOS Analog Multiplexers/Switches
2012
MAX4617 MAXIM-MAX4617_12 Datasheet
202Kb / 16P
   High-Speed, Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 3; 12/12
MAX4617 MAXIM-MAX4617_V01 Datasheet
1Mb / 16P
   High-Speed, Low-Voltage, CMOS Analog Multiplexers/Switches
2022
MAX4581 MAXIM-MAX4581 Datasheet
253Kb / 16P
   Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 1; 10/99
MAX4581 MAXIM-MAX4581_12 Datasheet
198Kb / 17P
   Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 6; 3/12
MAX4581 MAXIM-MAX4581_05 Datasheet
553Kb / 18P
   Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 4; 8/05
MAX4581 MAXIM-MAX4581_07 Datasheet
519Kb / 18P
   Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 5; 6/07
MAX4051 MAXIM-MAX4051 Datasheet
148Kb / 20P
   Low-Voltage, CMOS Analog Multiplexers/Switches
19-0463; Rev 0; 1/96
MAX4581L MAXIM-MAX4581L_07 Datasheet
304Kb / 16P
   Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 1; 6/07
MAX4581L MAXIM-MAX4581L Datasheet
381Kb / 16P
   Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 0; 8/03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com