Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EMIF02-USB01 Datasheet(PDF) 2 Page - STMicroelectronics

Part # EMIF02-USB01
Description  2 LINES EMI FILTER INCLUDING ESD PROTECTION
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EMIF02-USB01 Datasheet(HTML) 2 Page - STMicroelectronics

  EMIF02-USB01 Datasheet HTML 1Page - STMicroelectronics EMIF02-USB01 Datasheet HTML 2Page - STMicroelectronics EMIF02-USB01 Datasheet HTML 3Page - STMicroelectronics EMIF02-USB01 Datasheet HTML 4Page - STMicroelectronics EMIF02-USB01 Datasheet HTML 5Page - STMicroelectronics EMIF02-USB01 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
EMIF02-USB01
2/6
D2
(gnd pin)
A1
B2
1.3K
C1
E1
E3
C3
A3
33R
33R
SCHEMATIC
1.0M
3.0M
10.0M
30.0M
100.0M
300.0M
1.0G
3.0G
-50.00
-45.00
-40.00
-35.00
-30.00
-25.00
-20.00
-15.00
-10.00
-5.00
0.00
EMIF02-USB01: filtering response of lines C1/C3 and E1/E3
dB
Frequency/Hz
0.00
C1_C3
E1_E3
Fig. 1: Filtering behavior
Vin
Vout
Fig. 2: ESD response to IEC61000-4-2 Level 4
10
15
20
25
30
35
40
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
VR (V)
Fig. 3: Capacitance versus reverse applied
voltage
1.0M
3.0M
10.0M
30.0M
100.0M
300.0M
1.0G
3.0G
-100.0
-90.00
-80.00
-70.00
-60.00
-50.00
-40.00
-30.00
-20.00
-10.00
0.00
dB
f/Hz
Fig. 4: Digital crosstalk


Similar Part No. - EMIF02-USB01

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
EMIF02-USB01F2 STMICROELECTRONICS-EMIF02-USB01F2 Datasheet
116Kb / 8P
   2-line IPAD?? EMI filter including ESD protection
More results

Similar Description - EMIF02-USB01

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
EMIF02-MIC02F2 STMICROELECTRONICS-EMIF02-MIC02F2 Datasheet
73Kb / 7P
   2 LINES EMI FILTER INCLUDING ESD PROTECTION
EMIF02-USB03F2 STMICROELECTRONICS-EMIF02-USB03F2 Datasheet
275Kb / 7P
   2 LINES EMI FILTER INCLUDING ESD PROTECTION
EMIF04-MMC02F1 STMICROELECTRONICS-EMIF04-MMC02F1 Datasheet
170Kb / 7P
   4 LINES EMI FILTER INCLUDING ESD PROTECTION
EMIF03-SIM01F2 STMICROELECTRONICS-EMIF03-SIM01F2 Datasheet
134Kb / 7P
   3 LINES EMI FILTER INCLUDING ESD PROTECTION
December 2004 REV. 2
EMIF06-HMC01F2 STMICROELECTRONICS-EMIF06-HMC01F2 Datasheet
197Kb / 7P
   6 LINES EMI FILTER INCLUDING ESD PROTECTION
EMIF04-MMC02F2 STMICROELECTRONICS-EMIF04-MMC02F2 Datasheet
95Kb / 7P
   4 LINES EMI FILTER INCLUDING ESD PROTECTION
EMIF03-SIM01 STMICROELECTRONICS-EMIF03-SIM01 Datasheet
164Kb / 11P
   003 LINES EMI FILTER INCLUDING ESD PROTECTION
EMIF08-2005QEJ STMICROELECTRONICS-EMIF08-2005QEJ Datasheet
32Kb / 4P
   EMI FILTER INCLUDING ESD PROTECTION
EMIF01-10018W5 STMICROELECTRONICS-EMIF01-10018W5 Datasheet
150Kb / 10P
   EMI FILTER INCLUDING ESD PROTECTION
EMIF09-02726SX STMICROELECTRONICS-EMIF09-02726SX Datasheet
156Kb / 12P
   EMI FILTER INCLUDING ESD PROTECTION
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com