Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FAN7311G Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # FAN7311G
Description  LCD Backlight Inverter Drive IC
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN7311G Datasheet(HTML) 5 Page - Fairchild Semiconductor

  FAN7311G Datasheet HTML 1Page - Fairchild Semiconductor FAN7311G Datasheet HTML 2Page - Fairchild Semiconductor FAN7311G Datasheet HTML 3Page - Fairchild Semiconductor FAN7311G Datasheet HTML 4Page - Fairchild Semiconductor FAN7311G Datasheet HTML 5Page - Fairchild Semiconductor FAN7311G Datasheet HTML 6Page - Fairchild Semiconductor FAN7311G Datasheet HTML 7Page - Fairchild Semiconductor FAN7311G Datasheet HTML 8Page - Fairchild Semiconductor FAN7311G Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
5
www.fairchildsemi.com
FAN7311 Rev. 1.0.0
Electrical Characteristics
For typical values Ta=25
°C, Vcc=12V and for min/max values Ta is the operating ambient temperature range with
-25
°C ≤ Ta ≤ 85°C and 5V ≤ Vcc ≤ 25.5V, unless otherwise specified.
Characteristics
Symbol
Test Condition
Min.
Typ.
Max.
Unit
REFERENCE SECTION ( Recommend X7R Capacitor )
Line Regulation
∆Vref
5
≤ V
CC ≤ 25.5V
-
2
25
mV
2.5V Regulation Voltage
V25
-
2.45
2.5
2.55
V
OSCILLATOR SECTION(MAIN)
Oscillation Frequency
fosc
Ta = 25
°C, Ct = 270pF
Rt = 18k
108
115
122
kHz
Ct = 270pF, Rt = 18k
106
115
124
CT High Voltage
Vcth
-
-
2.0
-
V
CT Low Voltage
Vctl
-
-
0.5
-
V
OSCILLATOR SECTION(BURST)
Oscillation Frequency
foscb
Ctb = 10nF, Rt=18k
195
225
255
Hz
BCT High Voltage
Vbcth
-
-
2
-
V
BCT Low Voltage
Vbctl
-
-
0.5
-
V
ERROR AMP SECTION
Open Loop Gain
-
-
80
-
dB
Unit Gain Bandwidth
-
-
1.5
-
MHz
Feedback Output High Voltage
Veh
EA_IN = 0V
2.0
2.27
2.54
V
Output Sink Current
lsin
EA_OUT = 1.5V
-
-
-1
mA
Output Source Current
lsur
EA_OUT = 1.5V
1
-
-
mA
EA_IN Driving Current On OLR
Iolr
-
75
105
135
uA
EA_IN Driving Current On Burst Dimming
Iburst
-
61
85
109
uA
Feedback High Voltage On Burst Dimming
Vfbh
R(EA_IN) = 60k
Va+0.1
Va+0.4
Va+0.7
V
SOFT START SECTION
Soft Start Current
ISS
S_S=2V
4
6
8
uA
Soft Start Clamping Voltage
Vssh
-
-
5
-
V
PROTECTION SECTION
Open Lamp Protection Voltage 0
Volp0
Start at open lamp
2.2
2.5
2.8
V
Open Lamp Protection Voltage 1
Volp1
Normal -> open lamp
1.3
1.5
1.7
V
Open Lamp Regulation Voltage
Volr
-
1.75
2
2.25
V
Open Lamp Protection Charging Current
Iolp
-
0.7
1.4
2.1
uA
UNDER VOLTAGE LOCK OUT SECTION
Start Threshold Voltage
Vth
-
-
-
5
V
Start Up Current
Ist
VCC = Vth-0.2
-
130
180
uA
Operating Supply Current
Iop
VCC = 12V
-
1.5
4
mA
Stand-by Current
Isb
VCC = 12V
-
200
370
uA
ON/OFF SECTION
On State Input Voltage
Von
-
2
-
5
V
Off Stage Input Voltage
Voff
-
-
-
0.7
V


Similar Part No. - FAN7311G

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN7311G FAIRCHILD-FAN7311G Datasheet
374Kb / 16P
   LCD Backlight Inverter Drive IC
FAN7311G FAIRCHILD-FAN7311G Datasheet
380Kb / 3P
   LCD Backlight Inverter Drive IC
FAN7311GX FAIRCHILD-FAN7311GX Datasheet
374Kb / 16P
   LCD Backlight Inverter Drive IC
FAN7311GX FAIRCHILD-FAN7311GX Datasheet
380Kb / 3P
   LCD Backlight Inverter Drive IC
More results

Similar Description - FAN7311G

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN7316 FAIRCHILD-FAN7316 Datasheet
1Mb / 21P
   LCD Backlight Inverter Drive IC
FAN7318 FAIRCHILD-FAN7318 Datasheet
590Kb / 3P
   LCD Backlight Inverter Drive IC
FAN7314A FAIRCHILD-FAN7314A Datasheet
496Kb / 3P
   LCD Backlight Inverter Drive IC
FAN7319 FAIRCHILD-FAN7319 Datasheet
1Mb / 23P
   LCD Backlight Inverter Drive IC
FAN7313 FAIRCHILD-FAN7313 Datasheet
312Kb / 11P
   LCD Backlight Inverter Drive IC
FAN7316 FAIRCHILD-FAN7316_08 Datasheet
435Kb / 3P
   LCD Backlight Inverter Drive IC
FAN7318A FAIRCHILD-FAN7318A Datasheet
1Mb / 24P
   LCD Backlight Inverter Drive IC
FAN7314 FAIRCHILD-FAN7314 Datasheet
546Kb / 14P
   LCD Backlight Inverter Drive IC
FAN7311 FAIRCHILD-FAN7311_07 Datasheet
374Kb / 16P
   LCD Backlight Inverter Drive IC
FAN7314 FAIRCHILD-FAN7314_07 Datasheet
254Kb / 3P
   LCD Backlight Inverter Drive IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com