Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX5878 Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX5878
Description  16-Bit, 250Msps, High-Dynamic-Performance, Dual DAC with LVDS Inputs
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5878 Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX5878 Datasheet HTML 7Page - Maxim Integrated Products MAX5878 Datasheet HTML 8Page - Maxim Integrated Products MAX5878 Datasheet HTML 9Page - Maxim Integrated Products MAX5878 Datasheet HTML 10Page - Maxim Integrated Products MAX5878 Datasheet HTML 11Page - Maxim Integrated Products MAX5878 Datasheet HTML 12Page - Maxim Integrated Products MAX5878 Datasheet HTML 13Page - Maxim Integrated Products MAX5878 Datasheet HTML 14Page - Maxim Integrated Products MAX5878 Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
16-Bit, 250Msps, High-Dynamic-Performance,
Dual DAC with LVDS Inputs
______________________________________________________________________________________
11
LATCH
XOR/
DECODE
LATCH
LVDS
RECEIVER
LATCH
LATCH
DAC
OUTIP
OUTIN
LATCH
XOR/
DECODE
LATCH
LATCH
DAC
OUTQP
OUTQN
FSADJ
TORB
SELIQN
XORP
XORN
AVCLK
CLKN
CLKP
CLK
INTERFACE
DATA15–
DATA0
+1.2V
REFERENCE
POWER-DOWN
BLOCK
REFIO
DACREF
PD
GND
DVDD1.8
DVDD3.3
AVDD1.8
AVDD3.3
SELIQP
MAX5878
Figure 1. MAX5878 High-Performance, 16-Bit, Dual Current-Steering DAC
Detailed Description
Architecture
The MAX5878 high-performance, 16-bit, dual current-
steering DAC (Figure 1) operates with DAC update rates
up to 250Msps. The converter consists of input registers
and a demultiplexer for single-port operation, followed by
a current-steering array. During operation, the input data
registers demultiplex the single-port data bus. The cur-
rent-steering array generates differential full-scale cur-
rents in the 2mA to 20mA range. An internal
current-switching network, in combination with external
50
Ω termination resistors, converts the differential output
currents into dual differential output voltages with a 0.1V
to 1V peak-to-peak output voltage range. An integrated
+1.2V bandgap reference, control amplifier, and user-
selectable external resistor determine the data convert-
er’s full-scale output range.
Reference Architecture and Operation
The MAX5878 supports operation with the internal
+1.2V bandgap reference or an external reference volt-
age source. REFIO serves as the input for an external,
low-impedance reference source. REFIO also serves as
a reference output when the DAC operates in internal
reference mode. For stable operation with the internal
reference, decouple REFIO to GND with a 1µF capaci-
tor. Due to its limited output drive capability, buffer
REFIO with an external amplifier when driving large
external loads.


Similar Part No. - MAX5878

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5878 MAXIM-MAX5878 Datasheet
300Kb / 14P
   MAX5876/MAX5877/MAX5878 Evaluation Kits
Rev 1; 6/07
MAX5878EGKD MAXIM-MAX5878EGKD Datasheet
300Kb / 14P
   MAX5876/MAX5877/MAX5878 Evaluation Kits
Rev 1; 6/07
MAX5878EVKIT MAXIM-MAX5878EVKIT Datasheet
300Kb / 14P
   MAX5876/MAX5877/MAX5878 Evaluation Kits
Rev 1; 6/07
More results

Similar Description - MAX5878

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5891 MAXIM-MAX5891 Datasheet
412Kb / 15P
   16-Bit, 600Msps, High-Dynamic-Performance DAC with LVDS Inputs
Rev 0; 2/05
MAX5888 MAXIM-MAX5888 Datasheet
746Kb / 18P
   3.3V, 16-Bit, 500Msps High Dynamic Performance DAC with Differential LVDS Inputs
19-2726; Rev 3; 12/03
MAX5886 MAXIM-MAX5886 Datasheet
439Kb / 18P
   3.3V, 12-Bit, 500Msps High Dynamic Performance DAC with Differential LVDS Inputs
19-2776; Rev 2; 12/03
MAX5887 MAXIM-MAX5887 Datasheet
982Kb / 18P
   3.3V, 14-Bit, 500Msps High Dynamic Performance DAC with Differential LVDS Inputs
19-2777; Rev 1; 10/03
MAX5885 MAXIM-MAX5885 Datasheet
862Kb / 10P
   3.3V, 16-Bit, 200Msps High Dynamic Performance DAC with CMOS Inputs
19-2786; Rev 1; 12/03
MAX5884 MAXIM-MAX5884 Datasheet
491Kb / 10P
   3.3V, 14-Bit, 200Msps High Dynamic Performance DAC with CMOS Inputs
19-2825; Rev 1; 12/03
MAX5883 MAXIM-MAX5883 Datasheet
634Kb / 16P
   3.3V, 12-Bit, 200Msps High Dynamic Performance DAC with CMOS Inputs
19-2824; Rev 1; 12/03
MAX5898 MAXIM-MAX5898 Datasheet
399Kb / 32P
   16-Bit, 500Msps, Interpolating and Modulating Dual DAC with Interleaved LVDS Inputs
Rev 1; 7/07
MAX5195 MAXIM-MAX5195 Datasheet
595Kb / 17P
   14-Bit, 260Msps High-Dynamic Performance DAC
Rev 0; 7/02
logo
NXP Semiconductors
TDA1541A PHILIPS-TDA1541A Datasheet
138Kb / 12P
   Stereo high performance 16-bit DAC
February 1991
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com