Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCM6206BA Datasheet(PDF) 2 Page - Motorola, Inc

Part # MCM6206BA
Description  32K x 8 Bit Fast Static RAM
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MCM6206BA Datasheet(HTML) 2 Page - Motorola, Inc

  MCM6206BA Datasheet HTML 1Page - Motorola, Inc MCM6206BA Datasheet HTML 2Page - Motorola, Inc MCM6206BA Datasheet HTML 3Page - Motorola, Inc MCM6206BA Datasheet HTML 4Page - Motorola, Inc MCM6206BA Datasheet HTML 5Page - Motorola, Inc MCM6206BA Datasheet HTML 6Page - Motorola, Inc MCM6206BA Datasheet HTML 7Page - Motorola, Inc MCM6206BA Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MCM6206BA
2
MOTOROLA FAST SRAM
TRUTH TABLE (X = Don’t Care)
E
G
W
Mode
VCC Current
Output
Cycle
H
X
X
Not Selected
ISB1, ISB2
High–Z
L
H
H
Output Disabled
ICCA
High–Z
L
L
H
Read
ICCA
Dout
Read Cycle
L
X
L
Write
ICCA
High–Z
Write Cycle
ABSOLUTE MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Power Supply Voltage
VCC
– 0.5 to + 7.0
V
Voltage Relative to VSS For Any Pin
Except VCC
Vin, Vout
– 0.5 to VCC + 0.5
V
Output Current
Iout
± 20
mA
Power Dissipation
PD
1.0
W
Temperature Under Bias
Tbias
– 10 to + 85
°C
Operating Temperature
TA
0 to + 70
°C
Storage Temperature—Plastic
Tstg
– 55 to + 125
°C
NOTE: Permanent device damage may occur if ABSOLUTE MAXIMUM RATINGS are
exceeded. Functional operation should be restricted to RECOMMENDED OPER-
ATING CONDITIONS. Exposure to higher than recommended voltages for ex-
tended periods of time could affect device reliability.
DC OPERATING CONDITIONS AND CHARACTERISTICS
(VCC = 5.0 V ±10%, TA = 0 to 70°C, Unless Otherwise Noted)
RECOMMENDED OPERATING CONDITIONS
Parameter
Symbol
Min
Typ
Max
Unit
Supply Voltage (Operating Voltage Range)
VCC
4.5
5.0
5.5
V
Input High Voltage
VIH
2.2
VCC + 0.3**
V
Input Low Voltage
VIL
– 0.5
*
0.8
V
*VIL (min) = – 0.5 V dc; VIL (min) = – 2.0 V ac (pulse width ≤ 20 ns)
** VIH (max) = VCC + 0.3 V dc; VIH (max) = VCC + 2.0 V ac (pulse width ≤ 20 ns)
DC CHARACTERISTICS
Parameter
Symbol
Min
Max
Unit
Input Leakage Current (All Inputs, Vin = 0 to VCC)
Ilkg(I)
± 1
µA
Output Leakage Current (E = VIH or G = VIH, Vout = 0 to VCC)
Ilkg(O)
± 1
µA
Output High Voltage (IOH = – 4.0 mA)
VOH
2.4
V
Output Low Voltage (IOL = 8.0 mA)
VOL
0.4
V
POWER SUPPLY CURRENTS
Parameter
Symbol
–12
–15
–20
–25
Unit
AC Active Supply Current (Iout = 0 mA, VCC = Max, f = fmax)
ICCA
140
135
130
125
mA
AC Standby Current (E = VIH, VCC = Max, f = fmax)
ISB1
40
35
35
30
mA
CMOS Standby Current (VCC = Max, f = 0 MHz, E ≥ VCC – 0.2 V
Vin ≤ VSS + 0.2 V, or ≥ VCC – 0.2 V)
ISB2
10
10
10
10
mA
CAPACITANCE (f = 1 MHz, dV = 3 V, TA = 25°C, Periodically sampled rather than 100% tested)
Characteristic
Symbol
Max
Unit
Address Input Capacitance
Cin
6
pF
Control Pin Input Capacitance (E, G, W)
Cin
8
pF
I/O Capacitance
CI/O
8
pF
This device contains circuitry to protect the
inputs against damage due to high static volt-
ages or electric fields; however, it is advised
that normal precautions be taken to avoid
application of any voltage higher than maxi-
mum rated voltages to this high–impedance
circuit.
This CMOS memory circuit has been de-
signed to meet the dc and ac specifications
shown in the tables, after thermal equilibrium
has been established. The circuit is in a test
socket or mounted on a printed circuit board
and transverse air flow of at least 500 linear
feet per minute is maintained.


Similar Part No. - MCM6206BA

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM6206BB MOTOROLA-MCM6206BB Datasheet
108Kb / 8P
   32K x 8 Bit Fast Static RAM
MCM6206BBEJ12 MOTOROLA-MCM6206BBEJ12 Datasheet
108Kb / 8P
   32K x 8 Bit Fast Static RAM
MCM6206BBEJ12R MOTOROLA-MCM6206BBEJ12R Datasheet
108Kb / 8P
   32K x 8 Bit Fast Static RAM
MCM6206BBEJ15 MOTOROLA-MCM6206BBEJ15 Datasheet
108Kb / 8P
   32K x 8 Bit Fast Static RAM
MCM6206BBEJ15R MOTOROLA-MCM6206BBEJ15R Datasheet
108Kb / 8P
   32K x 8 Bit Fast Static RAM
More results

Similar Description - MCM6206BA

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM6206BB MOTOROLA-MCM6206BB Datasheet
108Kb / 8P
   32K x 8 Bit Fast Static RAM
MCM6206C MOTOROLA-MCM6206C Datasheet
502Kb / 6P
   32K x 8 Bit Fast Static RAM
MCM6206D MOTOROLA-MCM6206D Datasheet
162Kb / 8P
   32K x 8 Bit Fast Static RAM
MCM6205D MOTOROLA-MCM6205D Datasheet
143Kb / 8P
   32K x 9 Bit Fast Static RAM
logo
List of Unclassifed Man...
PDM41256 ETC-PDM41256 Datasheet
73Kb / 8P
   256K Static RAM 32K x 8-Bit
logo
Honeywell Solid State E...
HX6256 HONEYWELL-HX6256 Datasheet
780Kb / 13P
   32K x 8 Static RAM
logo
Cypress Semiconductor
CY62256V CYPRESS-CY62256V Datasheet
316Kb / 13P
   32K x 8 Static RAM
CY7C199 CYPRESS-CY7C199 Datasheet
317Kb / 13P
   32K x 8 Static RAM
CY7C199N CYPRESS-CY7C199N Datasheet
488Kb / 10P
   32K x 8 Static RAM
CY7C199 CYPRESS-CY7C199_06 Datasheet
315Kb / 11P
   32K x 8 Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com