Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX5875 Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX5875
Description  16-Bit, 250Msps, High-Dynamic-Performance, Dual DAC with LVDS Inputs
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5875 Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX5875 Datasheet HTML 4Page - Maxim Integrated Products MAX5875 Datasheet HTML 5Page - Maxim Integrated Products MAX5875 Datasheet HTML 6Page - Maxim Integrated Products MAX5875 Datasheet HTML 7Page - Maxim Integrated Products MAX5875 Datasheet HTML 8Page - Maxim Integrated Products MAX5875 Datasheet HTML 9Page - Maxim Integrated Products MAX5875 Datasheet HTML 10Page - Maxim Integrated Products MAX5875 Datasheet HTML 11Page - Maxim Integrated Products MAX5875 Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
16-Bit, 250Msps, High-Dynamic-Performance,
Dual DAC with LVDS Inputs
8
_______________________________________________________________________________________
Typical Operating Characteristics (continued)
(AVDD3.3 = DVDD3.3 = AVCLK = +3.3V, AVDD1.8 = DVDD1.8 = +1.8V, external reference, VREFIO = +1.25V, RL = 50
Ω double-terminated,
IOUTFS = 20mA, TA = +25°C, unless otherwise noted.)
POWER DISSIPATION vs. CLOCK
FREQUENCY (fOUT = 10MHz)
fCLK (Msps)
200
250
150
100
50
200
220
240
280
260
300
180
0
AOUT = 0dBFS
POWER DISSIPATION vs. SUPPLY VOLTAGE
(fCLK = 100Msps, fOUT = 10MHz)
SUPPLY VOLTAGE (V)
3.465
3.3
215
225
230
210
3.135
AOUT = 0dBFS
EXTERNAL REFERENCE
INTERNAL REFERENCE
220
FOUR-TONE POWER RATIO PLOT
(fCLK = 150MHz)
fOUT (MHz)
36
34
32
30
28
-80
-60
-40
-20
0
-100
26
38
BW = 12MHz
fT1
fT2 fT3
fT4
fT1 = 29.9433MHz
fT2 = 30.8266MHz
fT3 = 31.9087MHz
fT4 = 32.9123MHz
ACLR FOR W-CDMA MODULATION,
SINGLE CARRIER ACLR
9.2MHz/div
-130
-110
-100
-90
-80
-70
-60
-50
-40
-30
DC
92.16MHz
fCLK = 184.32MHz
fCARRIER = 30.72MHz
ACLR = +80dB
-20
-120
ACLR FOR W-CDMA MODULATION
TWO CARRIER ACLR
3.05MHz/div
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-120
fCLK = 245.76Msps
fCENTER = 30.72MHz
ACLR = +78dB
ACLR FOR W-CDMA MODULATION
TWO CARRIER ACLR
3.05MHz/div
-130
-120
-110
-100
-90
-80
-70
-60
-50
-30
-140
fCLK = 184.32Msps
fCENTER = 30.72MHz
ACLR = +77dB
-40
W-CDMA BASEBAND ACLR
NUMBER OF CHANNELS
4
3
2
1
77
78
80
82
84
76
81.4
82.7
82.3
83.0
80.4
80.7
79.0 79.0
ALTERNATE
ADJACENT
79
81
83


Similar Part No. - MAX5875

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5871 MAXIM-MAX5871 Datasheet
6Mb / 55P
   MAX5871 Evaluation Kit
Rev 0; 5/16
MAX5871EVKIT MAXIM-MAX5871EVKIT Datasheet
6Mb / 55P
   MAX5871 Evaluation Kit
Rev 0; 5/16
MAX5876 MAXIM-MAX5876 Datasheet
300Kb / 14P
   MAX5876/MAX5877/MAX5878 Evaluation Kits
Rev 1; 6/07
MAX5876EGKD MAXIM-MAX5876EGKD Datasheet
300Kb / 14P
   MAX5876/MAX5877/MAX5878 Evaluation Kits
Rev 1; 6/07
MAX5876EVKIT MAXIM-MAX5876EVKIT Datasheet
300Kb / 14P
   MAX5876/MAX5877/MAX5878 Evaluation Kits
Rev 1; 6/07
More results

Similar Description - MAX5875

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5891 MAXIM-MAX5891 Datasheet
412Kb / 15P
   16-Bit, 600Msps, High-Dynamic-Performance DAC with LVDS Inputs
Rev 0; 2/05
MAX5888 MAXIM-MAX5888 Datasheet
746Kb / 18P
   3.3V, 16-Bit, 500Msps High Dynamic Performance DAC with Differential LVDS Inputs
19-2726; Rev 3; 12/03
MAX5886 MAXIM-MAX5886 Datasheet
439Kb / 18P
   3.3V, 12-Bit, 500Msps High Dynamic Performance DAC with Differential LVDS Inputs
19-2776; Rev 2; 12/03
MAX5887 MAXIM-MAX5887 Datasheet
982Kb / 18P
   3.3V, 14-Bit, 500Msps High Dynamic Performance DAC with Differential LVDS Inputs
19-2777; Rev 1; 10/03
MAX5885 MAXIM-MAX5885 Datasheet
862Kb / 10P
   3.3V, 16-Bit, 200Msps High Dynamic Performance DAC with CMOS Inputs
19-2786; Rev 1; 12/03
MAX5884 MAXIM-MAX5884 Datasheet
491Kb / 10P
   3.3V, 14-Bit, 200Msps High Dynamic Performance DAC with CMOS Inputs
19-2825; Rev 1; 12/03
MAX5883 MAXIM-MAX5883 Datasheet
634Kb / 16P
   3.3V, 12-Bit, 200Msps High Dynamic Performance DAC with CMOS Inputs
19-2824; Rev 1; 12/03
MAX5898 MAXIM-MAX5898 Datasheet
399Kb / 32P
   16-Bit, 500Msps, Interpolating and Modulating Dual DAC with Interleaved LVDS Inputs
Rev 1; 7/07
MAX5195 MAXIM-MAX5195 Datasheet
595Kb / 17P
   14-Bit, 260Msps High-Dynamic Performance DAC
Rev 0; 7/02
logo
NXP Semiconductors
TDA1541A PHILIPS-TDA1541A Datasheet
138Kb / 12P
   Stereo high performance 16-bit DAC
February 1991
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com