Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MRF5S19130SR3 Datasheet(PDF) 3 Page - Motorola, Inc

Part # MRF5S19130SR3
Description  N-Channel Enhancement-Mode Lateral MOSFETs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MRF5S19130SR3 Datasheet(HTML) 3 Page - Motorola, Inc

  MRF5S19130SR3 Datasheet HTML 1Page - Motorola, Inc MRF5S19130SR3 Datasheet HTML 2Page - Motorola, Inc MRF5S19130SR3 Datasheet HTML 3Page - Motorola, Inc MRF5S19130SR3 Datasheet HTML 4Page - Motorola, Inc MRF5S19130SR3 Datasheet HTML 5Page - Motorola, Inc MRF5S19130SR3 Datasheet HTML 6Page - Motorola, Inc MRF5S19130SR3 Datasheet HTML 7Page - Motorola, Inc MRF5S19130SR3 Datasheet HTML 8Page - Motorola, Inc MRF5S19130SR3 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Freescale Semiconductor, Inc.
MRF5S19130R3 MRF5S19130SR3
MOTOROLA RF DEVICE DATA
3
For More Information On This Product,
Go to: www.freescale.com
Figure 1. MRF5S19130R3(SR3) Test Circuit Schematic
Z13, Z14
1.125″ x 0.068″ Microstrip
Z15
0.071″ x 1.080″ Microstrip
Z16
0.060″ x 1.080″ Microstrip
Z17
0.290″ x 1.080″ Microstrip
Z18
1.075″ x 0.825″ x 0.125″ Taper
Z19
0.635″ x 0.120″ Microstrip
Z20
0.185″ x 0.096″ Microstrip
Z21
0.414″ x 0.084″ Microstrip
Z22
0.040″ x 0.084″ Microstrip
Z23
0.199″ x 0.057″ Microstrip
PCB
Arlon GX0300-55-22, 0.03″, εr = 2.55
Z1
0.200″ x 0.085″ Microstrip
Z2
0.170″ x 0.085″ Microstrip
Z3
0.480″ x 0.085″ Microstrip
Z4
0.926″ x 0.085″ Microstrip
Z5
0.590″ x 0.085″ Microstrip
Z6
0.519″ x 0.955″ x 0.160″ Taper
Z7
0.022″ x 0.955″ Microstrip
Z8
0.046″ x 0.955″ Microstrip
Z9
0.080″ x 0.955″ Microstrip
Z10, Z11
1.280″ x 0.046″ Microstrip
Z12
0.053″ x 1.080″ Microstrip
C9
R2
VGG
VDD
C24
C19
C17
C4
C8
C15
C1
RF
OUTPUT
RF
INPUT
R1
Z1
Z2
Z4 Z5 Z6
Z10
Z13
Z16 Z17
+
DUT
C10
C23
C21
B1
R3
C25
Z12
Z22
C6
C7
Z9
C2
Z3
C3
Z11
C11
B2
R4
C12
C14
C13
C16
C18
C20
C22
C30
C29
C32
C31
C27
C28
C33
C34
C26
Z14
+
+
+
+
+
+
+
C5
Z7
Z8
Z15
Z23 Z24
Z18 Z19 Z20 Z21
+
+
+
+
Table 1. MRF5S19130R3(SR3) Test Circuit Component Designations and Values
Part
Description
Value, P/N or DWG
Manufacturer
B1, B2
Short RF Bead
95F786
Newark
C1
0.8 pF Chip Capacitor, B Case
100B0R8BP 500X
ATC
C2, C4
0.6 – 4.5 pF Gigatrim Variable Capacitors
44F3358
Newark
C3
2.2 pF Chip Capacitor, B Case
100B2R2BP 500X
ATC
C5
1.7 pF Chip Capacitor, B Case
100B1R7BP 500X
ATC
C8, C13
9.1 pF Chip Capacitors, B Case
100B9R1CP 500X
ATC
C9, C11
1 µF, 25 V Tantalum Capacitors
92F1845
Newark
C10
47 µF, 50 V Electrolytic Capacitor
51F2913
Newark
C6, C14, C17, C18, C19, C28, C29, C30
0.1 µF Chip Capacitors, B Case
CDR33BX104AKWS
Kemet
C7, C12, C16, C27
1000 pF Chip Capacitors, B Case
100B102JP 500X
ATC
C15, C26
8.2 pF Chip Capacitors, B Case
100B8R2CP 500X
ATC
C20, C21, C22, C23, C31, C32, C33, C34
22 µF, 35 V Tantalum Capacitors
92F1853
Newark
C24
470 µF, 63 V Electrolytic Capacitor
95F4579
Newark
C25
6.2 pF Chip Capacitor, B Case
100B6R2CP 500X
ATC
R1
1 kW Chip Resistor
D5534M07B1K00R
Newark
R2
560 kW Chip Resistor
CR1206 564JT
Newark
R3, R4
12 W Chip Resistors
RM73B2B120JT
Garrett Electtonics


Similar Part No. - MRF5S19130SR3

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MRF5S19130HR3 FREESCALE-MRF5S19130HR3 Datasheet
415Kb / 12P
   Suitable for TDMA, CDMA and multicarrier amplifier applications.
MRF5S19130HR3 FREESCALE-MRF5S19130HR3 Datasheet
433Kb / 12P
   RF Power Field Effect Transistors
MRF5S19130HR3 FREESCALE-MRF5S19130HR3_06 Datasheet
433Kb / 12P
   RF Power Field Effect Transistors
MRF5S19130HSR3 FREESCALE-MRF5S19130HSR3 Datasheet
415Kb / 12P
   Suitable for TDMA, CDMA and multicarrier amplifier applications.
MRF5S19130HSR3 FREESCALE-MRF5S19130HSR3 Datasheet
433Kb / 12P
   RF Power Field Effect Transistors
More results

Similar Description - MRF5S19130SR3

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF184R1 MOTOROLA-MRF184R1 Datasheet
1,015Kb / 12P
   N-Channel Enhancement-Mode Lateral MOSFETs
logo
Freescale Semiconductor...
MRFE6S9125NR1 FREESCALE-MRFE6S9125NR1 Datasheet
598Kb / 18P
   N-Channel Enhancement-Mode Lateral MOSFETs
MRF6V2150N FREESCALE-MRF6V2150N Datasheet
205Kb / 8P
   N-Channel Enhancement-Mode Lateral MOSFETs
logo
NXP Semiconductors
A2T18S160W31S NXP-A2T18S160W31S Datasheet
669Kb / 20P
   N--Channel Enhancement--Mode Lateral MOSFETs
Rev. 0, 5/2015
A2T27S020N NXP-A2T27S020N Datasheet
493Kb / 18P
   N--Channel Enhancement--Mode Lateral MOSFETs
Rev. 1, 01/2018
logo
Freescale Semiconductor...
MRF5S9100NR1 FREESCALE-MRF5S9100NR1 Datasheet
442Kb / 12P
   N-Channel Enhancement-Mode Lateral MOSFETs
MRF6V2300N FREESCALE-MRF6V2300N Datasheet
208Kb / 8P
   N-Channel Enhancement-Mode Lateral MOSFETs
MRF5S4125NR1 FREESCALE-MRF5S4125NR1 Datasheet
524Kb / 15P
   N-Channel Enhancement-Mode Lateral MOSFETs
logo
NXP Semiconductors
AFT20P060-4NR3 NXP-AFT20P060-4NR3 Datasheet
557Kb / 16P
   N--Channel Enhancement--Mode Lateral MOSFETs
Rev. 1, 12/2013
logo
Freescale Semiconductor...
MRF6S19140HR3 FREESCALE-MRF6S19140HR3 Datasheet
399Kb / 12P
   N-Channel Enhancement-Mode Lateral MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com