Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPMC802B-PD03 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # SPMC802B-PD03
Description  32-pin General Purpose Microcontroller (OTP)
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SPMC802B-PD03 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  SPMC802B-PD03 Datasheet HTML 1Page - List of Unclassifed Manufacturers SPMC802B-PD03 Datasheet HTML 2Page - List of Unclassifed Manufacturers SPMC802B-PD03 Datasheet HTML 3Page - List of Unclassifed Manufacturers SPMC802B-PD03 Datasheet HTML 4Page - List of Unclassifed Manufacturers SPMC802B-PD03 Datasheet HTML 5Page - List of Unclassifed Manufacturers SPMC802B-PD03 Datasheet HTML 6Page - List of Unclassifed Manufacturers SPMC802B-PD03 Datasheet HTML 7Page - List of Unclassifed Manufacturers SPMC802B-PD03 Datasheet HTML 8Page - List of Unclassifed Manufacturers SPMC802B-PD03 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
SPMC802B
4. SIGNAL DESCRIPTIONS
4.1. PIN Descriptions (32 PIN)
Mnemonic
PIN No.
Functional Description
VDD
28
System Power Supply.
VSS
27
System Ground.
XO/R
4
Crystal In or Resistor In Input. An external resistive pull-up is used to connect with internal OSC
circuitry for generating the internal clock and the related time base in R-Oscillation mode. It will
be connected with external crystal for a crystal oscillation circuitry in crystal mode.
XI
5
Crystal Output or External Clock Input. External clock input is used to connect with internal clock
circuitry to generate the internal clock and the related time base in External clock mode. It will
be connected with external crystal for a crystal oscillation circuitry in crystal mode.
PA7:0
9, 10, 11, 12
20, 21, 22, 23
GPIO Port A7:0. General-purpose inputs/outputs. Using the internal setting can configure it. In
addition, PA7 can be used as the external interrupt input. PA5:4 can be the compare inputs of
Comparator. PA3:0 can be the group input of external interrupt.
PB5
(Vpp)
24
GPIO Port B5.
General-purpose input/output.
Using the internal setting can configure it.
In
addition, PB5 can be used as the external Main IRQ input. It is used as Programming Voltage
input in Programming mode.
PB1
(SCK)
29
GPIO Port B1.
General-purpose input/output.
Using the internal setting can configure it.
In
addition, it is used as Serial Clock input in Programming mode.
PB0
(SDA)
13
GPIO Port B0. General-purpose input/output or the voltage reference input for the Comparator.
Using the internal setting can configure it. In addition, it is used as Serial Data input/output in
Programming mode.
PB7:6,4:2
19, 14, 6,
3, 30
GPIO Port B7:6,4:2. General-purpose inputs/output. Using the internal setting can configure it. In
addition, PB7 can be the PWM waveform output. PB6 can be set as external event/clock input
for Timer 2. PB4 can be used as the Main nRESET input.
PC7:0
32, 1, 17, 16
31, 2, 18, 15
GPIO Port C7:0. General-purpose inputs/outputs. Using the internal setting can configure it. In
addition, these pins can be used as the external interrupt inputs.
PD3:0
8, 7, 26, 25
GPIO Port D3:0. General-purpose inputs/outputs. Using the internal setting can configure it.
4.2. PIN Assignment
4.2.1. 32 PIN package
SPMC802B
4.2.2. 28 PIN package
SPMC802B
© Sunplus Technology Co., Ltd.
Proprietary & Confidential
5
AUG. 07, 2002
Version: 1.0


Similar Part No. - SPMC802B-PD03

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SPMC387-01 SSDI-SPMC387-01 Datasheet
38Kb / 2P
   50 WATT RADIATION HARDENED DC-DC POWER CONVERTER
logo
Freescale Semiconductor...
SPMC68CK338CPV14 FREESCALE-SPMC68CK338CPV14 Datasheet
950Kb / 133P
   32-Bit Modular Microcontroller
logo
NXP Semiconductors
SPMC68CK338CPV14 NXP-SPMC68CK338CPV14 Datasheet
1Mb / 133P
   32-Bit Modular Microcontroller
logo
Freescale Semiconductor...
SPMCCK16Z1CFC16 FREESCALE-SPMCCK16Z1CFC16 Datasheet
5Mb / 500P
   M68HC16Z Series
SPMCCK16Z1CFC16 FREESCALE-SPMCCK16Z1CFC16 Datasheet
5Mb / 500P
   Symbols and Operators, CPU16 Register Mnemonics
More results

Similar Description - SPMC802B-PD03

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
ML675001 OKI-ML675001 Datasheet
196Kb / 24P
   32-bit ARM-Based General-Purpose Microcontroller
logo
List of Unclassifed Man...
ML67Q4060 ETC2-ML67Q4060 Datasheet
545Kb / 37P
   32-bit General-Purpose ARM-Based Microcontroller
logo
OKI electronic componet...
ML674000 OKI-ML674000 Datasheet
192Kb / 24P
   32-bit General-purpose, ARM-based Microcontroller
ML674001 OKI-ML674001 Datasheet
193Kb / 24P
   32-bit ARM-Based General-Purpose Microcontroller
logo
List of Unclassifed Man...
ML67Q4060 ETC2-ML67Q4060 Datasheet
545Kb / 37P
   32-bit General-Purpose ARM-Based Microcontroller
logo
Zilog, Inc.
Z86D86 ZILOG-Z86D86 Datasheet
912Kb / 80P
   28-Pin Low-Voltage OTP Microcontroller
logo
ATMEL Corporation
TS80C54X2 ATMEL-TS80C54X2 Datasheet
1Mb / 58P
   8-bit CMOS Microcontroller 16/32 Kbytes ROM/OTP
TS80C54 ATMEL-TS80C54 Datasheet
527Kb / 62P
   8-bit CMOS Microcontroller 16/32 Kbytes ROM/OTP
logo
Zilog, Inc.
Z8E001 ZILOG-Z8E001 Datasheet
209Kb / 49P
   CMOS OTP Microcontroller
logo
Microchip Technology
PIC32MX MICROCHIP-PIC32MX Datasheet
8Mb / 544P
   64/100-Pin General Purpose,32-Bit Flash Microcontrollers
2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com