Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS4303 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # THS4303
Description  WIDEBAND FIXED-GAIN AMPLIFIER
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4303 Datasheet(HTML) 1 Page - Texas Instruments

  THS4303 Datasheet HTML 1Page - Texas Instruments THS4303 Datasheet HTML 2Page - Texas Instruments THS4303 Datasheet HTML 3Page - Texas Instruments THS4303 Datasheet HTML 4Page - Texas Instruments THS4303 Datasheet HTML 5Page - Texas Instruments THS4303 Datasheet HTML 6Page - Texas Instruments THS4303 Datasheet HTML 7Page - Texas Instruments THS4303 Datasheet HTML 8Page - Texas Instruments THS4303 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
www.ti.com
FEATURES
APPLICATIONS
DESCRIPTION
_
+
THS4303
Rf
49.9
VI
+
22
µF
47 pF
0.1
µF
VS+
50
Ω Source
Rg
VO
+
22
µF
47 pF
0.1
µF
VS−
30.1
30.1
FB
FB
FB = Ferrite Bead
10
12
14
16
18
20
22
100 k
1 M
10 M
100 M
1 G
10 G
f − Frequency − Hz
SMALL SIGNAL FREQUENCY RESPONSE
RL = 100 Ω
VO = 100 mVPP
VS = 5 V
49.9
50
Ω Load
THS4303
SLOS421B – NOVEMBER 2003 – REVISED JANUARY 2005
WIDEBAND FIXED-GAIN AMPLIFIER
Wideband Signal Processing
Fixed Closed-Loop Gain Amplifier
Wireless Transceivers
– 10 V/V (20 dB)
IF Amplifier
Wide Bandwidth: 1.8 GHz
ADC Preamplifier
High Slew Rate: 5500 V/µs
DAC Output Buffers
Low Total Input Referred Noise: 2.5 nV/
√Hz
Test, Measurement, and Instrumentation
Low Distortion
Medical and Industrial Imaging
– HD2: –65 dBc at 70 MHz
– HD3: –76 dBc at 70 MHz
– IMD3: –85 dBc at 100 MHz
The THS4303 device is a wideband, fixed-gain ampli-
– OIP3: 34 dBm at 100 MHz
fier that offers high bandwidth, high slew rate, low
noise, and low distortion. This combination of specifi-
– IMD3: –70 dBc at 300 MHz
cations enables analog designers to transcend cur-
– OIP3: 27 dBm at 300 MHz
rent performance limitations and process analog sig-
High Output Drive:
±180 mA
nals at much higher speeds than previously possible
with closed-loop, complementary amplifier designs.
Power Supply Voltage: 3 V or 5 V
The devices are offered in a 16-pin leadless package
and incorporate a power-down mode for quiescent
power savings.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PowerPAD is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2003–2005, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - THS4303

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4303 TI1-THS4303 Datasheet
1Mb / 30P
[Old version datasheet]   WIDEBAND FIXED-GAIN AMPLIFIER
THS4303RGTT TI1-THS4303RGTT Datasheet
1Mb / 30P
[Old version datasheet]   WIDEBAND FIXED-GAIN AMPLIFIER
THS4303RGTTG4 TI1-THS4303RGTTG4 Datasheet
1Mb / 30P
[Old version datasheet]   WIDEBAND FIXED-GAIN AMPLIFIER
THS4303 TI1-THS4303_14 Datasheet
1Mb / 30P
[Old version datasheet]   WIDEBAND FIXED-GAIN AMPLIFIER
More results

Similar Description - THS4303

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4303 TI1-THS4303_14 Datasheet
1Mb / 30P
[Old version datasheet]   WIDEBAND FIXED-GAIN AMPLIFIER
THS4302 TI-THS4302 Datasheet
602Kb / 23P
[Old version datasheet]   WIDEBAND FIXED-GAIN AMPLIFIER
THS4302 TI1-THS4302_14 Datasheet
1Mb / 28P
[Old version datasheet]   WIDEBAND FIXED-GAIN AMPLIFIER
OPA682 TI1-OPA682 Datasheet
226Kb / 21P
[Old version datasheet]   Wideband, Fixed Gain BUFFER AMPLIFIER
OPA692 TI1-OPA692 Datasheet
1Mb / 30P
[Old version datasheet]   Wideband, Fixed Gain Video BUFFER AMPLIFIER
OPA653 TI-OPA653 Datasheet
697Kb / 19P
[Old version datasheet]   Wideband, Fixed Gain, JFET-Input AMPLIFIER
OPA653 TI-OPA653_15 Datasheet
1Mb / 26P
[Old version datasheet]   Wideband, Fixed Gain, JFET-Input AMPLIFIER
OPA3682 TI1-OPA3682 Datasheet
218Kb / 20P
[Old version datasheet]   Triple, Wideband, Fixed Gain BUFFER AMPLIFIER
logo
Burr-Brown (TI)
OPA682 BURR-BROWN-OPA682 Datasheet
213Kb / 20P
   Wideband, Fixed Gain BUFFER AMPLIFIER With Disable
logo
Texas Instruments
OPA693 TI1-OPA693 Datasheet
981Kb / 32P
[Old version datasheet]   Ultra-Wideband, Fixed Gain Video BUFFER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com