Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPMC802B-PS06 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # SPMC802B-PS06
Description  32-pin General Purpose Microcontroller (OTP)
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SPMC802B-PS06 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  SPMC802B-PS06 Datasheet HTML 1Page - List of Unclassifed Manufacturers SPMC802B-PS06 Datasheet HTML 2Page - List of Unclassifed Manufacturers SPMC802B-PS06 Datasheet HTML 3Page - List of Unclassifed Manufacturers SPMC802B-PS06 Datasheet HTML 4Page - List of Unclassifed Manufacturers SPMC802B-PS06 Datasheet HTML 5Page - List of Unclassifed Manufacturers SPMC802B-PS06 Datasheet HTML 6Page - List of Unclassifed Manufacturers SPMC802B-PS06 Datasheet HTML 7Page - List of Unclassifed Manufacturers SPMC802B-PS06 Datasheet HTML 8Page - List of Unclassifed Manufacturers SPMC802B-PS06 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
SPMC802B
32-PIN GENERAL PURPOSE
MICROCONTROLLER (OTP)
1. GENERAL DESCRIPTION
The SPMC802B is an OTP version of SPMC02A with reliability
enhancement. It equips with an 8-bit Sunplus CPU core, 4.5K
bytes of program ROM, and 128 bytes of RAM. SPMC802B also
combines with four I/O ports, two timers with one PWM output, two
Comparator inputs, and a Watchdog Timer.
Three groups of
interrupt are implemented for different kinds of applications.
Major application fields are small home appliances or computer
peripheral applications. The details are described below.
2. FEATURES
!
Built-in 8-bit Sunplus CPU core with two index registers and up
to 6MHz clock operation.
!
28 general-purpose I/O channels that are belong to four I/O
ports. Some of them are combined with the options to select
Pull-Up/Down Resistors.
!
Three external interrupt groups, one is come from individual I/O
Channel PB5 and group input PA3:0, one is come from
individual I/O Channel, PA7, and one is a group input, PC port.
!
External Reset input option on PB4.
!
An 8-bit Timer with Real Time Interrupt control.
!
An 8-bit Re-loadable Timer with 8 stages prescalar.
!
One 6-bit PWM waveform output.
!
Two voltage Comparator inputs with selectable internal or
external voltage reference. An interrupt event control for the
compare result.
!
A watchdog timer for program control.
!
4.5K bytes of ROM with 128 bytes of RAM.
!
R-Oscillation or Crystal input options for system clock.
!
Stop or Wait Control setting for Power-Saving Mode.
!
Slow Transition Output Pins.
3. BLOCK DIAGRAM
OSC.
CKT
4.5K bytes PROM
$600~$FFF &
$1800~$1FFF
128 bytes RAM
$80 ~ $FF
8 - bit CPU
RESET(PB4)
IRQ(PB5)
XO/R
XI
I/O PORT
&
External RESET Pin
I/O PORT
&
External IRQ Pin
I/O PORT
&
External Interrupt
I/O PORT &
2 set Comparator
circuit
I/O PORT
I/O PORT &
PWM waveform
output
I/O PORT
&
External CLOCK Pin
TIMER 1
& RTI
& Watch_Dog timer
TIMER 2 &
6 bits PWM
waveform generator
Interrupt Generator
&
RESET generator
PD3-0
PB3-1
PA6
PA7
PA3-0
PC7-0
PA4,PA5
PB0
PB7
PB6
/13
/1
/1
/8
/3
VDD
VSS
/1
/1
© Sunplus Technology Co., Ltd.
Proprietary & Confidential
3
AUG. 07, 2002
Version: 1.0


Similar Part No. - SPMC802B-PS06

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SPMC387-01 SSDI-SPMC387-01 Datasheet
38Kb / 2P
   50 WATT RADIATION HARDENED DC-DC POWER CONVERTER
logo
Freescale Semiconductor...
SPMC68CK338CPV14 FREESCALE-SPMC68CK338CPV14 Datasheet
950Kb / 133P
   32-Bit Modular Microcontroller
logo
NXP Semiconductors
SPMC68CK338CPV14 NXP-SPMC68CK338CPV14 Datasheet
1Mb / 133P
   32-Bit Modular Microcontroller
logo
Freescale Semiconductor...
SPMCCK16Z1CFC16 FREESCALE-SPMCCK16Z1CFC16 Datasheet
5Mb / 500P
   M68HC16Z Series
SPMCCK16Z1CFC16 FREESCALE-SPMCCK16Z1CFC16 Datasheet
5Mb / 500P
   Symbols and Operators, CPU16 Register Mnemonics
More results

Similar Description - SPMC802B-PS06

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
ML675001 OKI-ML675001 Datasheet
196Kb / 24P
   32-bit ARM-Based General-Purpose Microcontroller
logo
List of Unclassifed Man...
ML67Q4060 ETC2-ML67Q4060 Datasheet
545Kb / 37P
   32-bit General-Purpose ARM-Based Microcontroller
logo
OKI electronic componet...
ML674000 OKI-ML674000 Datasheet
192Kb / 24P
   32-bit General-purpose, ARM-based Microcontroller
ML674001 OKI-ML674001 Datasheet
193Kb / 24P
   32-bit ARM-Based General-Purpose Microcontroller
logo
List of Unclassifed Man...
ML67Q4060 ETC2-ML67Q4060 Datasheet
545Kb / 37P
   32-bit General-Purpose ARM-Based Microcontroller
logo
Zilog, Inc.
Z86D86 ZILOG-Z86D86 Datasheet
912Kb / 80P
   28-Pin Low-Voltage OTP Microcontroller
logo
ATMEL Corporation
TS80C54X2 ATMEL-TS80C54X2 Datasheet
1Mb / 58P
   8-bit CMOS Microcontroller 16/32 Kbytes ROM/OTP
TS80C54 ATMEL-TS80C54 Datasheet
527Kb / 62P
   8-bit CMOS Microcontroller 16/32 Kbytes ROM/OTP
logo
Zilog, Inc.
Z8E001 ZILOG-Z8E001 Datasheet
209Kb / 49P
   CMOS OTP Microcontroller
logo
Microchip Technology
PIC32MX MICROCHIP-PIC32MX Datasheet
8Mb / 544P
   64/100-Pin General Purpose,32-Bit Flash Microcontrollers
2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com