Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PMB2333 Datasheet(PDF) 3 Page - Siemens Semiconductor Group

Part # PMB2333
Description  ICs for Communications
Download  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

PMB2333 Datasheet(HTML) 3 Page - Siemens Semiconductor Group

  PMB2333 Datasheet HTML 1Page - Siemens Semiconductor Group PMB2333 Datasheet HTML 2Page - Siemens Semiconductor Group PMB2333 Datasheet HTML 3Page - Siemens Semiconductor Group PMB2333 Datasheet HTML 4Page - Siemens Semiconductor Group PMB2333 Datasheet HTML 5Page - Siemens Semiconductor Group PMB2333 Datasheet HTML 6Page - Siemens Semiconductor Group PMB2333 Datasheet HTML 7Page - Siemens Semiconductor Group PMB2333 Datasheet HTML 8Page - Siemens Semiconductor Group PMB2333 Datasheet HTML 9Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 69 page
background image
PMB 2333
Revision History:
Current Version: 09.97
Previous Version:
06.96
Page
(in 06.96
Version)
Page
(in new
Version)
Subjects (major changes since last revision)
10
10
Supply Voltage -> 5.0V max.
10
10
Input Voltage VLO/X -> 5.0V max.
10
10
Input Voltage VAI -> VAO+0.3V max.
10
Input Voltage VAI AC Peak -> -2V min.
10
10
Input Voltage VGC -> -0.3V min. / VS+0.3 max.
10
10
Input Voltage VSTB -> 5.0V max.
10
10
Open Collector Output Voltage VMO/X ->1.7V min. / 5.0V max.
10
Amplifier Current (Base, Peak) IAI -> 6mA
10
Amplifier Power dissipation PAMPtot -> 105mW
10
11
Thermal Resistance RthJA -> 213K/W
11
Thermal Resistance RthSO -> 160K/W
11
ESD Integrity
25
26
Amplifier f=0.9GHz ->
Γ
OPT
26
27
Amplifier f=1.8GHz ->
ΓOPT
32
33
Diagram 5 - Identical Values - New Printout
Update Of / Additional Application Information
Correction Of Printing Mistakes
PMB 2333
Revision History:
Current Version: 06.96
Previous Version:
11.95
Page
(in 11.95
Version)
Page
(in 06.96
Version)
Subjects (major changes since last revision)
Update of RF/S-parameters becauce of cavitiy change, correction of
printing mistakes, update of application circuits


Similar Part No. - PMB2333

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
PMB2330 SIEMENS-PMB2330 Datasheet
175Kb / 7P
   2-GHz-Mixer
PMB2330T SIEMENS-PMB2330T Datasheet
175Kb / 7P
   2-GHz-Mixer
PMB2331 SIEMENS-PMB2331 Datasheet
556Kb / 21P
   The mixer used in this design is a general purpose up-/downconversion gilbert cell mixer
More results

Similar Description - PMB2333

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PEB20320 INFINEON-PEB20320 Datasheet
2Mb / 252P
   ICs for Communications
Version 3.4 01.2000
PEB20550 INFINEON-PEB20550 Datasheet
1Mb / 407P
   ICs for Communications
Versions 1.3 01.96
PEB20570 INFINEON-PEB20570 Datasheet
3Mb / 291P
   ICs for Communications
Version 2.1 2003-08
PXB4340E INFINEON-PXB4340E Datasheet
2Mb / 185P
   ICs for Communications
Version 1.1 04.2000
logo
Siemens Semiconductor G...
TUA4306 SIEMENS-TUA4306 Datasheet
309Kb / 33P
   ICs for Communications
logo
Infineon Technologies A...
PXB4360F INFINEON-PXB4360F Datasheet
869Kb / 66P
   ICs for Communications
Version 1.10 7.2000
PEB20560 INFINEON-PEB20560 Datasheet
3Mb / 433P
   ICs for Communications
Version 2.1 2003-08
PEF2015 INFINEON-PEF2015 Datasheet
1Mb / 84P
   ICs for Communications
Version 1.1 12.97
PEB2254 INFINEON-PEB2254 Datasheet
16Kb / 3P
   ICs for Communications
10.97
PEB20324 INFINEON-PEB20324 Datasheet
705Kb / 63P
   ICs for Communications
Version 2.2 04.99
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com