Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTE3029 Datasheet(PDF) 1 Page - NTE Electronics

Part # NTE3029
Description  Infrared-Emitting Diode
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE3029 Datasheet(HTML) 1 Page - NTE Electronics

  NTE3029 Datasheet HTML 1Page - NTE Electronics NTE3029 Datasheet HTML 2Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NTE3029A
Infrared–Emitting Diode
Description:
The NTE3029A 940nm LED is a multi–purpose device designed for use in numerous applications.
This Gallium Arsenide device is manufactured to tight tolerances for maximum performance and long
lifetime.
Features:
D Low Cost
D Low Degradation
D New Mold Technology Improves Performance under Variable Environmental Conditions
D New Lens Design offers Improved Optical Performance
Applications:
D Low Bit Rate Communication Systems
D Keyboards
D Coin Handlers
D Paper Handlers
D Touch Screens
D Shaft Encoders
D General Purpose Interruptive and Reflective
Event Sensors
Absolute Maximum Ratings:
Reverse Breakdown Voltage, VR
6V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Forward Current, IF
Continuous
100mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Peak Pulse
1A
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Device Power Dissipation (TA = +25°C, Note 2), PD
100mW
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Derate Above 55
°C
2mW/
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Ambient Operating Temperature Range, Topr
–40
° to +100°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage Temperature Range, Tstg
–40
° to +100°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead Temperature (During Soldering, Note 3), TL
+260
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Note 1. The NTE3029A is a discontinued device and has been replaced by NTE3029B.
Note 2 Measured with device soldered into a typical printed circuit board.
Note 3 Maximum exposure time: 5sec. Minimum of 1/16 inch from the case. A heat sink should
be applied in order to prevent the case temperature from exceeding +100
°C.
Electrical Characteristics: (TA = +25°C unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Reverse Leakage Current
IR
VR = 6V
0.05
100
µA
Forward Voltage
VF
IF = 50mA
1.3
1.5
V
Temperature Coefficient of Forward Voltage
∆VF
–1.6
mV/
°C
Capacitance
C
V = 0V, f = 1MHz
24
50
pF


Similar Part No. - NTE3029

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE3029 NTE-NTE3029 Datasheet
19Kb / 2P
   Infrared-Emitting Diode
NTE3029B NTE-NTE3029B Datasheet
19Kb / 2P
   Infrared-Emitting Diode
More results

Similar Description - NTE3029

ManufacturerPart #DatasheetDescription
logo
IDEA.lnc.
IEFC0128 IDEA-IEFC0128 Datasheet
37Kb / 2P
   infrared emitting diode
logo
List of Unclassifed Man...
LN-1A11 ETC-LN-1A11 Datasheet
56Kb / 1P
   INFRARED EMITTING DIODE
logo
Micro Electronics
MIB31TA-2 MICRO-ELECTRONICS-MIB31TA-2 Datasheet
42Kb / 1P
   INFRARED EMITTING DIODE
MI33T MICRO-ELECTRONICS-MI33T Datasheet
95Kb / 3P
   INFRARED EMITTING DIODE
MI51TA-2 MICRO-ELECTRONICS-MI51TA-2 Datasheet
47Kb / 1P
   INFRARED EMITTING DIODE
MIB57T-J MICRO-ELECTRONICS-MIB57T-J Datasheet
85Kb / 2P
   INFRARED EMITTING DIODE
MIB57T-K MICRO-ELECTRONICS-MIB57T-K Datasheet
84Kb / 2P
   INFRARED EMITTING DIODE
logo
Sharp Corporation
GL710 SHARP-GL710 Datasheet
36Kb / 2P
   Infrared Emitting Diode
logo
Micro Electronics
MI31T MICRO-ELECTRONICS-MI31T Datasheet
79Kb / 2P
   INFRARED EMITTING DIODE
logo
Marktech Corporate
LS880PT MARKTECH-LS880PT Datasheet
140Kb / 1P
   Infrared Emitting Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com