Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4793EUS Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX4793EUS
Description  200mA/250mA/300mA Current-Limit Switches
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4793EUS Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX4793EUS Datasheet HTML 2Page - Maxim Integrated Products MAX4793EUS Datasheet HTML 3Page - Maxim Integrated Products MAX4793EUS Datasheet HTML 4Page - Maxim Integrated Products MAX4793EUS Datasheet HTML 5Page - Maxim Integrated Products MAX4793EUS Datasheet HTML 6Page - Maxim Integrated Products MAX4793EUS Datasheet HTML 7Page - Maxim Integrated Products MAX4793EUS Datasheet HTML 8Page - Maxim Integrated Products MAX4793EUS Datasheet HTML 9Page - Maxim Integrated Products MAX4793EUS Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Detailed Description
The MAX4789–MAX4794 are forward/reverse current-
limited switches that operate from a 2.3V to 5.5V input
voltage range and guarantee a 200mA, 250mA, and
300mA minimum current-limit threshold for different
options. The voltage drop across an internal sense
resistor is compared to two reference voltages to indi-
cate a forward or reverse current-limit fault. When the
load current exceeds the preset current limit for greater
than the fault-blanking time, the switch opens.
The MAX4790, MAX4792, and MAX4794 have an
autoretry function that turns on the switch again after an
internal retry time expires. If the faulty load condition is
still present after the blanking time, the switch turns off
again and the cycle is repeated. If the faulty load con-
dition is not present, the switch remains on.
The MAX4789, MAX4791, and MAX4793 do not have
the autoretry option and the switch remains in latch-off
mode until the ON pin or the input power is cycled from
high to low and then high again.
The undervoltage lockout (UVLO) circuit prevents erro-
neous switch operation when the input voltage goes too
low during startup conditions.
Reverse Current Protection
The MAX4789–MAX4794 limit the reverse current (VOUT
to VIN) from exceeding the maximum IREV value. The
switch is shut off and FLAG is asserted (MAX4789/
MAX4791/MAX4793) if the reverse current-limit condition
persists for more than the blanking time. This feature pre-
vents excessive reverse currents from flowing through the
device.
Switch-On/Off Control
Toggle ON high to enable the current-limited switches.
The switches are continuously on, only if VIN exceeds the
UVLO threshold (typically 2V) and there is no fault. When
a forward/reverse current fault is present or the die
exceeds the thermal-shutdown temperature of +150°C,
OUT is internally disconnected from IN and the supply
current decreases to 8µA (latch off). The switch is now
operating in one of its off states. The switch-off state also
occurs when driving ON low, thus reducing the supply
current (shutdown) to 0.01µA. Table 1 illustrates the
ON/OFF state of the MAX4789–MAX4794 current-limit
switches.
FLAG Indicator
The MAX4789, MAX4791, and MAX4793 feature a
latched fault output, FLAG. Whenever a fault is activat-
ed, it latches FLAG output low and also turns the switch
200mA/250mA/300mA Current-Limit Switches
6
_______________________________________________________________________________________
N
BLANKING TIME
CIRCUITRY
REVERSE CURRENT
DETECTOR
FORWARD CURRENT
DETECTOR
N
+2.0V
FLAG
OUT
IN
ON
GND
MAX4789/MAX4791/
MAX4793 ONLY
LOGIC
AUTO-
RETRY
MAX4789–MAX4794
UNDERVOLTAGE
LOCKOUT
Figure 1. Functional Diagram


Similar Part No. - MAX4793EUS

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4793EUS+T MAXIM-MAX4793EUS+T Datasheet
168Kb / 11P
   200mA/250mA/300mA Current-Limit Switches
Rev 3; 10/08
MAX4793EUS+T MAXIM-MAX4793EUS+T Datasheet
1Mb / 12P
   200mA/250mA/300mA Current-Limit Switches
2019
More results

Similar Description - MAX4793EUS

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4789 MAXIM-MAX4789_08 Datasheet
168Kb / 11P
   200mA/250mA/300mA Current-Limit Switches
Rev 3; 10/08
MAX4789 MAXIM-MAX4789_V01 Datasheet
1Mb / 12P
   200mA/250mA/300mA Current-Limit Switches
2019
logo
Fitipower Integrated Te...
FP6866 FITIPOWER-FP6866 Datasheet
376Kb / 9P
   200mA Current-Limit Switches
logo
Maxim Integrated Produc...
MAX4914B MAXIM-MAX4914B Datasheet
187Kb / 11P
   100mA/200mA/300mA Current-Limit Switches with Low Shutdown Reverse Current
Rev 2; 6/08
MAX4914B MAXIM-MAX4914B_V01 Datasheet
1Mb / 12P
   100mA/200mA/300mA Current-Limit Switches with Low Shutdown Reverse Current
2016
MAX4772 MAXIM-MAX4772 Datasheet
302Kb / 10P
   200mA/500mA Selectable Current-Limit Switches
19-2926; Rev 0; 7/03
MAX14575A MAXIM-MAX14575A Datasheet
1Mb / 11P
   250mA to 2.5A Adjustable Current-Limit Switches
Rev 0; 9/12
MAX14575A MAXIM-MAX14575A_V01 Datasheet
610Kb / 11P
   250mA to 2.5A Adjustable Current-Limit Switches
2015
MAX14523A MAXIM-MAX14523A Datasheet
275Kb / 10P
   250mA to 1.5A, Adjustable Current-Limit Switches
Rev 0; 7/09
MAX14523A MAXIM-MAX14523A_11 Datasheet
349Kb / 11P
   250mA to 1.5A, Adjustable Current-Limit Switches
Rev 1; 1/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com