Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NJU7118 Datasheet(PDF) 2 Page - Nippon Precision Circuits Inc

Part # NJU7118
Description  LOW POWER AND LOW OFFSET VOLTAGE SUPER SMALL-SIZED SINGLE C-MOS COMPALATOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

NJU7118 Datasheet(HTML) 2 Page - Nippon Precision Circuits Inc

  NJU7118 Datasheet HTML 1Page - Nippon Precision Circuits Inc NJU7118 Datasheet HTML 2Page - Nippon Precision Circuits Inc NJU7118 Datasheet HTML 3Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
01/03/28 ( 2 / 3 )
NJU7118
!
ABSOLUTE MAXIMUM RATINGS
(Ta=25
°C)
PARAMETER
SYMBOL
RATING
UNIT
Supply Voltage
VDD
7.0
V
Differential Input Voltage
VID
±7.0
(Note1)
V
Common Mode Input Voltage
VIC
-0.3~7.0
V
Power Dissipation
PD
250 (Note2)
mW
Operating Temperature
Topr
-40~+85
°C
Storage Temperature
Tstg
-55~+125
°C
Note1) If the supply voltage (VDD) is less than 7.0V, the input voltage must not over the VDD level though 7.0V
is limit specified.
Note2) The power dissipation is value mounted on aglass epoxy board (FR-4) in size of 50x50x1.6 millimeters
square.
Note3) Decoupling capacitor should be connected between VDD and VSS due to the stabilized operation for the
circuit.
!
ELECTRICAL CHARACTERISTICS
(VDD=3.0V,RL=∞,Ta=25°C)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
Operating Voltage
VDD
1.0
-
5.5
V
Input Offset Voltage
VIO
VIN=VDD/2
-
-
4
mV
Input Offset Current
IIO
-
1
-
pA
Input Bias Current
IIB
-
1
-
pA
Input Common Mode
Voltage Range
VICM
0~2.5
-
-
V
Low Level Output Voltage
VOL
IOL=+5mA
-
-
0.3
V
Operating Current
IDD
-
10
20
uA
(VDD=3.0V,f=10kHz,CL=15pF,Ta=25°C)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
Propagation Delay
Low to High
tPLH
Over Drive=100mV
-
540
-
ns
Propagation Delay
High to Low
tPHL
Over Drive=100mV
-
190
-
ns
Output Signal Falling Time
tTHL
Over Drive=100mV
-
4
-
ns


Similar Part No. - NJU7118

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU7118 NJRC-NJU7118 Datasheet
64Kb / 3P
   LOW POWER AND LOW OFFSET VOLTAGE SUPER SMALL-SIZED SINGLE C-MOS COMPALATOR
2003/07/16
NJU7118F3 NJRC-NJU7118F3 Datasheet
64Kb / 3P
   LOW POWER AND LOW OFFSET VOLTAGE SUPER SMALL-SIZED SINGLE C-MOS COMPALATOR
2003/07/16
More results

Similar Description - NJU7118

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU7118 NJRC-NJU7118 Datasheet
64Kb / 3P
   LOW POWER AND LOW OFFSET VOLTAGE SUPER SMALL-SIZED SINGLE C-MOS COMPALATOR
2003/07/16
NJU7108 NJRC-NJU7108 Datasheet
60Kb / 3P
   LOW POWER AND LOW OFFSET VOLTAGE SUPER SMALL-SIZED SINGLE C-MOS COMPARATOR
NJU7008 NJRC-NJU7008 Datasheet
80Kb / 4P
   LOW POWER AND LOW OFFSET VOLTAGE SUPER SMALL-SIZED SINGLE C-MOS OPERATIONAL AMPLIFIER
NJU7109 NJRC-NJU7109 Datasheet
176Kb / 7P
   LOW POWER SUPER SMALL-SIZED SINGLE C-MOS COMPARATOR
NJU7109F3-TE1 NJRC-NJU7109F3-TE1 Datasheet
149Kb / 8P
   LOW POWER SUPER SMALL-SIZED SINGLE C-MOS COMPARATOR
NJU7119 NJRC-NJU7119 Datasheet
178Kb / 10P
   LOW POWER SUPER SMALL-SIZED SINGLE C-MOS COMPARATOR
NJU7116 NJRC-NJU7116 Datasheet
76Kb / 3P
   SUPER LOW OPERATING CURRENT AND LOW OFFSET VOLTAGE TINY SINGLE C-MOS COMPARATOR
NJU7091A NJRC-NJU7091A Datasheet
286Kb / 9P
   LOW-POWER AND LOW-OFFSET-VOLTAGE TINY SINGLE C-MOS OPERATIONAL AMPLIFIER
NJU7006 NJRC-NJU7006 Datasheet
62Kb / 2P
   SUPER LOW OPERATING CURRENT AND LOW OFFSET VOLTAGE TINY SINGLE C-MOS OPERATIONAL AMPLIFIER
NJU7094 NJRC-NJU7094 Datasheet
288Kb / 9P
   LOW-POWER AND LOW-OFFSET-VOLTAGE DUAL C-MOS OPERATIONAL AMPLIFIER?
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com