Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NJU7118 Datasheet(PDF) 1 Page - Nippon Precision Circuits Inc

Part # NJU7118
Description  LOW POWER AND LOW OFFSET VOLTAGE SUPER SMALL-SIZED SINGLE C-MOS COMPALATOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

NJU7118 Datasheet(HTML) 1 Page - Nippon Precision Circuits Inc

  NJU7118 Datasheet HTML 1Page - Nippon Precision Circuits Inc NJU7118 Datasheet HTML 2Page - Nippon Precision Circuits Inc NJU7118 Datasheet HTML 3Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
01/03/28 ( 1 / 3 )
NJU7118
LOW POWER AND LOW OFFSET VOLTAGE
SUPER SMALL-SIZED SINGLE C-MOS COMPALATOR
!
GENERAL DESCRIPTION
!
PACKAGE INFORMATION
The NJU7118 is a super small-sized package single
C-MOS comparators with open drain output.
The operating voltage is from 1V to 5.5V, and the interface
can be connected with most of TTL and C-MOS type standard
logic ICs.
Furthermore, The input offset voltage is lower than 4mV
and the package is super small-sized SC88A, therefore they
can be suitable for battery use items and other portable items.
!
FEATURES
!
PIN CONFIGURATION
"
Single Low Power Supply
VDD=1.0~5.5V
"
Low Offset Voltage
VIO=4mV max
"
Low Operating Current
IDD=10uA typ
"
Open Drain Output
"
Package Outline
SC88A
"
C-MOS Technology
!
EQUIVALENT CIRCUIT
NJU7118F2
(Top View)
IN+
VSS
IN-
VDD
OUT
1
2
3
4
5
VDD
IN-
OUT
IN+
VSS


Similar Part No. - NJU7118

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU7118 NJRC-NJU7118 Datasheet
64Kb / 3P
   LOW POWER AND LOW OFFSET VOLTAGE SUPER SMALL-SIZED SINGLE C-MOS COMPALATOR
2003/07/16
NJU7118F3 NJRC-NJU7118F3 Datasheet
64Kb / 3P
   LOW POWER AND LOW OFFSET VOLTAGE SUPER SMALL-SIZED SINGLE C-MOS COMPALATOR
2003/07/16
More results

Similar Description - NJU7118

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU7118 NJRC-NJU7118 Datasheet
64Kb / 3P
   LOW POWER AND LOW OFFSET VOLTAGE SUPER SMALL-SIZED SINGLE C-MOS COMPALATOR
2003/07/16
NJU7108 NJRC-NJU7108 Datasheet
60Kb / 3P
   LOW POWER AND LOW OFFSET VOLTAGE SUPER SMALL-SIZED SINGLE C-MOS COMPARATOR
NJU7008 NJRC-NJU7008 Datasheet
80Kb / 4P
   LOW POWER AND LOW OFFSET VOLTAGE SUPER SMALL-SIZED SINGLE C-MOS OPERATIONAL AMPLIFIER
NJU7109 NJRC-NJU7109 Datasheet
176Kb / 7P
   LOW POWER SUPER SMALL-SIZED SINGLE C-MOS COMPARATOR
NJU7109F3-TE1 NJRC-NJU7109F3-TE1 Datasheet
149Kb / 8P
   LOW POWER SUPER SMALL-SIZED SINGLE C-MOS COMPARATOR
NJU7119 NJRC-NJU7119 Datasheet
178Kb / 10P
   LOW POWER SUPER SMALL-SIZED SINGLE C-MOS COMPARATOR
NJU7116 NJRC-NJU7116 Datasheet
76Kb / 3P
   SUPER LOW OPERATING CURRENT AND LOW OFFSET VOLTAGE TINY SINGLE C-MOS COMPARATOR
NJU7091A NJRC-NJU7091A Datasheet
286Kb / 9P
   LOW-POWER AND LOW-OFFSET-VOLTAGE TINY SINGLE C-MOS OPERATIONAL AMPLIFIER
NJU7006 NJRC-NJU7006 Datasheet
62Kb / 2P
   SUPER LOW OPERATING CURRENT AND LOW OFFSET VOLTAGE TINY SINGLE C-MOS OPERATIONAL AMPLIFIER
NJU7094 NJRC-NJU7094 Datasheet
288Kb / 9P
   LOW-POWER AND LOW-OFFSET-VOLTAGE DUAL C-MOS OPERATIONAL AMPLIFIER?
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com