Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OMR9601SFH Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # OMR9601SFH
Description  1 M Rad (Si), ULTRA LOW DROPOUT POSITIVE LINEAR REGULATOR
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

OMR9601SFH Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  OMR9601SFH Datasheet HTML 1Page - List of Unclassifed Manufacturers OMR9601SFH Datasheet HTML 2Page - List of Unclassifed Manufacturers OMR9601SFH Datasheet HTML 3Page - List of Unclassifed Manufacturers OMR9601SFH Datasheet HTML 4Page - List of Unclassifed Manufacturers OMR9601SFH Datasheet HTML 5Page - List of Unclassifed Manufacturers OMR9601SFH Datasheet HTML 6Page - List of Unclassifed Manufacturers OMR9601SFH Datasheet HTML 7Page - List of Unclassifed Manufacturers OMR9601SFH Datasheet HTML 8Page - List of Unclassifed Manufacturers OMR9601SFH Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
OMR9601
Rev D, 02/14/2002
205 Crawford Street
• Leominster MA 01453 • Phone: 978 534 5776 • Fax: 978 537 4246 • www.omnirel.com
1 M Rad (Si), ULTRA LOW DROPOUT
POSITIVE LINEAR REGULATOR
FEATURES
• Total dose and low dose capability to 1M Rad (Si) allows use in space applications
• Ultra low dropout voltage of 0.4V @ 3A out significantly reduces power consumption
• Low noise, higher efficiency
• Remote Shutdown permits power sequencing to be easily implemented
• Hermetic MO-078AA (TO-258) and 8-lead flat pack ensure higher reliability
• K-level screened
DESCRIPTION
The OMR9601 is a radiation hardened, ultra low dropout linear regulator designed
specifically for space applications. This product has been characterized to a total ionizing
dose of 1M Rad (Si) per MIL-STD-883, Method 1019, Condition A at both high and low
dose rates under biased and unbiased conditions to account for ELDRE effects in bipolar
devices. The ultra low dropout voltage of 0.4V @ 3A makes the part particularly useful for
applications requiring low noise and higher efficiency.
MAXIMUM RATINGS (TJ=25°
°°°C unless otherwise specified)
Parameter
Symbol
Value
Unit
Output Current
Io
3.5
A
Input Voltage
Vin
+7.0
V
Lead Temperature
Tl
300
°C
Power Dissipation, TC =25°C
PTOT
19
W
Thermal Resistance, Junction to Case – MO-078AA
RthJC
6.5
°C/W
Thermal Resistance, Junction to Case – 8 Lead Flat Pack
RthJC
6.5
°C/W
Operating Temperature
Tj
-55…+125
°C
Storage Temperature Range
Ts
-65…+150
°C
Block Diagram
(Pin 4)
O
O
Vout
Vin
GND
Shutdown
O
(Pin 1)
(Pin 3)
(Pin 2)
SHDN
Reg.
Control
+3.3Vin to +2.5V Output at 3.0A
In Hermetic Packages


Similar Part No. - OMR9601SFH

ManufacturerPart #DatasheetDescription
logo
International Rectifier
OMR9601SF IRF-OMR9601SF Datasheet
129Kb / 8P
   Ultra Low Dropout Linear Regulator (3.3Vin to 2.5Vout at 3.0A)
OMR9601SFK IRF-OMR9601SFK Datasheet
129Kb / 8P
   Ultra Low Dropout Linear Regulator (3.3Vin to 2.5Vout at 3.0A)
OMR9601SFP IRF-OMR9601SFP Datasheet
129Kb / 8P
   Ultra Low Dropout Linear Regulator (3.3Vin to 2.5Vout at 3.0A)
More results

Similar Description - OMR9601SFH

ManufacturerPart #DatasheetDescription
logo
International Rectifier
OMR9604SC IRF-OMR9604SC Datasheet
131Kb / 5P
   1 M Rad(Si) Ultra Low Dropout Positive Adjustable Linear Regulator Hermetic Package
OMR9605SC IRF-OMR9605SC Datasheet
146Kb / 5P
   1 M Rad(Si) Ultra Low Dropout Adjustable Linear Regulator Hermetic Package
logo
Anaren Microwave
MSK5823 ANAREN-MSK5823 Datasheet
659Kb / 8P
   RAD HARD ULTRA LOW DROPOUT POSITIVE LINEAR REGULATOR
MSK5820 ANAREN-MSK5820 Datasheet
548Kb / 9P
   RAD HARD ULTRA LOW DROPOUT POSITIVE LINEAR REGULATOR
MSK5825 ANAREN-MSK5825 Datasheet
666Kb / 8P
   RAD HARD ULTRA LOW DROPOUT POSITIVE LINEAR REGULATOR
MSK5922 ANAREN-MSK5922 Datasheet
325Kb / 7P
   RAD HARD ULTRA LOW DROPOUT POSITIVE LINEAR REGULATOR
logo
M.S. Kennedy Corporatio...
MSK5920-3.3KRHU MSK-MSK5920-3.3KRHU Datasheet
340Kb / 7P
   RAD TOLERANT ULTRA LOW DROPOUT POSITIVE LINEAR REGULATOR
logo
Anaren Microwave
MSK5822 ANAREN-MSK5822 Datasheet
1Mb / 9P
   RAD HARD ULTRA LOW DROPOUT POSITIVE LINEAR REGULATOR
logo
M.S. Kennedy Corporatio...
MSK5921KRHU MSK-MSK5921KRHU Datasheet
331Kb / 7P
   RAD TOLERANT ULTRA LOW DROPOUT ADJUSTABLE POSITIVE LINEAR REGULATOR
logo
Anaren Microwave
MSK5800RH ANAREN-MSK5800RH Datasheet
960Kb / 10P
   RAD HARD ULTRA LOW DROPOUT ADJUSTABLE POSITIVE LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com