Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDTQS32XVH245Q2G Datasheet(PDF) 4 Page - Integrated Device Technology

Part # IDTQS32XVH245Q2G
Description  2.5V / 3.3V 16-BIT HIGH BANDWIDTH BUS SWITCH
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDTQS32XVH245Q2G Datasheet(HTML) 4 Page - Integrated Device Technology

  IDTQS32XVH245Q2G Datasheet HTML 1Page - Integrated Device Technology IDTQS32XVH245Q2G Datasheet HTML 2Page - Integrated Device Technology IDTQS32XVH245Q2G Datasheet HTML 3Page - Integrated Device Technology IDTQS32XVH245Q2G Datasheet HTML 4Page - Integrated Device Technology IDTQS32XVH245Q2G Datasheet HTML 5Page - Integrated Device Technology IDTQS32XVH245Q2G Datasheet HTML 6Page - Integrated Device Technology IDTQS32XVH245Q2G Datasheet HTML 7Page - Integrated Device Technology IDTQS32XVH245Q2G Datasheet HTML 8Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
INDUSTRIALTEMPERATURERANGE
IDTQS32XVH245
2.5V / 3.3V 16-BIT HIGH BANDWIDTH BUS SWITCH
NOTES:
1. For conditions shown as Min. or Max., use the appropriate values specified under DC Electrical Characteristics.
2. Per input driven at the specified level. A and B pins do not contribute to
∆Icc.
3. This parameter is guaranteed but not tested.
4. This parameter represents the current required to switch internal capacitance at the specified frequency. The A and B inputs do not contribute to the Dynamic Power Supply
Current. This parameter is guaranteed but not production tested.
POWER SUPPLY CHARACTERISTICS
Symbol
Parameter
TestConditions(1)
Min.
Typ.
Max.
Unit
ICCQ
Quiescent Power Supply Current
VCC = Max., VIN = GND or VCC, f = 0
2
6
mA
∆ICC
Power Supply Current (2,3) per Input HIGH
VCC = Max., VIN = 3V, f = 0 per Control Input
30
µA
ICCD
Dynamic Power Supply Current per Output
VCC = 3.3V, A and B Pins Open, Control Inputs See Typical ICCD vs Enable Frequency graph below
EnableControlInput(4)
Toggling @ 50% Duty Cycle
TYPICAL ICCD vs ENABLE FREQUENCY CURVE AT VCC = 3.3V
0
2
4
6
8
10
12
0
2
4
6
8
10
12
14
16
18
20
ENABLE FREQUENCY (MHZ)


Similar Part No. - IDTQS32XVH245Q2G

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDTQS32XVH245Q2G8 IDT-IDTQS32XVH245Q2G8 Datasheet
266Kb / 8P
   QUICKSWITCH짰 PRODUCTS 2.5V / 3.3V 16-BIT HIGH BANDWIDTH BUS SWITCH
More results

Similar Description - IDTQS32XVH245Q2G

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDTQS3VH16244 IDT-IDTQS3VH16244_13 Datasheet
281Kb / 8P
   2.5V / 3.3V 16-BIT HIGH BANDWIDTH BUS SWITCH
IDTQS3VH16245 IDT-IDTQS3VH16245_14 Datasheet
279Kb / 8P
   2.5V / 3.3V 16-BIT HIGH BANDWIDTH BUS SWITCH
IDTQS32XVH2245 IDT-IDTQS32XVH2245_11 Datasheet
268Kb / 8P
   2.5V / 3.3V 16-BIT HIGH BANDWIDTH BUS SWITCH
QS32XVH2245 IDT-QS32XVH2245 Datasheet
76Kb / 8P
   QUICKSWITCH 2.5V / 3.3V 16-BIT HIGH BANDWIDTH BUS SWITCH
IDTQS3VH16245 IDT-IDTQS3VH16245 Datasheet
71Kb / 8P
   QUICKSWITCH PRODUCTS 2.5V / 3.3V 16-BIT HIGH BANDWIDTH BUS SWITCH
IDTQS32XVH245Q2G8 IDT-IDTQS32XVH245Q2G8 Datasheet
266Kb / 8P
   QUICKSWITCH짰 PRODUCTS 2.5V / 3.3V 16-BIT HIGH BANDWIDTH BUS SWITCH
IDTQS3VH16244 IDT-IDTQS3VH16244 Datasheet
82Kb / 8P
   QUICKSWITCH PRODUCTS 2.5V / 3.3V 16-BIT HIGH BANDWIDTH BUS SWITCH
IDTQS3VH16211 IDT-IDTQS3VH16211_13 Datasheet
244Kb / 8P
   2.5V / 3.3V 24-BIT HIGH BANDWIDTH BUS SWITCH
IDTQS3VH384 IDT-IDTQS3VH384_08 Datasheet
280Kb / 8P
   2.5V / 3.3V 10-BIT HIGH BANDWIDTH BUS SWITCH
IDTQS32XVH384 IDT-IDTQS32XVH384_11 Datasheet
270Kb / 8P
   2.5V/3.3V 20-BIT HIGH BANDWIDTH BUS SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com