Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS2501AL-1-F3 Datasheet(PDF) 2 Page - NEC

Part # PS2501AL-1-F3
Description  NECs HIGH ISOLATION VOLTAGE SINGLE TRANSISTOR TYPE PHOTOCOUPLER SERIES
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

PS2501AL-1-F3 Datasheet(HTML) 2 Page - NEC

  PS2501AL-1-F3 Datasheet HTML 1Page - NEC PS2501AL-1-F3 Datasheet HTML 2Page - NEC PS2501AL-1-F3 Datasheet HTML 3Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Notes:
1. Operation in excess of any one of these parameters may result
in permanent damage.
2. PW = 100 µs, Duty Cycle = 1 %.
3. AC voltage for 1 minute at TA = 25 °C, RH = 60 % between input
and ouput.
PS2501A - 1, PS2501AL -1
SYMBOLS
PARAMETERS
UNITS
RATINGS
DIODE
VR
Reverse Voltage
V
6
IF
Forward Current
mA
30
∆PD/°C
Power Dissipation Derating
mW/
°C
1.5
PD
Power Dissipation
mW
150
IF (PEAK)
Peak Forward Current2
A
0.5
TRANSISTOR
VCEO
Collector to Emitter Voltage
V
70
VECO
Emitter to Collector Voltage
V
5
IC
Collector Current
mA
30
∆PC/°C
Power Dissipation Derating
mW/
°C
1.5
PC
Power Dissipation
mW
150
COUPLED
BV
Isolation Voltage3
Vr.m.s.
5000
TA
Operating Ambient Temp.
°C
-55 to +100
TSTG
Storage Temperature
°C
-55 to +150
ABSOLUTE MAXIMUM RATINGS1 (TA = 25°C)
PART NUMBER
PACKAGE
PACKAGE STYLE
PS2501A-1
4-PIN DIP
Magazine case 100 pcs
PS2501AL-1
PS2501AL-1-E3
4-PIN DIP
Embossed tape 1000 pcs/reel
PS2501AL-1-E4
PS2501AL-1-F3
4-PIN DIP
Embossed tape 2000 pcs/reel
PS2501AL-1-F4
ORDERING INFORMATION


Similar Part No. - PS2501AL-1-F3

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS2501AL-1-F3 CEL-PS2501AL-1-F3 Datasheet
233Kb / 12P
   HIGH ISOLATION VOLTAGE SINGLE TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
PS2501AL-1-F3-A CEL-PS2501AL-1-F3-A Datasheet
233Kb / 12P
   HIGH ISOLATION VOLTAGE SINGLE TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
More results

Similar Description - PS2501AL-1-F3

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS2501-1 RENESAS-PS2501-1 Datasheet
258Kb / 15P
   HIGH ISOLATION VOLTAGE SINGLE TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
logo
California Eastern Labs
PS2561L-1 CEL-PS2561L-1 Datasheet
496Kb / 21P
   HIGH ISOLATION VOLTAGE SINGLE TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
PS2501-1 CEL-PS2501-1_13 Datasheet
243Kb / 13P
   HIGH ISOLATION VOLTAGE SINGLE TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
PS2561A-1 CEL-PS2561A-1_13 Datasheet
950Kb / 15P
   HIGH ISOLATION VOLTAGE SINGLE TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
logo
Renesas Technology Corp
PS2561-1 RENESAS-PS2561-1_15 Datasheet
311Kb / 21P
   HIGH ISOLATION VOLTAGE SINGLE TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
logo
celduc-relais
PS2501-1-L-A CELDUC-PS2501-1-L-A Datasheet
243Kb / 13P
   HIGH ISOLATION VOLTAGE SINGLE TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
logo
List of Unclassifed Man...
PS2501L-1-L ETC2-PS2501L-1-L Datasheet
243Kb / 13P
   HIGH ISOLATION VOLTAGE SINGLE TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
PS2501A-1 ETC1-PS2501A-1 Datasheet
371Kb / 12P
   HIGH ISOLATION VOLTAGE SINGLE TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
logo
California Eastern Labs
PS2501A-1 CEL-PS2501A-1 Datasheet
233Kb / 12P
   HIGH ISOLATION VOLTAGE SINGLE TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
logo
NEC
PS2501-1 NEC-PS2501-1_1 Datasheet
126Kb / 13P
   HIGH ISOLATION VOLTAGE SINGLE TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com