Electronic Components Datasheet Search |
|
SFH692AT Datasheet(PDF) 1 Page - Vishay Siliconix |
|
SFH692AT Datasheet(HTML) 1 Page - Vishay Siliconix |
1 / 5 page VISHAY SFH692AT Document Number 83720 Rev. 5, 25-Jun-03 Vishay Semiconductors www.vishay.com 1 i179067 1 2 4 3 E C A C Photodarlington Optocoupler, High BVCEO Voltage Miniflat SOP Package Features • SOP (Small Outline Package) • Isolation Test Voltage, 3750 VRMS (1.0 s) • High Collector-Emitter Breakdown Voltage, VCEO = 300 V • Low Saturation Voltage • Fast Switching Times • Temperature Stable • Low Coupling capacitance • End-Stackable, .100 " (2.54 mm) Spacing Agency Approvals • UL - File No. E52744 Applications High density mounting or space sensitive PCBs PLCs Telecommunication Description The SFH692AT has a GaAs infrared emitting diode emitter, which is optically coupled to silicon planar phototransistor detector, and is incorporated in a 4 pin 100 mil lead pitch miniflat package. It features a high current transfer ratio, low coupling capacitance, and high isolation voltage. The coupling devices are designed for signal trans- mission between two electrically separated circuits. The SFH692AT is available only on tape and reel. Order Information For additional order information see Option Section Absolute Maximum Ratings Tamb = 25 °C, unless otherwise specified Stresses in excess of the absolute Maximum Ratings can cause permanent damage to the devise. Functional operation of the device is not implied at these or any other conditions in excess of those given in the operational sections of this document. Exposure to absolute Maximum Rating for extended periods of the time can adversely affect reliability. Emitter Part Remarks SFH692AT CTR > 1000 %, SMD Parameter Test condition Symbol Value Unit DC Forward current IF 50 mA Reverse voltage VR 6.0 V Surge Forward current tp ≤ 10 µs IFSM 2.5 A Total power dissipation PDiss 80 mW |
Similar Part No. - SFH692AT |
|
Similar Description - SFH692AT |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |