Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65LVDS31PWR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # SN65LVDS31PWR
Description  HIGH SPEED DIFFERENTIAL LINE DRIVERS
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65LVDS31PWR Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN65LVDS31PWR Datasheet HTML 3Page - Texas Instruments SN65LVDS31PWR Datasheet HTML 4Page - Texas Instruments SN65LVDS31PWR Datasheet HTML 5Page - Texas Instruments SN65LVDS31PWR Datasheet HTML 6Page - Texas Instruments SN65LVDS31PWR Datasheet HTML 7Page - Texas Instruments SN65LVDS31PWR Datasheet HTML 8Page - Texas Instruments SN65LVDS31PWR Datasheet HTML 9Page - Texas Instruments SN65LVDS31PWR Datasheet HTML 10Page - Texas Instruments SN65LVDS31PWR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 33 page
background image
SN55LVDS31, SN65LVDS31, SN65LVDS3487, SN65LVDS9638
HIGHSPEED DIFFERENTIAL LINE DRIVERS
SLLS261K − JULY 1997 − REVISED MARCH 2004
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
SN65LVDSxxxx switching characteristics over recommended operating conditions (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
SN65LVDS31
SN65LVDS3487
SN65LVDS9638
UNIT
MIN
TYP†
MAX
tPLH
Propagation delay time, low-to-high-level output
0.5
1.4
2
ns
tPHL
Propagation delay time, high-to-low-level output
1
1.7
2.5
ns
tr
Differential output signal rise time (20% to 80%)
RL = 100 Ω, CL = 10 pF,
0.4
0.5
0.6
ns
tf
Differential output signal fall time (80% to 20%)
RL = 100 Ω, CL = 10 pF,
See Figure 2
0.4
0.5
0.6
ns
tsk(p)
Pulse skew (|tPHL − tPLH|)
See Figure 2
0.3
0.6
ns
tsk(o)
Channel-to-channel output skew‡
0
0.3
ns
tsk(pp)
Part-to-part skew§
800
ps
tPZH
Propagation delay time, high-impedance-to-high-level output
5.4
15
ns
tPZL
Propagation delay time, high-impedance-to-low-level output
See Figure 4
2.5
15
ns
tPHZ
Propagation delay time, high-level-to-high-impedance output
See Figure 4
8.1
15
ns
tPLZ
Propagation delay time, low-level-to-high-impedance output
7.3
15
ns
† All typical values are at TA = 25°C and with VCC = 3.3 V.
‡ tsk(o) is the skew between specified outputs of a single device with all driving inputs connected together and the outputs switching in the same
direction while driving identical specified loads.
§ tsk(pp) is the magnitude of the difference in propagation delay times between any specified terminals of two devices when both devices operate
with the same supply voltages, same temperature, and have identical packages and test circuits.


Similar Part No. - SN65LVDS31PWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDS31PWR TI-SN65LVDS31PWR Datasheet
1Mb / 29P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS
SN65LVDS31PWR TI-SN65LVDS31PWR Datasheet
1Mb / 29P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS
SN65LVDS31PWR TI-SN65LVDS31PWR Datasheet
1Mb / 30P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS
SN65LVDS31PWR TI-SN65LVDS31PWR Datasheet
522Kb / 22P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVER/RECEIVERS
SN65LVDS31PWR TI-SN65LVDS31PWR Datasheet
1Mb / 33P
[Old version datasheet]   HIGH-SPEED DIFFRENTIAL LINE DRIVERS
More results

Similar Description - SN65LVDS31PWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDS31 TI-SN65LVDS31_09 Datasheet
1Mb / 30P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS
logo
Pericom Semiconductor C...
PI90LV387 PERICOM-PI90LV387 Datasheet
386Kb / 7P
   High-Speed Differential Line Drivers
logo
Texas Instruments
SN65LVDS387 TI-SN65LVDS387 Datasheet
276Kb / 18P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS
SN65LVDS387 TI-SN65LVDS387_07 Datasheet
323Kb / 18P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS
SN65LVDS387 TI1-SN65LVDS387_16 Datasheet
1Mb / 39P
[Old version datasheet]   High-Speed Differential Line Drivers
SN55LVDS31 TI-SN55LVDS31_07 Datasheet
1Mb / 29P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS
SN75LVDS31 TI-SN75LVDS31_01 Datasheet
266Kb / 16P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS
logo
STMicroelectronics
STLVDS31 STMICROELECTRONICS-STLVDS31 Datasheet
333Kb / 13P
   HIGH SPEED DIFFERENTIAL LINE DRIVERS
May 2003
STLVDS31 STMICROELECTRONICS-STLVDS31_06 Datasheet
216Kb / 15P
   High speed differential line drivers
logo
Pericom Semiconductor C...
PI90LV3811 PERICOM-PI90LV3811 Datasheet
325Kb / 9P
   High-Speed Differential Line Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com