Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65LVDS9638DGN Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # SN65LVDS9638DGN
Description  HIGH SPEED DIFFERENTIAL LINE DRIVERS
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65LVDS9638DGN Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN65LVDS9638DGN Datasheet HTML 2Page - Texas Instruments SN65LVDS9638DGN Datasheet HTML 3Page - Texas Instruments SN65LVDS9638DGN Datasheet HTML 4Page - Texas Instruments SN65LVDS9638DGN Datasheet HTML 5Page - Texas Instruments SN65LVDS9638DGN Datasheet HTML 6Page - Texas Instruments SN65LVDS9638DGN Datasheet HTML 7Page - Texas Instruments SN65LVDS9638DGN Datasheet HTML 8Page - Texas Instruments SN65LVDS9638DGN Datasheet HTML 9Page - Texas Instruments SN65LVDS9638DGN Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 33 page
background image
SN55LVDS31, SN65LVDS31, SN65LVDS3487, SN65LVDS9638
HIGHSPEED DIFFERENTIAL LINE DRIVERS
SLLS261K − JULY 1997 − REVISED MARCH 2004
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
SN65LVDSxxxx electrical characteristics over recommended operating conditions (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
SN65LVDS31
SN65LVDS3487
SN65LVDS9638
UNIT
MIN
TYP†
MAX
VOD
Differential output voltage magnitude
RL = 100 Ω,
See Figure 2
247
340
454
mV
∆VOD
Change in differential output voltage magnitude
between logic states
RL = 100 Ω,
See Figure 2
−50
50
mV
VOC(SS)
Steady-state common-mode output voltage
See Figure 3
1.125
1.2
1.375
V
∆VOC(SS)
Change in steady-state common-mode output voltage
between logic states
See Figure 3
−50
50
mV
VOC(PP)
Peak-to-peak common-mode output voltage
See Figure 3
50
150
mV
SN65LVDS31,
VI = 0.8 V or 2 V,
No load
Enabled,
9
20
ICC
Supply current
SN65LVDS31,
SN65LVDS3487
VI = 0.8 or 2 V,
Enabled
RL = 100 Ω,
25
35
mA
ICC
Supply current
VI = 0 or VCC,
Disabled
0.25
1
mA
SN65LVDS9638
VI = 0.8 V or 2 V
No load
4.7
8
SN65LVDS9638
VI = 0.8 V or 2 V
RL = 100 Ω
9
13
IIH
High-level input current
VIH = 2
4
20
µA
IIL
Low-level input current
VIL = 0.8 V
0.1
10
µA
IOS
Short-circuit output current
VO(Y) or VO(Z) = 0
−4
−24
mA
IOS
Short-circuit output current
VOD = 0
±12
mA
IOZ
High-impedance output current
VO = 0 or 2.4 V
±1
µA
IO(OFF)
Power-off output current
VCC = 0,
VO = 2.4 V
±1
µA
Ci
Input capacitance
3
pF
† All typical values are at TA = 25°C and with VCC = 3.3 V.


Similar Part No. - SN65LVDS9638DGN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDS9638DGN TI-SN65LVDS9638DGN Datasheet
277Kb / 19P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS
SN65LVDS9638DGN TI-SN65LVDS9638DGN Datasheet
1Mb / 29P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS
SN65LVDS9638DGN TI-SN65LVDS9638DGN Datasheet
1Mb / 29P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS
SN65LVDS9638DGN TI-SN65LVDS9638DGN Datasheet
1Mb / 30P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS
SN65LVDS9638DGN TI-SN65LVDS9638DGN Datasheet
522Kb / 22P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVER/RECEIVERS
More results

Similar Description - SN65LVDS9638DGN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDS31 TI-SN65LVDS31_09 Datasheet
1Mb / 30P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS
logo
Pericom Semiconductor C...
PI90LV387 PERICOM-PI90LV387 Datasheet
386Kb / 7P
   High-Speed Differential Line Drivers
logo
Texas Instruments
SN65LVDS387 TI-SN65LVDS387 Datasheet
276Kb / 18P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS
SN65LVDS387 TI-SN65LVDS387_07 Datasheet
323Kb / 18P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS
SN65LVDS387 TI1-SN65LVDS387_16 Datasheet
1Mb / 39P
[Old version datasheet]   High-Speed Differential Line Drivers
SN55LVDS31 TI-SN55LVDS31_07 Datasheet
1Mb / 29P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS
SN75LVDS31 TI-SN75LVDS31_01 Datasheet
266Kb / 16P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS
logo
STMicroelectronics
STLVDS31 STMICROELECTRONICS-STLVDS31 Datasheet
333Kb / 13P
   HIGH SPEED DIFFERENTIAL LINE DRIVERS
May 2003
STLVDS31 STMICROELECTRONICS-STLVDS31_06 Datasheet
216Kb / 15P
   High speed differential line drivers
logo
Pericom Semiconductor C...
PI90LV3811 PERICOM-PI90LV3811 Datasheet
325Kb / 9P
   High-Speed Differential Line Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com