Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS57014A Datasheet(PDF) 6 Page - Texas Instruments

Part # TMS57014A
Description  DUAL AUDIO DIGITAL-TO-ANALOG CONVERTER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS57014A Datasheet(HTML) 6 Page - Texas Instruments

Back Button TMS57014A Datasheet HTML 2Page - Texas Instruments TMS57014A Datasheet HTML 3Page - Texas Instruments TMS57014A Datasheet HTML 4Page - Texas Instruments TMS57014A Datasheet HTML 5Page - Texas Instruments TMS57014A Datasheet HTML 6Page - Texas Instruments TMS57014A Datasheet HTML 7Page - Texas Instruments TMS57014A Datasheet HTML 8Page - Texas Instruments TMS57014A Datasheet HTML 9Page - Texas Instruments TMS57014A Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
TMS57014A
DUAL AUDIO DIGITAL-TO-ANALOG CONVERTER
SLAS077D – SEPTEMBER 1993 – REVISED NOVEMBER 1995
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
de-emphasis filter (continued)
0
10
–10
De-emphasis
3.18
(50
µs)
10.6
(15
µs)
Frequency – kHz
Figure 4. De-emphasis Characteristics
digital attenuation
A value selected in the internal attenuation register determines the attenuation of the digital-audio-data input.
The attenuation value is 11 bits long with a valid range of hex values from 400h to 000h. A data value of 001h
corresponds to an attenuation value of – 60 dB and a data value of 400h corresponds to 0 dB. The attenuation
function is nonlinear (see equation 1). Figure 5 illustrates the attenuation function in dB. The default attenuation
value is 400h.
Attenuation
+ 20 log attenuation data
1024
(1)
0
–10
–20
–30
–40
–50
–60
1024 896
768
640
512
384
256
128
0
Attenuation Data (decimal values)
Figure 5. Digital Attenuation Characteristics


Similar Part No. - TMS57014A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS5701114CPGEQQ1 TI1-TMS5701114CPGEQQ1 Datasheet
8Mb / 169P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
TMS5701114CZWTQQ1 TI1-TMS5701114CZWTQQ1 Datasheet
8Mb / 169P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
TMS5701114PGEQQ1 TI1-TMS5701114PGEQQ1 Datasheet
232Kb / 4P
[Old version datasheet]   Flash options from 256 KB to 4 MB and performance from 80 MHz to 300 MHz
TMS5701114ZWTQQ1 TI1-TMS5701114ZWTQQ1 Datasheet
232Kb / 4P
[Old version datasheet]   Flash options from 256 KB to 4 MB and performance from 80 MHz to 300 MHz
TMS5701115CPGEQQ1 TI1-TMS5701115CPGEQQ1 Datasheet
9Mb / 175P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
More results

Similar Description - TMS57014A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM1789 TI1-PCM1789 Datasheet
1Mb / 41P
[Old version datasheet]   Audio Digital-to-Analog Converter
PCM1753-Q1 TI1-PCM1753-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   Audio Digital-to-Analog Converter
PCM1780 TI1-PCM1780_15 Datasheet
724Kb / 35P
[Old version datasheet]   Audio Digital-to-Analog Converter
PCM1748 TI1-PCM1748_15 Datasheet
974Kb / 38P
[Old version datasheet]   Audio Digital-to-Analog Converter
PCM1795 TI1-PCM1795 Datasheet
1Mb / 63P
[Old version datasheet]   Stereo Audio Digital-to-Analog Converter
PCM1793 TI1-PCM1793_08 Datasheet
454Kb / 29P
[Old version datasheet]   AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
PCM1710U BURR-BROWN-PCM1710U Datasheet
192Kb / 17P
   Stereo Audio DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
PCM1794A TI1-PCM1794A Datasheet
995Kb / 34P
[Old version datasheet]   Audio Stereo Digital-to-Analog Converter
PCM1738 TI1-PCM1738_15 Datasheet
709Kb / 47P
[Old version datasheet]   Audio-Stereo Digital-to-Analog Converter
PCM1791A TI1-PCM1791A_09 Datasheet
694Kb / 61P
[Old version datasheet]   AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com