Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS57014ADWBLE Datasheet(PDF) 10 Page - Texas Instruments

Part # TMS57014ADWBLE
Description  DUAL AUDIO DIGITAL-TO-ANALOG CONVERTER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS57014ADWBLE Datasheet(HTML) 10 Page - Texas Instruments

Back Button TMS57014ADWBLE Datasheet HTML 6Page - Texas Instruments TMS57014ADWBLE Datasheet HTML 7Page - Texas Instruments TMS57014ADWBLE Datasheet HTML 8Page - Texas Instruments TMS57014ADWBLE Datasheet HTML 9Page - Texas Instruments TMS57014ADWBLE Datasheet HTML 10Page - Texas Instruments TMS57014ADWBLE Datasheet HTML 11Page - Texas Instruments TMS57014ADWBLE Datasheet HTML 12Page - Texas Instruments TMS57014ADWBLE Datasheet HTML 13Page - Texas Instruments TMS57014ADWBLE Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
TMS57014A
DUAL AUDIO DIGITAL-TO-ANALOG CONVERTER
SLAS077D – SEPTEMBER 1993 – REVISED NOVEMBER 1995
10
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
digital interface, AVDD = DVDD = 5 V ± 5% (see Note 4)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
256FSO
IO = – 0.4 mA
VDD – 0.5
VOH
High level output voltage
L1, L 2, R1, R2
IO = – 12 mA
VDD – 0.5
V
VOH
High-level output voltage
XOUT
IO = – 1.2 mA
VDD – 0.5
V
MUTEL, MUTER
IO = – 1 mA
VDD – 0.5
256FSO
IO = 0.4 mA
0.4
VOL
Low level output voltage
L1, L 2, R1, R2
IO = 12 mA
0.5
V
VOL
Low-level output voltage
XOUT
IO = 1.2 mA
0.5
V
MUTEL, MUTER
IO = 1 mA
0.4
IIH
High-level input current, any digital input
±1
±5
µA
IIL
Low-level input current, any digital input
±1
±5
µA
Ci
Input capacitance
5
pF
Co
Output capacitance
5
pF
† All typical values are at TA = 25°C.
NOTE 4: DVDD, AVDDL, XVDD and AVDDR tied together represents VDD.
supplies, AVDD = DVDD = 5 V ± 5%, no load
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
Analog power supply current
AVDDL and AVDDR are shorted together
15
mA
Digital power supply current
15
mA
Total device supply current over operating
temperature range
60
mA
Power dissipation
350
mW
† All typical values are at TA = 25°C.
DAC modulator, AVDD = DVDD = 5 V± 5%, sample rate (Fs) = 44.1 kHz, full-scale input sine wave at 1 kHz,
TA = 25°C, bandwidth is 20 Hz to 20 kHz
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
Resolution
See Note 5
18
bits
Signal-to-noise ratio
A-weighted,
20 Hz to 20 kHz,
See Figure 10, Table 5, and Note 5
De-emphasis not selected
96
100
dB
Total harmonic distortion
20 Hz to 20 kHz,
See Note 5
0.003%
0.004%
† All typical values are at TA = 25°C.
NOTE 5: These specifications are measured at the output (VO) of the low-pass filter shown in Figure 7.
filter characteristics, AVDD = DVDD = 5 V± 5%, de-emphasis disabled
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
Pass-band ripple
Sample rate (F ) = 48 kHz
See Note 5
– 0.002
0.002
dB
Stop-band attenuation
Sample rate (Fs) = 48 kHz, See Note 5
75
dB
Pass band (– 3 dB) (DAC)
0
0.46 Fs
kHz
Stop band
See Note 5
0.54 Fs
kHz
Group delay
29 / Fs
s
† All typical values are at TA = 25°C.
NOTE 5: These specifications are measured at the output (VO) of the low-pass filter shown in Figure 7.


Similar Part No. - TMS57014ADWBLE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS5701114CPGEQQ1 TI1-TMS5701114CPGEQQ1 Datasheet
8Mb / 169P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
TMS5701114CZWTQQ1 TI1-TMS5701114CZWTQQ1 Datasheet
8Mb / 169P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
TMS5701114PGEQQ1 TI1-TMS5701114PGEQQ1 Datasheet
232Kb / 4P
[Old version datasheet]   Flash options from 256 KB to 4 MB and performance from 80 MHz to 300 MHz
TMS5701114ZWTQQ1 TI1-TMS5701114ZWTQQ1 Datasheet
232Kb / 4P
[Old version datasheet]   Flash options from 256 KB to 4 MB and performance from 80 MHz to 300 MHz
TMS5701115CPGEQQ1 TI1-TMS5701115CPGEQQ1 Datasheet
9Mb / 175P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
More results

Similar Description - TMS57014ADWBLE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM1789 TI1-PCM1789 Datasheet
1Mb / 41P
[Old version datasheet]   Audio Digital-to-Analog Converter
PCM1753-Q1 TI1-PCM1753-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   Audio Digital-to-Analog Converter
PCM1780 TI1-PCM1780_15 Datasheet
724Kb / 35P
[Old version datasheet]   Audio Digital-to-Analog Converter
PCM1748 TI1-PCM1748_15 Datasheet
974Kb / 38P
[Old version datasheet]   Audio Digital-to-Analog Converter
PCM1795 TI1-PCM1795 Datasheet
1Mb / 63P
[Old version datasheet]   Stereo Audio Digital-to-Analog Converter
PCM1793 TI1-PCM1793_08 Datasheet
454Kb / 29P
[Old version datasheet]   AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
PCM1710U BURR-BROWN-PCM1710U Datasheet
192Kb / 17P
   Stereo Audio DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
PCM1794A TI1-PCM1794A Datasheet
995Kb / 34P
[Old version datasheet]   Audio Stereo Digital-to-Analog Converter
PCM1738 TI1-PCM1738_15 Datasheet
709Kb / 47P
[Old version datasheet]   Audio-Stereo Digital-to-Analog Converter
PCM1791A TI1-PCM1791A_09 Datasheet
694Kb / 61P
[Old version datasheet]   AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com