Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VRE204 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # VRE204
Description  Precision Surface Mount Reference Supply
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

VRE204 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  VRE204 Datasheet HTML 1Page - List of Unclassifed Manufacturers VRE204 Datasheet HTML 2Page - List of Unclassifed Manufacturers VRE204 Datasheet HTML 3Page - List of Unclassifed Manufacturers VRE204 Datasheet HTML 4Page - List of Unclassifed Manufacturers VRE204 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
•• VERY HIGH ACCURACY: 4.5000 V OUTPUT ±0.4 mV
•• EXTREMELY LOW DRIFT: 0.6 ppm/°C -55°C to +125°C
•• EXCELLENT STABILITY: 6ppm/1000 Hrs. Typ.
•• EXCELLENT LINE REGULATION: 6 ppm/V Typ.
•• WIDE SUPPLY RANGE: +13.5 V to +22.0 V
•• HERMETIC 20 TERMINAL CERAMIC LCC
•• MILITARY PROCESSING AVAILABLE
VRE204
Precision Surface Mount
Reference Supply
DESCRIPTION
APPLICATIONS
•• PRECISION A/D and D/A CONVERTERS
•• TRANSDUCER EXCITATION
•• ACCURATE COMPARATOR THRESHOLD
REFERENCE
•• HIGH RESOLUTION SERVO SYSTEMS
•• DIGITAL VOLTMETERS
•• HIGH PRECISION TEST and
MEASUREMENT INSTRUMENTS
FEATURES
SELECTION GUIDE
VRE204 Series Precision Voltage References
provide ultrastable +4.500 V outputs with up to
±0.4
mV
initial
accuracy
and
temperature
coefficient as low as 0.6 ppm/°C over the full
military temperature range.
These references are specifically designed to be
used with the Crystal Semiconductor line of
successive-approximation type Analog-to-Digital
Converters (ADCs). This line of ADCs sets new
standards for temperature drift, which can only be
as good as the external reference used. The
Thaler VRE204 combined with a Crystal ADC will
provide
the
lowest
drift
data
conversion
obtainable.
Type
Output
Temperature
Operating Range
Max. Volt
Deviation
VRE204C
+4.5V
-25°C to +85°C
0.4mV
VRE204CA
+4.5V
-25°C to +85°C
0.2mV
VRE204M
+4.5V
-55°C to +125°C
0.6mV
VRE204MA +4.5V
-55°C to +125°C
0.3mV
VRE204 series devices are available in two operating temperature ranges, -25°C to +85°C and -55°C to
+125°C, and two performance grades. All devices are packaged in 20 terminal LCC ceramic packages
for maximum long-term stability. "M" versions are screened for high reliability and quality.
Superior stability, accuracy, and quality make the VRE204 ideal for all precision applications which may
require a 4.5V reference. High-accuracy test and measurement instrumentation, and transducer
excitation are some other applications which can benefit from the high accuracy of the VRE204.
VRE204DS REV. C JUNE 1995
THALER CORPORATION • 2015 N. FORBES BOULEVARD • TUCSON, AZ. 85745 • (520) 882-4000


Similar Part No. - VRE204

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
VRE204 ETC2-VRE204 Datasheet
540Kb / 20P
   Precision Surface Mount Reference Supplies
logo
Cirrus Logic
VRE204 CIRRUS-VRE204 Datasheet
281Kb / 4P
   Precision Voltage Reference
VRE204 CIRRUS-VRE204 Datasheet
346Kb / 4P
   Precision Voltage Reference
logo
List of Unclassifed Man...
VRE204C ETC2-VRE204C Datasheet
540Kb / 20P
   Precision Surface Mount Reference Supplies
VRE204CA ETC2-VRE204CA Datasheet
540Kb / 20P
   Precision Surface Mount Reference Supplies
More results

Similar Description - VRE204

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
VRE205 ETC1-VRE205 Datasheet
197Kb / 5P
   Precision Surface Mount Reference Supply
VRE202 ETC-VRE202 Datasheet
169Kb / 5P
   Precision Surface Mount Reference Supplies
VRE202 ETC2-VRE202_07 Datasheet
540Kb / 20P
   Precision Surface Mount Reference Supplies
logo
Analog Devices
LT6654BX AD-LT6654BX Datasheet
1Mb / 14P
   Wide Supply 2.5V Precision Voltage Reference
logo
Maxim Integrated Produc...
MAX6035 MAXIM-MAX6035 Datasheet
717Kb / 14P
   High-Supply-Voltage, Precision Voltage Reference in SOT23
Rev 1; 5/03
MAX9040 MAXIM-MAX9040 Datasheet
162Kb / 12P
   Micropower, Single-Supply, SOT23 Comparator Precision Reference ICs
Rev 1; 1/00
MAX6035 MAXIM-MAX6035_06 Datasheet
781Kb / 15P
   High-Supply-Voltage, Precision Voltage Reference in SOT23
Rev 3; 11/06
logo
Linear Technology
LT1021DCS8 LINER-LT1021DCS8 Datasheet
218Kb / 3P
   Precision Reference?
LT1236 LINER-LT1236_15 Datasheet
230Kb / 12P
   Precision Reference
LM399 LINER-LM399_15 Datasheet
171Kb / 8P
   Precision Reference
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com