Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACS750LCA-050 Datasheet(PDF) 1 Page - Allegro MicroSystems

Part # ACS750LCA-050
Description  Current Sensor
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ACS750LCA-050 Datasheet(HTML) 1 Page - Allegro MicroSystems

  ACS750LCA-050 Datasheet HTML 1Page - Allegro MicroSystems ACS750LCA-050 Datasheet HTML 2Page - Allegro MicroSystems ACS750LCA-050 Datasheet HTML 3Page - Allegro MicroSystems ACS750LCA-050 Datasheet HTML 4Page - Allegro MicroSystems ACS750LCA-050 Datasheet HTML 5Page - Allegro MicroSystems ACS750LCA-050 Datasheet HTML 6Page - Allegro MicroSystems ACS750LCA-050 Datasheet HTML 7Page - Allegro MicroSystems ACS750LCA-050 Datasheet HTML 8Page - Allegro MicroSystems ACS750LCA-050 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Current Sensor: ACS750xCA-050
Worcester,Massachusetts01615-0036 (508)853-5000
Copyright©2003,AllegroMicroSystems,Inc.
ACS75050-DS Rev.4
Always order by complete part number:
Always order by complete part number:
ACS750SCA-050
ACS750LCA-050
The Allegro ACS750 family of current sensors provides economical and precise
solutions for current sensing in industrial, commercial, automotive, and com-
munications systems. The device package allows easy implementation by the
customer. Typical applications include: motor control, load detection and man-
agement, switched mode power supplies, and overcurrent fault protection.
The sensor consists of a precision linear Hall IC, which is optimized to an internal
magnetic circuit to increase device sensitivity. The combination of a precisely
controlled self-aligning assembly process (patents pending), and the factory pro-
grammed precision of the linear Hall sensor, result in high-level performance and
product uniformity.
The primary conductor used for current sensing (terminals 4 and 5) is designed
for extremely low power loss. These power terminals also are electrically isolated
from the sensor leads (pins 1, 2, and 3). This allows the ACS750 family of sen-
sors to be used in applications requiring electrical isolation, without using opto-
isolators or other costly isolation techniques.
The output of this device has a positive slope (>VCC /2) when an increasing cur-
rent flows from terminal 4 to terminal 5.
The ACS750 family is lead-free. All leads are coated with 100% matte tin, and
there is no lead inside the package. The heavy gauge leadframe is made of
oxygen-free copper.
Features and Benefits
• Monolithic Hall IC for high reliability
• Single +5 V supply
• High isolation voltage
• Lead-free
• UL recognized
• Automotive temperature range available
• End-of-line factory-trimmed for gain and offset
• Ultra-low power loss: low resistance of primary conductor
• Ratiometric output from supply voltage
• Low thermal drift of offset voltage
• On-chip transient protection
• Small package size, with easy mounting capability
Applications
• Industrial systems
• Motor control
• Power conversion
• Battery monitors
• Automotive systems
ABSOLUTE MAXIMUM RATINGS
Operating Temperature
S .....................................................–20 to +85ºC
L ...................................................–40 to +150ºC
Supply Voltage, Vcc...........................................16 V
Output Voltage ...................................................16 V
Output Current Source ..................................... 3 mA
Output Current Sink........................................10 mA
Maximum Storage Temperature...................... 170°C
Maximum Junction Temperature .................... 165°C
1 2
3
4
5
Pin 1: VCC
Pin 2: Gnd
Pin 3: Output
Terminal 4: Ip+
Terminal 5: Ip-
TÜV America
Certificate Number:
U8V 04 11 54214 002


Similar Part No. - ACS750LCA-050

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
ACS750LCA-050 ALLEGRO-ACS750LCA-050 Datasheet
499Kb / 12P
   Industrial systems, Motor control, Power conversion, Battery monitors, Automotive systems
ACS750LCA-050 ALLEGRO-ACS750LCA-050 Datasheet
550Kb / 12P
   Current Sensor
More results

Similar Description - ACS750LCA-050

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
ACS754XCB-050 ALLEGRO-ACS754XCB-050 Datasheet
508Kb / 11P
   Current Sensor
ACS754XCB-150 ALLEGRO-ACS754XCB-150 Datasheet
448Kb / 11P
   Current Sensor
ACS755XCB-050 ALLEGRO-ACS755XCB-050 Datasheet
434Kb / 10P
   Current Sensor
logo
Zetex Semiconductors
ZMC10 ZETEX-ZMC10 Datasheet
18Kb / 2P
   Current Sensor
logo
Allegro MicroSystems
ACS752SCA-050 ALLEGRO-ACS752SCA-050 Datasheet
1Mb / 11P
   Current Sensor
ACS750XCA-050 ALLEGRO-ACS750XCA-050_05 Datasheet
550Kb / 12P
   Current Sensor
logo
MPS Industries, Inc.
P4100E5 MPSIND-P4100E5 Datasheet
180Kb / 1P
   CURRENT SENSOR
logo
Diodes Incorporated
ZMC10D DIODES-ZMC10D Datasheet
251Kb / 4P
   Current Sensor
logo
Zetex Semiconductors
ZMC10D ZETEX-ZMC10D Datasheet
244Kb / 4P
   Current Sensor
logo
CUI INC
CSXX05B CUI-CSXX05B_V01 Datasheet
362Kb / 4P
   CURRENT SENSOR
02/19/2020
CSXX05U CUI-CSXX05U_V01 Datasheet
331Kb / 4P
   CURRENT SENSOR
02/19/2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com