Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5246BKS50-RL7 Datasheet(PDF) 6 Page - Analog Devices

Part # AD5246BKS50-RL7
Description  128-Position I2C Compatible Digital Resistor
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5246BKS50-RL7 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD5246BKS50-RL7 Datasheet HTML 2Page - Analog Devices AD5246BKS50-RL7 Datasheet HTML 3Page - Analog Devices AD5246BKS50-RL7 Datasheet HTML 4Page - Analog Devices AD5246BKS50-RL7 Datasheet HTML 5Page - Analog Devices AD5246BKS50-RL7 Datasheet HTML 6Page - Analog Devices AD5246BKS50-RL7 Datasheet HTML 7Page - Analog Devices AD5246BKS50-RL7 Datasheet HTML 8Page - Analog Devices AD5246BKS50-RL7 Datasheet HTML 9Page - Analog Devices AD5246BKS50-RL7 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
AD5246
ABSOLUTE MAXIMUM RATINGS
Table 4. TA = 25°C, unless otherwise noted1
Parameter
Value
VDD to GND
–0.3 V to +7 V
VA, VW to GND
VDD
Terminal Current, Ax–Bx, Ax–Wx, Bx–Wx
Pulsed2
±20 mA
Continuous
±5 mA
Digital Inputs and Output Voltage to GND
0 V to VDD + 0.3 V
Operating Temperature Range
–40°C to +125°C
Maximum Junction Temperature (TJMAX)
150°C
Storage Temperature
–65°C to +150°C
Lead Temperature (Soldering, 10 sec)
300°C
Thermal Resistance3 θJA: SC70-6
340°C/W
1 Stresses above those listed under Absolute Maximum Ratings may cause
permanent damage to the device. This is a stress rating only; functional
operation of the device at these or any other conditions above those
indicated in the operational section of this specification is not implied.
Exposure to absolute maximum rating conditions for extended periods may
affect device reliability.
2 Maximum terminal current is bounded by the maximum current handling of
the switches, maximum power dissipation of the package, and maximum
applied voltage across any two of the A, B, and W terminals at a given
resistance.
3 Package power dissipation = (TJMAX – TA)/θJA.
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on
the human body and test equipment and can discharge without detection. Although this product features
proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy
electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance
degradation or loss of functionality.
Rev. 0 | Page 6 of 20


Similar Part No. - AD5246BKS50-RL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5246BKSZ10-R2 AD-AD5246BKSZ10-R2 Datasheet
370Kb / 16P
   128-Position I2C-Compatible Digital Resistor
REV. C
AD5246BKSZ10-RL7 AD-AD5246BKSZ10-RL7 Datasheet
370Kb / 16P
   128-Position I2C-Compatible Digital Resistor
REV. C
AD5246BKSZ100-R2 AD-AD5246BKSZ100-R2 Datasheet
370Kb / 16P
   128-Position I2C-Compatible Digital Resistor
REV. C
AD5246BKSZ100-RL7 AD-AD5246BKSZ100-RL7 Datasheet
370Kb / 16P
   128-Position I2C-Compatible Digital Resistor
REV. C
AD5246BKSZ5-RL7 AD-AD5246BKSZ5-RL7 Datasheet
370Kb / 16P
   128-Position I2C-Compatible Digital Resistor
REV. C
More results

Similar Description - AD5246BKS50-RL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5246BKSZ100-RL7 AD-AD5246BKSZ100-RL7 Datasheet
370Kb / 16P
   128-Position I2C-Compatible Digital Resistor
REV. C
AD5247 AD-AD5247 Datasheet
1Mb / 20P
   128-Position I2C Compatible Digital Potentiometer
REV. 0
AD5247BKSZ100-2RL7 AD-AD5247BKSZ100-2RL7 Datasheet
489Kb / 20P
   128-Position I2C-Compatible Digital Potentiometer
Rev. F
AD5241 AD-AD5241_09 Datasheet
550Kb / 20P
   I2C-Compatible, 256-Position Digital Potentiometers
REV. C
logo
ON Semiconductor
CAT5171 ONSEMI-CAT5171 Datasheet
171Kb / 12P
   256-Position I2C Compatible Digital Potentiometer
August, 2009 ??Rev. 1
logo
Analog Devices
AD5245BRJ50 AD-AD5245BRJ50 Datasheet
687Kb / 20P
   256-Position I2C-Compatible Digital Potentiometer
REV. B
AD5241BR10 AD-AD5241BR10 Datasheet
394Kb / 16P
   I2C Compatible 256-Position Digital Potentiometers
REV. B
AD5245BRJ10 AD-AD5245BRJ10 Datasheet
687Kb / 20P
   256-Position I2C-Compatible Digital Potentiometer
REV. B
AD5245 AD-AD5245 Datasheet
995Kb / 16P
   256-Position I2C Compatible Digital Potentiometer
REV. 0
AD5245BRJ5 AD-AD5245BRJ5 Datasheet
687Kb / 20P
   256-Position I2C-Compatible Digital Potentiometer
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com