Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK4113VF Datasheet(PDF) 11 Page - Asahi Kasei Microsystems

Part # AK4113VF
Description  192KHZ 24BIT DIR WITH 6:1 SELECTOR
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK4113VF Datasheet(HTML) 11 Page - Asahi Kasei Microsystems

Back Button AK4113VF Datasheet HTML 7Page - Asahi Kasei Microsystems AK4113VF Datasheet HTML 8Page - Asahi Kasei Microsystems AK4113VF Datasheet HTML 9Page - Asahi Kasei Microsystems AK4113VF Datasheet HTML 10Page - Asahi Kasei Microsystems AK4113VF Datasheet HTML 11Page - Asahi Kasei Microsystems AK4113VF Datasheet HTML 12Page - Asahi Kasei Microsystems AK4113VF Datasheet HTML 13Page - Asahi Kasei Microsystems AK4113VF Datasheet HTML 14Page - Asahi Kasei Microsystems AK4113VF Datasheet HTML 15Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 49 page
background image
ASAHI KASEI
[AK4113]
MS0349-E-01
2005/03
- 11 -
Timing Diagram
1/fECLK
tECLKL
VIH
tECLKH
XTI
VIL
dECLK = tECLKH x fECLK x 100
= tECLKL x fECLK x 100
1/fMCK1
50%DVDD
MCKO1
tMCKL1
tMCKH1
dMCK1 = tMCKH1 x fMCK1 x 100
= tMCKL1 x fMCK1 x 100
1/fMCK2
50%DVDD
MCKO2
tMCKL2
tMCKH2
dMCK2 = tMCKH2 x fMCK2 x 100
= tMCKL2 x fMCK2 x 100
1/fs
LRCK
VIH
VIL
tLRL
tLRH
dLCK = tLRH x fs x 100
= tLRL x fs x 100
Figure 3. Clock Timing
tLRB
LRCK
BICK
SDTO
tBSD
tBLR
tBCKL
tBCKH
tLRM
50%DVDD
DAUX
tDXS
tDXH
VIH
VIL
VIH
VIL
VIH
VIL
tBCK
Figure 4. Serial Interface Timing (Slave Mode)


Similar Part No. - AK4113VF

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4113VF AKM-AK4113VF Datasheet
535Kb / 49P
   192KHZ 24BIT DIR WITH 6:1 SELECTOR
More results

Similar Description - AK4113VF

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4113 AKM-AK4113_1 Datasheet
535Kb / 49P
   192KHZ 24BIT DIR WITH 6:1 SELECTOR
logo
Wolfson Microelectronic...
WM8746 WOLFSON-WM8746 Datasheet
265Kb / 31P
   24BIT 192KHZ 6 CHANNEL DAC WITH VOLUME CONTROL
logo
Asahi Kasei Microsystem...
AK5385A AKM-AK5385A Datasheet
175Kb / 24P
   24BIT 192KHZ ADC
AK5385AVF AKM-AK5385AVF Datasheet
172Kb / 24P
   24Bit 192kHz DS ADC
logo
Wolfson Microelectronic...
WM8761 WOLFSON-WM8761 Datasheet
223Kb / 20P
   24BIT 192KHZ STEREO DAC
logo
Asahi Kasei Microsystem...
AKD4387-SB AKM-AKD4387-SB Datasheet
282Kb / 26P
   192kHz sampling 24Bit DAC
AK5385B AKM-AK5385B Datasheet
186Kb / 24P
   24Bit 192kHz ?誇 ADC
AK5385AVS AKM-AK5385AVS Datasheet
172Kb / 24P
   24Bit 192kHz DS ADC
AK4584 AKM-AK4584_01 Datasheet
328Kb / 53P
   24Bit 96kHz Audio CODEC with DIT/DIR
AK4112A AKM-AK4112A Datasheet
304Kb / 31P
   High Feature 96kHz 24bit DIR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com