Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS7615-KQ Datasheet(PDF) 10 Page - Cirrus Logic

Part # CS7615-KQ
Description  CCD IMAGER ANALOG PROCESSOR
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS7615-KQ Datasheet(HTML) 10 Page - Cirrus Logic

Back Button CS7615-KQ Datasheet HTML 6Page - Cirrus Logic CS7615-KQ Datasheet HTML 7Page - Cirrus Logic CS7615-KQ Datasheet HTML 8Page - Cirrus Logic CS7615-KQ Datasheet HTML 9Page - Cirrus Logic CS7615-KQ Datasheet HTML 10Page - Cirrus Logic CS7615-KQ Datasheet HTML 11Page - Cirrus Logic CS7615-KQ Datasheet HTML 12Page - Cirrus Logic CS7615-KQ Datasheet HTML 13Page - Cirrus Logic CS7615-KQ Datasheet HTML 14Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
CS7615
10
DS231PP6
ternal analog gain range is 38 dB in steps of
0.078 dB ideal. Adjustments made in these small
steps should cause no noticeable brightness change
in the image from frame to frame. In addition to the
internal analog gain, the control loop will vary the
shutter speed through the OFDX output from 0 to -
54 dB as it deems necessary.
The AGC algorithm uses a luma or mosaic histo-
gramming technique in which the brightness of
each pixel is binned into one of seven bins. The
number of pixels in a bin will produce an error sig-
nal that is then used to update the gain. The follow-
ing parameters control the loop dynamics and are
programmable to meet the needs of the user.
PAL bit: Selects a PAL or NTSC camera sys-
tem.
AGC Window: Adjusts what portion of the
frame is used for the AGC algorithm.
Luma/Mosaic: Selects whether luma or mosaic
data are used in the histogramming.
HREF
HSYNC
CLAMP
HENB
CCD
OUTPUT
0
HBPD
Active Video
Hsnyr
Hsynf
BC
Hstart
Hend
Optical
black pixels
Inactive
video
Active video
Hlen
Figure 9. Timing Diagram for Href, HSYNC, Clamp, and Henb


Similar Part No. - CS7615-KQ

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS7620 CIRRUS-CS7620 Datasheet
1Mb / 70P
   CCD IMAGER ANALOG PROCESSOR
CS7620-IQ CIRRUS-CS7620-IQ Datasheet
1Mb / 70P
   CCD IMAGER ANALOG PROCESSOR
CS7622 CIRRUS-CS7622 Datasheet
348Kb / 36P
   CCD Imager Analog Processor
CS7622-IQ CIRRUS-CS7622-IQ Datasheet
348Kb / 36P
   CCD Imager Analog Processor
CS7654 CIRRUS-CS7654 Datasheet
1Mb / 62P
   CCD COLOR SPACE PROCESSOR WITH ANALOG OUTPUT
More results

Similar Description - CS7615-KQ

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS7622 CIRRUS-CS7622 Datasheet
348Kb / 36P
   CCD Imager Analog Processor
CS7620 CIRRUS-CS7620 Datasheet
1Mb / 70P
   CCD IMAGER ANALOG PROCESSOR
logo
List of Unclassifed Man...
RA0512J ETC1-RA0512J Datasheet
449Kb / 7P
   Full Frame CCD Imager
logo
STMicroelectronics
STV0502 STMICROELECTRONICS-STV0502 Datasheet
158Kb / 15P
   CCD SENSORS ANALOG PROCESSOR IC
logo
Asahi Kasei Microsystem...
AK8430 AKM-AK8430 Datasheet
269Kb / 25P
   6CH CCD SENSOR ANALOG PROCESSOR
logo
Holtek Semiconductor In...
HT82V38 HOLTEK-HT82V38 Datasheet
137Kb / 16P
   16-Bit CCD/CIS Analog Signal Processor
logo
Unisonic Technologies
M1008 UTC-M1008 Datasheet
372Kb / 11P
   16-BIT CCD/CIS ANALOG SIGNAL PROCESSOR
logo
Holtek Semiconductor In...
HT82V14 HOLTEK-HT82V14 Datasheet
115Kb / 12P
   14-Bit CCD/CIS Analog Signal Processor
HT82V842A HOLTEK-HT82V842A Datasheet
230Kb / 18P
   10-Bit 20MSPS CCD Analog Signal Processor
HT82V16 HOLTEK-HT82V16 Datasheet
139Kb / 12P
   16-Bit CCD/CIS Analog Signal Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com