Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS7615-KQ Datasheet(PDF) 11 Page - Cirrus Logic

Part # CS7615-KQ
Description  CCD IMAGER ANALOG PROCESSOR
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS7615-KQ Datasheet(HTML) 11 Page - Cirrus Logic

Back Button CS7615-KQ Datasheet HTML 7Page - Cirrus Logic CS7615-KQ Datasheet HTML 8Page - Cirrus Logic CS7615-KQ Datasheet HTML 9Page - Cirrus Logic CS7615-KQ Datasheet HTML 10Page - Cirrus Logic CS7615-KQ Datasheet HTML 11Page - Cirrus Logic CS7615-KQ Datasheet HTML 12Page - Cirrus Logic CS7615-KQ Datasheet HTML 13Page - Cirrus Logic CS7615-KQ Datasheet HTML 14Page - Cirrus Logic CS7615-KQ Datasheet HTML 15Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
CS7615
DS231PP6
11
Flickerless Mode: Restricts the shutter speed to
only flickerless values for the given system and
environment.
If the scene is too bright, the
AGC loop will select exposure settings shorter
than the flickerless modes.
PAL Environment: Selects PAL or NTSC envi-
ronment.
Target Value: Adjusts the brightness threshold.
A lower target results in the loop settling to a
lower gain.
Max Gain: Sets a maximum gain value that will
not be exceeded even if the target brightness
has not been met.
Slew: Controls the rate of decay of the gain as
the AGC loop slews because of light intensity
variation.
Speed: Controls the overall loop gain and thus
speed of gain correction.
Min Gain: Sets the minimum on-chip gain al-
lowed. This value should be used if the satura-
tion voltage is less than 1.6V.
Correlated Double Sampling (CDS)
Correlated Double Sampling, as applied to CCD-
based imaging systems, is a method used to remove
low-frequency noise from the output of a CCD im-
ager leaving only the signal of interest. The CDS is
applied prior to amplification by the VGA.
HREF
V1X
V2X
V3X
V4X
V1r
V1f
V2r
V2f
V3f
V3r
V4f
V4r
Figure 10. Vertical Shift Register Signal Timings


Similar Part No. - CS7615-KQ

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS7620 CIRRUS-CS7620 Datasheet
1Mb / 70P
   CCD IMAGER ANALOG PROCESSOR
CS7620-IQ CIRRUS-CS7620-IQ Datasheet
1Mb / 70P
   CCD IMAGER ANALOG PROCESSOR
CS7622 CIRRUS-CS7622 Datasheet
348Kb / 36P
   CCD Imager Analog Processor
CS7622-IQ CIRRUS-CS7622-IQ Datasheet
348Kb / 36P
   CCD Imager Analog Processor
CS7654 CIRRUS-CS7654 Datasheet
1Mb / 62P
   CCD COLOR SPACE PROCESSOR WITH ANALOG OUTPUT
More results

Similar Description - CS7615-KQ

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS7622 CIRRUS-CS7622 Datasheet
348Kb / 36P
   CCD Imager Analog Processor
CS7620 CIRRUS-CS7620 Datasheet
1Mb / 70P
   CCD IMAGER ANALOG PROCESSOR
logo
List of Unclassifed Man...
RA0512J ETC1-RA0512J Datasheet
449Kb / 7P
   Full Frame CCD Imager
logo
STMicroelectronics
STV0502 STMICROELECTRONICS-STV0502 Datasheet
158Kb / 15P
   CCD SENSORS ANALOG PROCESSOR IC
logo
Asahi Kasei Microsystem...
AK8430 AKM-AK8430 Datasheet
269Kb / 25P
   6CH CCD SENSOR ANALOG PROCESSOR
logo
Holtek Semiconductor In...
HT82V38 HOLTEK-HT82V38 Datasheet
137Kb / 16P
   16-Bit CCD/CIS Analog Signal Processor
logo
Unisonic Technologies
M1008 UTC-M1008 Datasheet
372Kb / 11P
   16-BIT CCD/CIS ANALOG SIGNAL PROCESSOR
logo
Holtek Semiconductor In...
HT82V14 HOLTEK-HT82V14 Datasheet
115Kb / 12P
   14-Bit CCD/CIS Analog Signal Processor
HT82V842A HOLTEK-HT82V842A Datasheet
230Kb / 18P
   10-Bit 20MSPS CCD Analog Signal Processor
HT82V16 HOLTEK-HT82V16 Datasheet
139Kb / 12P
   16-Bit CCD/CIS Analog Signal Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com