Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

302U20A Datasheet(PDF) 6 Page - International Rectifier

Part # 302U20A
Description  STANDARD RECOVERY DIODES
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

302U20A Datasheet(HTML) 6 Page - International Rectifier

  302U20A Datasheet HTML 1Page - International Rectifier 302U20A Datasheet HTML 2Page - International Rectifier 302U20A Datasheet HTML 3Page - International Rectifier 302U20A Datasheet HTML 4Page - International Rectifier 302U20A Datasheet HTML 5Page - International Rectifier 302U20A Datasheet HTML 6Page - International Rectifier 302U20A Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
300U(R) Series
6
www.irf.com
Bulletin I2039 rev.
C 03/03
Fig. 5 - Maximum Non-Repetitive Surge Current
Fig. 6 - Maximum Non-Repetitive Surge Current
Fig. 7 - Forward Voltage Drop Characteristics
Fig. 8 - Thermal Impedance Z
thJC
Characteristic
1500
2000
2500
3000
3500
4000
4500
5000
5500
6000
110
100
Numb er Of Equa l Amplitud e Ha lf Cyc le Current Pulses (N)
Initial T = 200°C
@60 Hz 0.0083 s
@50 Hz 0.0100 s
At Any Rated Load Condition And With
Rated V
Applied Following Surge.
RRM
J
300U(R) Series
1500
2000
2500
3000
3500
4000
4500
5000
5500
6000
6500
7000
0.01
0.1
1
Pulse Train Duration (s)
Initial T = 200°C
No Voltage Reapplied
Rated V
Reapplied
Versus Pulse Train Duration.
Maximum Non Repetitive Surge Current
RRM
J
300U(R) Series
10
100
1000
10000
00.5
1
1.5
2
2.5
3
T = 25°C
J
Instantaneous Forward Voltage (V)
T = 200°C
J
300U(R) Series
Square Wave Pulse Duration (s)
0.001
0.01
0.1
1
0.0001
0.001
0.01
0.1
1
10
300U(R) Series
Steady State Value
RthJC = 0.18 K/W
(DC Operation)


Similar Part No. - 302U20A

ManufacturerPart #DatasheetDescription
logo
International Rectifier
302U20A IRF-302U20A Datasheet
188Kb / 7P
   STANDARD RECOVERY DIODES
More results

Similar Description - 302U20A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-25FR VISHAY-VS-25FR_V01 Datasheet
162Kb / 6P
   Standard Recovery Diodes, Standard Recovery Diodes,
01-Jan-2022
VS-50PFR40 VISHAY-VS-50PFR40 Datasheet
186Kb / 8P
   Standard Recovery Diodes, Standard Recovery Diodes,
Revision: 07-Apr-14
logo
International Rectifier
IRK166 IRF-IRK166 Datasheet
328Kb / 12P
   STANDARD RECOVERY DIODES
SD500N30P IRF-SD500N30P Datasheet
58Kb / 6P
   STANDARD RECOVERY DIODES
16F IRF-16F Datasheet
71Kb / 6P
   STANDARD RECOVERY DIODES
SD150N12PV IRF-SD150N12PV Datasheet
196Kb / 8P
   STANDARD RECOVERY DIODES
SD600N16PC IRF-SD600N16PC Datasheet
126Kb / 8P
   STANDARD RECOVERY DIODES
logo
Vishay Siliconix
SD600R20PC VISHAY-SD600R20PC Datasheet
187Kb / 9P
   Standard Recovery Diodes
Revision: 17-Apr-08
logo
Nell Semiconductor Co.,...
D1070C NELLSEMI-D1070C Datasheet
305Kb / 7P
   Standard Recovery Diodes
logo
International Rectifier
VS-70HF140 IRF-VS-70HF140 Datasheet
106Kb / 7P
   STANDARD RECOVERY DIODES
logo
Vishay Siliconix
VS-302UR60A VISHAY-VS-302UR60A Datasheet
179Kb / 8P
   Standard Recovery Diodes
Revision: 25-Nov-13
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com