Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DG188 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # DG188
Description  High-Speed Drivers with SPDT JFET Switches
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG188 Datasheet(HTML) 5 Page - Vishay Siliconix

  DG188 Datasheet HTML 1Page - Vishay Siliconix DG188 Datasheet HTML 2Page - Vishay Siliconix DG188 Datasheet HTML 3Page - Vishay Siliconix DG188 Datasheet HTML 4Page - Vishay Siliconix DG188 Datasheet HTML 5Page - Vishay Siliconix DG188 Datasheet HTML 6Page - Vishay Siliconix DG188 Datasheet HTML 7Page - Vishay Siliconix DG188 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
DG186/187/188
Vishay Siliconix
Document Number: 70033
S-52895—Rev. E, 16-Jun-97
www.vishay.com
S FaxBack 408-970-5600
4-5
SPECIFICATIONSa For DG188
Test Conditions
Unless Otherwise Specified
Limits
Parameter
Symbol
Unless Otherwise Specified
V+ = 15 V, V– = –15 V, VL = 5 V
VR = 0 V, VIN = 0.8 or 2 Vf
Tempb
Mind
Typc
Maxd
Unit
Analog Switch
Analog Signal Rangee
VANALOG
Full
–10
15
V
Drain-Source
On-Resistance
rDS(on)
IS = –10 mA, VD = –7.5 V
Room
Full
35
75
150
W
Source Off
Lk
C
t
IS(off)
VS = "10 V, VD = #10 V
V+ = 10 V, V– = –20 V
Room
Hot
0.05
1
100
A
Leakage Current
IS(off)
VS = "10 V, VD = #10 V
Room
Hot
0.07
1
100
A
Drain Off
Lk
C
t
ID(off)
VS = "10 V, VD = #10 V
V+ = 10 V, V– = –20 V
Room
Hot
0.04
1
100
nA
Leakage Current
ID(off)
VS = "10 V, VD = #10 V
Room
Hot
0.50
1
100
Channel On
Leakage Current
ID(on)
VD = VS = "10 V
Room
Hot
–2
–200
–0.03
Digital Input
Input Current with
Input Voltage High
IINH
VIN = 5 V
Room
Hot
<0.01
10
20
mA
Input Current with
Input Voltage Low
IINL
VIN = 0 V
Full
–250
–30
mA
Dynamic Characteristics
Turn-On Time
ton
See Switching Time Test Circuit
Room
120
250
ns
Turn-Off Time
toff
See Switching Time Test Circuit
Room
100
130
ns
Source-Off
Capacitance
CS(off)
f1 MH
VS = –5 V, ID = 0
Room
9
F
Drain-Off
Capacitance
CD(off)
f = 1 MHz
VD = –5 V, IS = 0
Room
6
pF
Channel-On
Capacitance
CD(on)
VD = VS = 0 V
Room
14
Off Isolation
OIRR
f = 1 MHz, RL = 75 W
Room
>50
dB
Power Supplies
Positive Supply
Current
I+
V0 V
5 V
Room
0.8
A
Negative Supply
Current
I–
VIN = 0 V, or 5 V
Room
–3
mA
Logic Supply
Current
IL
VIN = 0 V, or 5 V
Room
3.2
mA
Reference Supply
Current
IR
Room
–2
Notes:
a.
Refer to PROCESS OPTION FLOWCHART.
b.
Room = 25
_C, Full = as determined by the operating temperature suffix.
c.
Typical values are for DESIGN AID ONLY, not guaranteed nor subject to production testing.
d.
The algebraic convention whereby the most negative value is a minimum and the most positive a maximum, is used in this data sheet.
e.
Guaranteed by design, not subject to production test.
f.
VIN = input voltage to perform proper function.


Similar Part No. - DG188

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
DG188 INTERSIL-DG188 Datasheet
4Mb / 122P
   P-CHANNEL JFET
DG188 INTERSIL-DG188 Datasheet
2Mb / 117P
   Analog Switches and Multiplexers
logo
Vishay Siliconix
DG188 VISHAY-DG188 Datasheet
88Kb / 9P
   High-Speed Drivers with SPDT JFET Switches
18-Jul-08
logo
Intersil Corporation
DG188AA INTERSIL-DG188AA Datasheet
75Kb / 9P
   High-Speed Drivers with JFET Switch
April 1999
DG188AA/883B INTERSIL-DG188AA/883B Datasheet
75Kb / 9P
   High-Speed Drivers with JFET Switch
April 1999
More results

Similar Description - DG188

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG186 VISHAY-DG186_V01 Datasheet
88Kb / 9P
   High-Speed Drivers with SPDT JFET Switches
18-Jul-08
DG189 VISHAY-DG189_V01 Datasheet
111Kb / 9P
   High-Speed Drivers with Dual SPDT JFET Switches
18-Jul-08
DG189 VISHAY-DG189 Datasheet
127Kb / 9P
   High-Speed Drivers with Dual SPDT JFET Switches
Rev. D, 20-Jun-05
logo
TEMIC Semiconductors
DG183 TEMIC-DG183 Datasheet
113Kb / 8P
   High-Speed Drivers with Dual DPST JFET Switches
logo
Vishay Siliconix
DG180 VISHAY-DG180 Datasheet
84Kb / 8P
   High-Speed Drivers with Dual SPST JFET Switches
Rev. D, 16-Jun-97
DG180 VISHAY-DG180_V01 Datasheet
91Kb / 9P
   High-Speed Drivers with Dual SPST JFET Switches
18-Jul-08
DG183 VISHAY-DG183 Datasheet
82Kb / 8P
   High-Speed Drivers and Dual DPST JFET Switches
Rev. D, 16-Jun-97
DG183 VISHAY-DG183_V01 Datasheet
89Kb / 9P
   High-Speed Drivers and Dual DPST JFET Switches
18-Jul-08
logo
Intersil Corporation
DG181 INTERSIL-DG181 Datasheet
75Kb / 9P
   High-Speed Drivers with JFET Switch
April 1999
logo
BOWEI Integrated Circui...
SW20X BOWEI-SW20X Datasheet
115Kb / 1P
   SPDT Switches
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com