Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY2DP814SIT Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # CY2DP814SIT
Description  1:4 Clock Fanout Buffer
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2DP814SIT Datasheet(HTML) 7 Page - Cypress Semiconductor

  CY2DP814SIT Datasheet HTML 1Page - Cypress Semiconductor CY2DP814SIT Datasheet HTML 2Page - Cypress Semiconductor CY2DP814SIT Datasheet HTML 3Page - Cypress Semiconductor CY2DP814SIT Datasheet HTML 4Page - Cypress Semiconductor CY2DP814SIT Datasheet HTML 5Page - Cypress Semiconductor CY2DP814SIT Datasheet HTML 6Page - Cypress Semiconductor CY2DP814SIT Datasheet HTML 7Page - Cypress Semiconductor CY2DP814SIT Datasheet HTML 8Page - Cypress Semiconductor CY2DP814SIT Datasheet HTML 9Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
ComLink™ Series
CY2DP814
Document #: 38-07060 Rev. *B
Page 7 of 9
Package Drawing and Dimensions
Note:
10. LVPECL or LVDS differential input value.
1
InConfig
LVC M OS / LVTTL
LVTTL/LVCMOS
INPUT A
INPUT B
GND
Figure 6. [7]
In C o n fig
LV PE C L &
LV D S
L V DS/L V PECL
0
Figure 7. [10]
Ordering Information
Part Number
Package Type
Product Flow
CY2DP814ZI
16-pin TSSOP
Industrial, –40
°C to 85°C
CY2DP814ZIT
16-pin TSSOP–Tape and Reel
Industrial, –40
°C to 85°C
CY2DP814SI
16-pin SOIC
Industrial, –40
°C to 85°C
CY2DP814SIT
16-pin SOIC–Tape and Reel
Industrial, –40
°C to 85°C
CY2DP814ZC
16-pin TSSOP
Commercial, 0
°C to 70 °C
CY2DP814ZCT
16-pin TSSOP–Tape and Reel
Commercial, 0
°C to 70 °C
CY2DP814SC
16-pin SOIC
Commercial, 0
°C to 70 °C
CY2DP814SCT
16-pin SOIC–Tape and Reel
Commercial, 0
°C to 70 °C
16-lead (150-mil) Molded SOIC S16
51-85068-A


Similar Part No. - CY2DP814SIT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2DP814 CYPRESS-CY2DP814 Datasheet
158Kb / 8P
   ComLink??Series
CY2DP814 CYPRESS-CY2DP814 Datasheet
429Kb / 9P
   1:4 Clock Fanout Buffer
CY2DP814ZC CYPRESS-CY2DP814ZC Datasheet
158Kb / 8P
   ComLink??Series
CY2DP814ZCT CYPRESS-CY2DP814ZCT Datasheet
158Kb / 8P
   ComLink??Series
CY2DP814ZCT CYPRESS-CY2DP814ZCT Datasheet
429Kb / 9P
   1:4 Clock Fanout Buffer
More results

Similar Description - CY2DP814SIT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2DP814 CYPRESS-CY2DP814_08 Datasheet
429Kb / 9P
   1:4 Clock Fanout Buffer
CY2DL814 CYPRESS-CY2DL814 Datasheet
111Kb / 8P
   1:4 Clock Fanout Buffer
logo
ON Semiconductor
NB3L553 ONSEMI-NB3L553_17 Datasheet
95Kb / 8P
   1:4 Clock Fanout Buffer
January, 2017 ??Rev. 9
NB3N2304NZ ONSEMI-NB3N2304NZ Datasheet
117Kb / 7P
   3.3V 1:4 Clock Fanout Buffer
September, 2006 ??Rev. 0
NB3N2304NZ ONSEMI-NB3N2304NZ_07 Datasheet
143Kb / 7P
   3.3V 1:4 Clock Fanout Buffer
January, 2007 ??Rev. 1
NB4L339 ONSEMI-NB4L339 Datasheet
117Kb / 7P
   3.3V 1:4 Clock Fanout Buffer
September, 2006 ??Rev. 0
NB3N2304NZ ONSEMI-NB3N2304NZ_09 Datasheet
144Kb / 7P
   3.3V 1:4 Clock Fanout Buffer
October, 2009 ??Rev. 6
logo
Asahi Kasei Microsystem...
AK8181A AKM-AK8181A Datasheet
253Kb / 8P
   3.3V LVPECL 1:4 Clock Fanout Buffer
logo
Cypress Semiconductor
CY2DP314 CYPRESS-CY2DP314_05 Datasheet
229Kb / 10P
   1:4 Differential Clock/Data Fanout Buffer
logo
Asahi Kasei Microsystem...
AK8181F AKM-AK8181F Datasheet
654Kb / 12P
   3.3V LVDS 1:4 Clock Fanout Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com