Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDS6676S Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # FDS6676S
Description  30V N-Channel PowerTrench SyncFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDS6676S Datasheet(HTML) 5 Page - Fairchild Semiconductor

  FDS6676S Datasheet HTML 1Page - Fairchild Semiconductor FDS6676S Datasheet HTML 2Page - Fairchild Semiconductor FDS6676S Datasheet HTML 3Page - Fairchild Semiconductor FDS6676S Datasheet HTML 4Page - Fairchild Semiconductor FDS6676S Datasheet HTML 5Page - Fairchild Semiconductor FDS6676S Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
FDS6676S Rev F1 (W)
Typical Characteristics (continued)
SyncFET Schottky Body Diode
Characteristics
Fairchild’s SyncFET process embeds a Schottky diode in
parallel with PowerTrench MOSFET. This diode exhibits
similar characteristics to a discrete external Schottky
diode in parallel with a MOSFET. Figure 12 shows the
reverse recovery characteristic of the FDS6676S.
Figure 12. FDS6676S SyncFET body diode
reverse recovery characteristic.
For comparison purposes, Figure 13 shows the reverse
recovery characteristics of the body diode of an
equivalent size MOSFET produced without SyncFET
(FDS6676).
Figure 13. Non-SyncFET (FDS6676) body
diode reverse recovery characteristic.
Schottky barrier diodes exhibit significant leakage at high
temperature and high reverse voltage. This will increase
the power in the device.
0.00001
0.0001
0.001
0.01
0.1
0
5
10
15
20
25
30
VDS, REVERSE VOLTAGE (V)
T
A = 125
oC
T
A = 25
oC
T
A = 100
oC
Figure 14. SyncFET body diode reverse
leakage versus drain-source voltage and
temperature.
TIME : 12.5ns/div
typ t
RR : 31ns
typ I
RM : 2.4A
TIME : 12.5ns/div
typ t
RR : 31ns
typ I
RM : 1.8A


Similar Part No. - FDS6676S

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDS6676 FAIRCHILD-FDS6676 Datasheet
99Kb / 6P
   30V N-Channel PowerTrench MOSFET
logo
Guangdong Youtai Semico...
FDS6676 UMW-FDS6676 Datasheet
480Kb / 8P
   30V N-Channel MOSFET
logo
Fairchild Semiconductor
FDS6676AS FAIRCHILD-FDS6676AS Datasheet
542Kb / 8P
   30V N-Channel PowerTrench SyncFET
FDS6676AS FAIRCHILD-FDS6676AS Datasheet
1Mb / 8P
   30V N-Channel PowerTrench짰 SyncFET
logo
Guangdong Youtai Semico...
FDS6676AS UMW-FDS6676AS Datasheet
480Kb / 8P
   30V N-Channel MOSFET
More results

Similar Description - FDS6676S

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDP6644S FAIRCHILD-FDP6644S Datasheet
160Kb / 6P
   30V N-Channel PowerTrench SyncFET?
FDS6680AS FAIRCHILD-FDS6680AS Datasheet
551Kb / 8P
   30V N-Channel PowerTrench SyncFET
FDS6699S FAIRCHILD-FDS6699S Datasheet
526Kb / 6P
   30V N-Channel PowerTrench SyncFET
FDD6676AS FAIRCHILD-FDD6676AS Datasheet
120Kb / 8P
   30V N-Channel PowerTrench SyncFET
FDS7764S FAIRCHILD-FDS7764S Datasheet
127Kb / 7P
   30V N-Channel PowerTrench SyncFET
FDP6670AS FAIRCHILD-FDP6670AS Datasheet
100Kb / 6P
   30V N-Channel PowerTrench SyncFET
FDS6688S FAIRCHILD-FDS6688S Datasheet
164Kb / 6P
   30V N-Channel PowerTrench SyncFET
FDP6690S FAIRCHILD-FDP6690S Datasheet
88Kb / 5P
   30V N-Channel PowerTrench SyncFET
FDS6690S FAIRCHILD-FDS6690S Datasheet
262Kb / 9P
   30V N-Channel PowerTrench SyncFET?
FDS6299S FAIRCHILD-FDS6299S Datasheet
114Kb / 6P
   30V N-Channel PowerTrench SyncFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com